Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZM55B24-TR Datasheet(PDF) 6 Page - Vishay Siliconix

Part # BZM55B24-TR
Description  Small Signal Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZM55B24-TR Datasheet(HTML) 6 Page - Vishay Siliconix

  BZM55B24-TR Datasheet HTML 1Page - Vishay Siliconix BZM55B24-TR Datasheet HTML 2Page - Vishay Siliconix BZM55B24-TR Datasheet HTML 3Page - Vishay Siliconix BZM55B24-TR Datasheet HTML 4Page - Vishay Siliconix BZM55B24-TR Datasheet HTML 5Page - Vishay Siliconix BZM55B24-TR Datasheet HTML 6Page - Vishay Siliconix BZM55B24-TR Datasheet HTML 7Page - Vishay Siliconix BZM55B24-TR Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BZM55-Series
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 25-Nov-11
6
Document Number: 85597
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 13 - Thermal Response
PACKAGE DIMENSIONS in millimeters (inches): MicroMELF
1
10
100
1000
tp - Pulse Length (ms)
95 9603
10-1
100
101
102
t
p/T = 0.5
t
p/T = 0.2
t
p/T = 0.1
t
p/T = 0.05
t
p/T = 0.02
t
p/T = 0.01
Single Pulse
R
thJA = 300 K/W
T = T
jmax - Tamb
i
ZM = (- VZ + (VZ
2 + 4r
zj x T/Zthp)
1/2)/(2r
zj)
Cathode indification
surface plan
1 (0.039)
glass
2 (0.079)
1.8 (0.071)
0.25 (0.010)
0.15 (0.006)
> R2.5 (0.098)
Foot print recommendation:
Reflow soldering
Wave soldering
2.4 (0.094)
2.8 (0.110)
0.8 (0.031)
0.8 (0.031)
0.9 (0.035)
0.9 (0.035)
0.8 (0.031)
1 (0.039)
Document no.:6.560-5007.01-4
Rev. 13 - Date: 07.June.2006
96 12072
Created - Date: 26.July.1996
*
* The gap between plug and glass can
be either on cathode or anode side


Similar Part No. - BZM55B24-TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZM55B24 VISHAY-BZM55B24 Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
BZM55B24 VISHAY-BZM55B24 Datasheet
152Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 10-Mar-06
BZM55B24 VISHAY-BZM55B24 Datasheet
173Kb / 7P
   Small Signal Zener Diodes
Rev. 2.0, 26-Aug-10
logo
SHENZHEN YONGERJIA INDU...
BZM55B24 WINNERJOIN-BZM55B24 Datasheet
290Kb / 5P
   Zener diode
More results

Similar Description - BZM55B24-TR

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com