Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C470EZ500-0204-2 Datasheet(PDF) 2 Page - Cree, Inc

Part # C470EZ500-0204-2
Description  EZBright Power Chip LED Rf Performance Maximum DC Forward Current - 300 mA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C470EZ500-0204-2 Datasheet(HTML) 2 Page - Cree, Inc

  C470EZ500-0204-2 Datasheet HTML 1Page - Cree, Inc C470EZ500-0204-2 Datasheet HTML 2Page - Cree, Inc C470EZ500-0204-2 Datasheet HTML 3Page - Cree, Inc C470EZ500-0204-2 Datasheet HTML 4Page - Cree, Inc C470EZ500-0204-2 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Copyright©2009Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeandthe
Creelogoareregisteredtrademarks,andEZBright,EZ,andEZ500aretrademarksofCree,Inc.
2
CPR3EB Rev. -
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com
Maximum Ratings at T
A = 25°C
Note 1
CxxxEZ500-Sxxx00-2
DCForwardCurrent
300mA
PeakForwardCurrent
400mANote3
LEDJunctionTemperature
145°C
ReverseVoltage
5V
OperatingTemperatureRange
-40°Cto+100°C
StorageTemperatureRange
-40°Cto+120°C
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 150 mA
Note 2
Part Number
Forward Voltage (V
F, V)
Reverse Current
[I(Vr=5 V), μA]
Full Width Half Max
(
λ
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C450EZ500-Sxxx00-2
3.1
3.4
4.1
2
19
C460EZ500-Sxxx00-2
3.1
3.4
4.1
2
20
C470EZ500-Sxxx00-2
3.1
3.4
4.1
2
23
C527EZ500-Sxxx00-2
3.1
3.5
4.1
2
35
Mechanical Specifications
CxxxEZ500-Sxxx00-2
Description
Dimension
Tolerance
P-NJunctionArea(µm)
450x450
±40
ChipArea(µm)
480x480
±40
ChipThickness(µm)
170
±25
TopAuBondPadDiameter(µm)
130x130
±15
AuBondPadThickness(µm)
3.0
±1.0
BackContactMetalArea(µm)
480x480
±40
BackContactMetalThickness(µm)
3.0
±1.0
Notes:
1. Maximum ratings are package-dependent. The above ratings were determined using a Au-plated TO39 header without an
encapsulantforcharacterization.Ratingsforotherpackagesmaydiffer.Thejunctiontemperatureshouldbecharacterizedina
specific package to determine limitations. Assembly processing temperature must not exceed 325°C (< 5 seconds). See Cree
EZBrightApplicationsNoteforassembly-processinformation.
2. Allproductsconformtothelistedminimumandmaximumspecificationsforelectricalandopticalcharacteristicswhenassembled
and operated at 150 mA within the maximum ratings shown above. Efficiency decreases at higher currents. Typical values
givenarewithintherangeofaverageexpectedbythemanufacturerinlargequantitiesandareprovidedforinformationonly.
All measurements were made using a Au-plated TO39 header without an encapsulant. Optical characteristics measured in an
integratingsphereusingIlluminanceE.
3. This peak forward current specification is based on a 400-ms pulse width at a 1/5-duty cycle with a junction temperature of
65°C.


Similar Part No. - C470EZ500-0204-2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C470EZ500-0204-2 MARKTECH-C470EZ500-0204-2 Datasheet
290Kb / 5P
   Cree EZ500 Gen II LED
More results

Similar Description - C470EZ500-0204-2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR3547-S7500 CREE-C450TR3547-S7500 Datasheet
449Kb / 5P
   Rectangular LED RF performance Maximum DC forward current 150 mA
C450EZ400-S09000-2 CREE-C450EZ400-S09000-2 Datasheet
294Kb / 5P
   EZBright Power Chip LED Rf Performance Lambertian Radiation
C450EZ700-S24000-2 CREE-C450EZ700-S24000-2 Datasheet
275Kb / 5P
   EZBright Power Chip LED Rf Performance Low Forward Voltage ??3.6 V Typical at 350
C460EZ290-S2100-2 CREE-C460EZ290-S2100-2 Datasheet
411Kb / 5P
   EZBright LED RF Performance Lambertian Radiation
C450EZ600-S20000-2 CREE-C450EZ600-S20000-2 Datasheet
290Kb / 5P
   EZBright Power Chip LED RF Performance 527 nm - 60 mW min
C450EZ1000-S38000-2 CREE-C450EZ1000-S38000-2 Datasheet
456Kb / 5P
   EZBright LED Technology Low Forward Voltage
C450TR5270-S20000 CREE-C450TR5270-S20000 Datasheet
672Kb / 6P
   Maximum DC Forward Current - 250 mA Class 2 ESD Rating
C450TR2436-S3000 CREE-C450TR2436-S3000 Datasheet
344Kb / 6P
   Rectangular LED Rf Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR3041-S3000 CREE-C450TR3041-S3000 Datasheet
303Kb / 5P
   Rectangular LED Rf Performance Low Forward Voltage - 3.2 V Typical at 20 mA
C450TR2432-S2400 CREE-C450TR2432-S2400 Datasheet
350Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V Typical at 20 mA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com