Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS2SS-12V-Z Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # TXS2SS-12V-Z
Description  Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TXS2SS-12V-Z Datasheet(HTML) 6 Page - Panasonic Semiconductor

  TXS2SS-12V-Z Datasheet HTML 1Page - Panasonic Semiconductor TXS2SS-12V-Z Datasheet HTML 2Page - Panasonic Semiconductor TXS2SS-12V-Z Datasheet HTML 3Page - Panasonic Semiconductor TXS2SS-12V-Z Datasheet HTML 4Page - Panasonic Semiconductor TXS2SS-12V-Z Datasheet HTML 5Page - Panasonic Semiconductor TXS2SS-12V-Z Datasheet HTML 6Page - Panasonic Semiconductor TXS2SS-12V-Z Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TX-S
6
ds_61022_en_txs: 060213D
DIMENSIONS (mm inch)
1. Standard PC board terminal
Schematic (Bottom view)
2. Surface-mount terminal
Schematic (Top view)
Type
External dimensions (General tolerance:
0.3 .012)
PC board pattern (Bottom view) (Tolerance:
0.1 .004)
Single side stable and
1 coil latching type
2 coil latching type (L2, LT)
Single side stable and
1 coil latching type
2 coil latching type (L2, LT)
Standard
PC board
terminal
Type
External dimensions (General tolerance:
0.3 .012)
Suggested mounting pad (Top view) (Tolerance:
0.1 .004)
Single side stable and
1 coil latching type
2 coil latching type (L2, LT)
Single side stable and
1 coil latching type
2 coil latching type (L2, LT)
SA type
SS type
Download
from our Web site.
CAD Data
CAD Data
CAD Data
15.00
7.40
0.25
1.15
.020
5.08
2.54
5.08
0.50
.045
.200
.100
.591
.291
.200
.010
8.20
.323
0.65
.026
3.50
.138
15.00
1.15
.020
5.08
2.54
7.40
5.08
0.25
0.50
.045
.200
.100
.591
.291
.200
.010
8.20
.323
0.65
.026
3.50
.138
5.08
2.54
8-1.0 dia.
10.16
.200
.100
8-.039 dia.
.400
5.08
2.54
10-1.0 dia.
12.7
.200
.100
10-.039 dia.
.500
Single side stable
(Deenergized condition)
1 coil latching
(Reset condition)
2 coil latching (L2)
(Reset condition)
2 coil latching (LT)
(Reset condition)
Direction indication
12
10 9 8
1
3 4 5
+
Direction indication
12
10 9 8
1
3 4 5
+
Direction indication
12
10 9 8 7
1
3
4 5 6
+
+
Direction indication
12
10 9 8 7
1
3
4 5 6
+
+
CAD Data
.591
15
0.65
.026
5.08
.200
5.08
.200
2.54
.100
8.2
.323
0.5
.020
0.25
.010
8.4
.331
9.4
±0.5
.370
±.020
.291
7.4
.591
15
0.65
.026
5.08
.200
5.08
.200
2.54
.100
8.2
.323
0.5
.020
0.25
.010
8.4
.331
9.4
±0.5
.370
±.020
.291
7.4
5.08
.200
1
.039
.100
2.54
.124
3.16
7.24
.285
5.08
.200
1
.039
.100
2.54
.124
3.16
7.24
.285
.591
15
0.65
.026
5.08
.200
5.08
.200
0.25
.010
0.5
.020
8.2
.323
2.54
.100
Max.10
.394
7.4
±0.5
.291
±.020
.291
7.4
.591
15
0.65
.026
5.08
.200
5.08
.200
0.25
.010
0.5
.020
8.2
.323
2.54
.100
Max.10
.394
7.4
±0.5
.291
±.020
.291
7.4
5.08
.100
2.54
.200
1
.039
.085
2.16
6.24
.246
5.08
.100
2.54
.200
1
.039
.085
2.16
6.24
.246
Single side stable
(Deenergized condition)
1 coil latching
(Reset condition)
2 coil latching (L2)
(Reset condition)
2 coil latching (LT)
(Reset condition)
12
10 9 8
1
3 4 5
Direction indication
12
10 9 8
1
3 4 5
Direction indication
12
10 9 8 7
1
3
4 5 6
Direction indication
12
10 9 8 7
1
3
4 5 6
Direction indication


Similar Part No. - TXS2SS-12V-Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TXS2-1.5V PANASONIC-TXS2-1.5V Datasheet
192Kb / 7P
   New pin layout (LT type) added
TXS2-12V PANASONIC-TXS2-12V Datasheet
192Kb / 7P
   New pin layout (LT type) added
TXS2-24V PANASONIC-TXS2-24V Datasheet
192Kb / 7P
   New pin layout (LT type) added
TXS2-3V PANASONIC-TXS2-3V Datasheet
192Kb / 7P
   New pin layout (LT type) added
TXS2-4.5V PANASONIC-TXS2-4.5V Datasheet
192Kb / 7P
   New pin layout (LT type) added
More results

Similar Description - TXS2SS-12V-Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
logo
Panasonic Battery Group
AGN PANASONICBATTERY-AGN Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power
logo
Nais(Matsushita Electri...
DS2Y NAIS-DS2Y Datasheet
57Kb / 3P
   2 Form C contact High sensitivity-200 mW nominal operating power
logo
Panasonic Semiconductor
TXS2L-H-1-1-X PANASONIC-TXS2L-H-1-1-X Datasheet
192Kb / 7P
   New pin layout (LT type) added
logo
Vishay Siliconix
SST309-T1-E3 VISHAY-SST309-T1-E3 Datasheet
102Kb / 8P
   Very High System Sensitivity
Rev. H, 24-Jan-05
logo
Panasonic Semiconductor
AGN2001H PANASONIC-AGN2001H Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power, in a compact and space saving case
logo
Melexis Microelectronic...
US2884 MELEXIS-US2884 Datasheet
515Kb / 11P
   Bipolar Hall Switch - Very High Sensitivity
logo
ams AG
TSL2591 AMSCO-TSL2591 Datasheet
711Kb / 25P
   very-high sensitivity light-to-digital
logo
Melexis Microelectronic...
US2881 MELEXIS-US2881_12 Datasheet
1Mb / 12P
   Bipolar Hall Switch ??Very High Sensitivity
US2884 MELEXIS-US2884_12 Datasheet
718Kb / 11P
   Bipolar Hall Switch ??Very High Sensitivity
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com