Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPS-2385W-D555G Datasheet(PDF) 8 Page - Optoway Technology Inc

Part # XPS-2385W-D555G
Description  10Gbps / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver for 10GbE / OC-192
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

XPS-2385W-D555G Datasheet(HTML) 8 Page - Optoway Technology Inc

Back Button XPS-2385W-D555G Datasheet HTML 3Page - Optoway Technology Inc XPS-2385W-D555G Datasheet HTML 4Page - Optoway Technology Inc XPS-2385W-D555G Datasheet HTML 5Page - Optoway Technology Inc XPS-2385W-D555G Datasheet HTML 6Page - Optoway Technology Inc XPS-2385W-D555G Datasheet HTML 7Page - Optoway Technology Inc XPS-2385W-D555G Datasheet HTML 8Page - Optoway Technology Inc XPS-2385W-D555G Datasheet HTML 9Page - Optoway Technology Inc XPS-2385W-D555G Datasheet HTML 10Page - Optoway Technology Inc XPS-2385W-D555G Datasheet HTML 11Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Optoway
XPS-2385W-DXXXG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
9/1/2012
V2.0
8
Power down; When high, requires the module to limit power consumption to 1.5W or
below. 2-Wire serial interface must be functional in the low power mode.
21 LVTTL-I
P_Down/RST
Reset; The falling edge initiates a complete reset of the module including the 2-wire
serial interface, equivalent to a power cycle.
22
VCC2
+1.8V Power Supply (Not required)
3
23
GND
Module Ground
1
24 PECL-I
RefCLK+
Reference Clock Non-Inverted Input, AC coupled on the host board. (Not used.
Internally terminated to 50 ohm (100 ohm diff.))
4
25 PECL-I
RefCLK-
Reference Clock Inverted Input, AC coupled on the host board. (Not used. Internally
terminated to 50 ohm (100 ohm diff.))
4
26
GND
Module Ground
1
27
GND
Module Ground
1
28 CML-I
TD-
Transmitter Inverted Data Input
29 CML-I
TD+
Transmitter Non-Inverted Data Input
30
GND
Module Ground
1
1. Module ground pins GND are isolated from the module case and chassis ground within the module.
2. Shall be pulled up with 4.7K-10Kohms to a voltage between 3.15V and 3.45V on the host board.
3. These PINs are open within module.
4. A Reference Clock input is not required. If present, it will be ignored.
MECHANICAL SPECIFICATION (UNITS IN MM)


Similar Part No. - XPS-2385W-D555G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-2385MW-D200G OPTOWAY-XPS-2385MW-D200G Datasheet
252Kb / 11P
   10G Multirate / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-2385MW-D205G OPTOWAY-XPS-2385MW-D205G Datasheet
252Kb / 11P
   10G Multirate / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-2385MW-D210G OPTOWAY-XPS-2385MW-D210G Datasheet
252Kb / 11P
   10G Multirate / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-2385MW-D215G OPTOWAY-XPS-2385MW-D215G Datasheet
252Kb / 11P
   10G Multirate / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-2385MW-D220G OPTOWAY-XPS-2385MW-D220G Datasheet
252Kb / 11P
   10G Multirate / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver
More results

Similar Description - XPS-2385W-D555G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-2381W-D21G OPTOWAY-XPS-2381W-D21G Datasheet
245Kb / 10P
   10Gbps / 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 10GbE / OC-192
XPS-2341W-D21G OPTOWAY-XPS-2341W-D21G Datasheet
256Kb / 10P
   10Gbps / 40 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 10GbE
XPS-2341W-CXX0G OPTOWAY-XPS-2341W-CXX0G Datasheet
240Kb / 9P
   10Gbps / 40 km / CWDM XFP Single-Mode Optical Transceiver for OC-192 / 10GbE / 10G FC
XPS-2371W-CXX0G OPTOWAY-XPS-2371W-CXX0G Datasheet
235Kb / 9P
   10Gbps / 70 km / CWDM XFP Single-Mode Optical Transceiver for OC-192 / 10GbE / 10G FC
XPS-2385MW-D200G OPTOWAY-XPS-2385MW-D200G Datasheet
252Kb / 11P
   10G Multirate / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-2381MW-D21G OPTOWAY-XPS-2381MW-D21G Datasheet
246Kb / 10P
   10G Multirate / 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-4385W-D200G OPTOWAY-XPS-4385W-D200G Datasheet
245Kb / 11P
   8.5 Gbps/ 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-2340W-CXX0G OPTOWAY-XPS-2340W-CXX0G Datasheet
240Kb / 9P
   10Gbps / CWDM XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
XPS-2310W-CXX0G OPTOWAY-XPS-2310W-CXX0G Datasheet
295Kb / 9P
   10Gbps / CWDM XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
XPS-4381W-D21G OPTOWAY-XPS-4381W-D21G Datasheet
238Kb / 10P
   8.5 Gbps/ 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com