Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX2SA-L2-3V-Z Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # TX2SA-L2-3V-Z
Description  Best seller with broad lineup and AC 2000 V breakdown voltage.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TX2SA-L2-3V-Z Datasheet(HTML) 4 Page - Panasonic Semiconductor

  TX2SA-L2-3V-Z Datasheet HTML 1Page - Panasonic Semiconductor TX2SA-L2-3V-Z Datasheet HTML 2Page - Panasonic Semiconductor TX2SA-L2-3V-Z Datasheet HTML 3Page - Panasonic Semiconductor TX2SA-L2-3V-Z Datasheet HTML 4Page - Panasonic Semiconductor TX2SA-L2-3V-Z Datasheet HTML 5Page - Panasonic Semiconductor TX2SA-L2-3V-Z Datasheet HTML 6Page - Panasonic Semiconductor TX2SA-L2-3V-Z Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TX
4
ds_61022_en_tx: 060213D
2. Specifications
1* This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual
load. (AgPd contact type is available for low level load switching [10V DC, 10mA max. level].)
2* Refer to “6. Usage, Storage and Transport Conditions“ in AMBIENT ENVIRONMENT section in Relay Technical Information.
REFERENCE DATA
Characteristics
Item
Specifications
Contact
Arrangement
2 Form C
Initial contact resistance, max.
Max. 100 m
 (By voltage drop 6 V DC 1A)
Contact material
Standard contact: Ag+Au clad,
AgPd contact (low level load): AgPd+Au clad (stationary), AgPd (movable)
Rating
Nominal switching capacity
Standard contact: 2 A 30 V DC, AgPd contact: 1 A 30 V DC (resistive load)
Max. switching power
Standard contact: 60 W (DC), AgPd contact: 30 W (DC) (resistive load)
Max. switching voltage
220V DC
Max. switching current
Standard contact: 2 A, AgPd contact: 1 A
Min. switching capacity (Reference value)1*
10
A 10mV DC
Nominal operating
power
Single side stable
140 mW (1.5 to 24 V DC), 270 mW (48 V DC)
1 coil latching
100 mW (1.5 to 24 V DC)
2 coil latching
200 mW (1.5 to 24 V DC)
Electrical
characteristics
Insulation resistance (Initial)
Min. 1,000M
 (at 500V DC)
Measurement at same location as “Initial breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
1,000 Vrms for 1min. (Detection current: 10mA)
Between contact and coil
2,000 Vrms for 1min. (Detection current: 10mA)
Between contact sets
1,000 Vrms for 1min. (Detection current: 10mA)
Surge breakdown
voltage (Initial)
Between open contacts
1,500 V (10
160s) (FCC Part 68)
Between contacts and coil
2,500 V (2
10s) (Telcordia)
Temperature rise (at 20
C 68F)
Max. 50
C
(By resistive method, nominal coil voltage applied to the coil; contact carrying current: 2A.)
Operate time [Set time] (at 20
C 68F)
Max. 4 ms [Max. 4 ms] (Nominal coil voltage applied to the coil, excluding contact bounce
time.)
Release time [Reset time] (at 20
C 68F)
Max. 4 ms [Max. 4 ms] (Nominal coil voltage applied to the coil, excluding contact bounce
time.) (without diode)
Mechanical
characteristics
Shock resistance
Functional
Min. 750 m/s2 (Half-wave pulse of sine wave: 6 ms; detection time: 10
s.)
Destructive
Min. 1,000 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 3.3 mm (Detection time: 10
s.)
Destructive
10 to 55 Hz at double amplitude of 5 mm
Expected life
Mechanical
Min. 108 (at 180 cpm)
Electrical
Min. 105 (2 A 30 V DC resistive), 5
105 (1 A 30 V DC resistive) (at 20 cpm)
Conditions
Conditions for operation, transport and storage2*
Ambient temperature: –40
C to +85C (up to 24 V coil) –40F to +185F (up to 24 V coil)
[–40
C to +70C (48 V coil) –40F to +158F (48 V coil)];
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed (at rated load)
20 cpm
Unit weight
Approx. 2 g .071 oz
1. Maximum switching capacity
2. Life curve
3. Mechanical life
Tested sample: TX2-5V, 10 pcs.
Operating speed: 180 cpm
0.2
0.3
0.4
0.5
1.0
2.0
3.0
20 30
50
100
200 300
DC resistive load
0
Contact voltage, V
1.0
2.0
100
50
30
20
10
0
Switching current, A
30V DC
resistive load
0
10
100
10,000
1,000
10
Max.
Max.
Min.
Min.
20
30
40
50
60
70
80
90
100
No. of operations, x10
4
Pick-up voltage
Drop-out voltage


Similar Part No. - TX2SA-L2-3V-Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TX2SA-L2-H-1.5V PANASONIC-TX2SA-L2-H-1.5V Datasheet
564Kb / 7P
   2 AMP, HIGH CAPACITY RELAY
TX2SA-L2-H-12V PANASONIC-TX2SA-L2-H-12V Datasheet
564Kb / 7P
   2 AMP, HIGH CAPACITY RELAY
TX2SA-L2-H-24V PANASONIC-TX2SA-L2-H-24V Datasheet
564Kb / 7P
   2 AMP, HIGH CAPACITY RELAY
TX2SA-L2-H-3V PANASONIC-TX2SA-L2-H-3V Datasheet
564Kb / 7P
   2 AMP, HIGH CAPACITY RELAY
TX2SA-L2-H-4.5V PANASONIC-TX2SA-L2-H-4.5V Datasheet
564Kb / 7P
   2 AMP, HIGH CAPACITY RELAY
More results

Similar Description - TX2SA-L2-3V-Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
TX PANASONICBATTERY-TX Datasheet
126Kb / 6P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
Panasonic Semiconductor
TX2SA-L-3V PANASONIC-TX2SA-L-3V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2SL-12V PANASONIC-TX2SL-12V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
Omron Electronics LLC
G2R-1-DC12 OMRON-G2R-1-DC12 Datasheet
2Mb / 14P
   The Best Seller G2R
G2R1AEASIDC24 OMRON-G2R1AEASIDC24 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
TOKYO SEIMITSU CO., LTD
W-GM-4200 ACCRETECH-W-GM-4200 Datasheet
356Kb / 2P
   Best Seller Machine W-GM-Series
logo
Sangdest Microelectroni...
SMCJ200CA SMC-SMCJ200CA Datasheet
199Kb / 5P
   Breakdown voltage range: 220 V
logo
New Jersey Semi-Conduct...
C45 NJSEMI-C45 Datasheet
262Kb / 3P
   Broad Voltage Range?봘p to 800 V
2N1770 NJSEMI-2N1770 Datasheet
343Kb / 1P
   BROAD VOLTAGE RANGE
logo
Nais(Matsushita Electri...
DSBT NAIS-DSBT Datasheet
75Kb / 3P
   4,000 V BREAKDOWN VOLTAGE DS RELAYS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com