Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C470EZ900-0303-2 Datasheet(PDF) 5 Page - Cree, Inc

Part # C470EZ900-0303-2
Description  EZBright LED Technology Lambertian Radiation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C470EZ900-0303-2 Datasheet(HTML) 5 Page - Cree, Inc

  C470EZ900-0303-2 Datasheet HTML 1Page - Cree, Inc C470EZ900-0303-2 Datasheet HTML 2Page - Cree, Inc C470EZ900-0303-2 Datasheet HTML 3Page - Cree, Inc C470EZ900-0303-2 Datasheet HTML 4Page - Cree, Inc C470EZ900-0303-2 Datasheet HTML 5Page - Cree, Inc C470EZ900-0303-2 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Copyright © 2008-2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree
and the Cree logo are registered trademarks, and EZBright. EZ900 and EZ are trademarks of Cree, Inc.
5
CPR3DX Rev. B
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com
Characteristic Curves, T
A = 25°C
ThisisarepresentativemeasurementfortheEZ900LEDproduct.Actualcurveswillvaryslightlyforthevariousradiant
fluxanddominantwavelengthbins.
0
1
2
3
4
5
6
25
50
75
100
125
150
Junction Temperature (°C)
Dominant Wavelength Shift Vs Junction Temperature
-0.350
-0.300
-0.250
-0.200
-0.150
-0.100
-0.050
0.000
25
50
75
100
125
150
Junction Temperature (°C)
Voltage Shift Vs Junction Temperature
0
1
2
3
4
5
6
25
50
75
100
125
150
Junction Temperature (°C)
Dominant Wavelength Shift Vs Junction Temperature
-0.350
-0.300
-0.250
-0.200
-0.150
-0.100
-0.050
0.000
25
50
75
100
125
150
Junction Temperature (°C)
Voltage Shift Vs Junction Temperature
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
25
50
75
100
125
150
Junction Temperature (°C)
Relative Light Intensity Vs Junction Temperature
Relative Intensity vs. Forward Current
0
0.5
1
1.5
2
2.5
3
0
250
500
750
1000
1250
If (mA)
Forward Current vs. Forward Voltage
0
250
500
750
1000
1250
0
1
2
3
4
5
Vf (V)
Relative Intensity vs. Forward Current
0
0.5
1
1.5
2
2.5
3
0
250
500
750
1000
1250
If (mA)
Forward Current vs. Forward Voltage
0
250
500
750
1000
1250
0
1
2
3
4
5
Vf (V)
Dominant Wavelength vs. Forward Current
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
250
500
750
1000
1250
If (mA)


Similar Part No. - C470EZ900-0303-2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C470EZ900-S34000-2 CREE-C470EZ900-S34000-2 Datasheet
359Kb / 6P
   Cree EZ900-n Gen 2 LEDs
More results

Similar Description - C470EZ900-0303-2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460EZ290-S2100-2 CREE-C460EZ290-S2100-2 Datasheet
411Kb / 5P
   EZBright LED RF Performance Lambertian Radiation
C450EZ400-S09000-2 CREE-C450EZ400-S09000-2 Datasheet
294Kb / 5P
   EZBright Power Chip LED Rf Performance Lambertian Radiation
C450EZ1000-S38000-2 CREE-C450EZ1000-S38000-2 Datasheet
456Kb / 5P
   EZBright LED Technology Low Forward Voltage
C450EZ1400-S80000-2 CREE-C450EZ1400-S80000-2 Datasheet
309Kb / 5P
   EZBright LED Technology Conductive Epoxy, Solder Paste or Preforms, or Flux
C450EZ600-S20000-2 CREE-C450EZ600-S20000-2 Datasheet
290Kb / 5P
   EZBright Power Chip LED RF Performance 527 nm - 60 mW min
C450EZ500-S11000-2 CREE-C450EZ500-S11000-2 Datasheet
290Kb / 5P
   EZBright Power Chip LED Rf Performance Maximum DC Forward Current - 300 mA
C450EZ700-S24000-2 CREE-C450EZ700-S24000-2 Datasheet
275Kb / 5P
   EZBright Power Chip LED Rf Performance Low Forward Voltage ??3.6 V Typical at 350
LMR4 CREE-LMR4 Datasheet
703Kb / 2P
   LED Module with TrueWhite Technology
C450DA700-S43000 CREE-C450DA700-S43000 Datasheet
418Kb / 5P
   Direct Attach LED Technology Rectangular LED RF Performance
C450DA1000-S48500 CREE-C450DA1000-S48500 Datasheet
462Kb / 5P
   Direct Attach LED Technology Rectangular LED RF Performance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com