Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F630 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16F630
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F630 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16F630 Datasheet HTML 7Page - Microchip Technology PIC16F630 Datasheet HTML 8Page - Microchip Technology PIC16F630 Datasheet HTML 9Page - Microchip Technology PIC16F630 Datasheet HTML 10Page - Microchip Technology PIC16F630 Datasheet HTML 11Page - Microchip Technology PIC16F630 Datasheet HTML 12Page - Microchip Technology PIC16F630 Datasheet HTML 13Page - Microchip Technology PIC16F630 Datasheet HTML 14Page - Microchip Technology PIC16F630 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 132 page
background image
 2010 Microchip Technology Inc.
DS40039F-page 11
PIC16F630/676
TABLE 2-1:
PIC16F630/676 SPECIAL REGISTERS SUMMARY BANK 0
Addr
Name
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2
Bit 1Bit 0
Value on
POR,
BOD
Page
Bank 0
00h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
20,63
01h
TMR0
Timer0 Module’s Register
xxxx xxxx
31
02h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
19
03h
STATUS
IRP(2)
RP1(2)
RP0
TO
PD
ZDC
C
0001 1xxx
13
04h
FSR
Indirect data memory Address Pointer
xxxx xxxx
20
05h
PORTA
I/O Control Registers
--xx xxxx
21
06h
Unimplemented
07h
PORTC
I/O Control Registers
--xx xxxx
28
08h
Unimplemented
09h
Unimplemented
0Ah
PCLATH
Write buffer for upper 5 bits of program counter
---0 0000
19
0Bh
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 0000
15
0Ch
PIR1
EEIF
ADIF
—CMIF
—TMR1IF
00-- 0--0
17
0Dh
Unimplemented
0Eh
TMR1L
Holding register for the Least Significant Byte of the 16-bit TMR1
xxxx xxxx
34
0Fh
TMR1H
Holding register for the Most Significant Byte of the 16-bit TMR1
xxxx xxxx
34
10h
T1CON
T1GE
T1CKPS1
T1CKPS0 T1OSCEN
T1SYNC
TMR1CS
TMR1ON
-000 0000
36
11h
Unimplemented
12h
Unimplemented
13h
Unimplemented
14h
Unimplemented
15h
Unimplemented
16h
Unimplemented
17h
Unimplemented
18h
Unimplemented
19h
CMCON
—COUT
CINV
CIS
CM2
CM1
CM0
-0-0 0000
39
1Ah
Unimplemented
1Bh
Unimplemented
1Ch
Unimplemented
1Dh
Unimplemented
1Eh
ADRESH(3) Most Significant 8 bits of the left shifted A/D result or 2 bits of right shifted result
xxxx xxxx
46
1Fh
ADCON0(3)
ADFM
VCFG
CHS2
CHS1
CHS0
GO/DONE
ADON
00-0 0000
47,63
Legend:
– = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition shaded = unimplemented
Note 1:
Other (non Power-up) Resets include MCLR Reset, Brown-out Detect and Watchdog Timer Reset during normal operation.
2:
IRP and RP1 bits are reserved, always maintain these bits clear.
3:
PIC16F676 only.


Similar Part No. - PIC16F630

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F630 MICROCHIP-PIC16F630 Datasheet
2Mb / 132P
   14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
2003
PIC16F630 MICROCHIP-PIC16F630 Datasheet
1Mb / 130P
   14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
2007
PIC16F630 MICROCHIP-PIC16F630 Datasheet
2Mb / 130P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2006
PIC16F630 MICROCHIP-PIC16F630 Datasheet
1Mb / 132P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC16F630 MICROCHIP-PIC16F630 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
More results

Similar Description - PIC16F630

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F610 MICROCHIP-PIC16F610 Datasheet
2Mb / 180P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2007
16F630 MICROCHIP-16F630 Datasheet
2Mb / 132P
   14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
2003
PIC16F676-I MICROCHIP-PIC16F676-I Datasheet
1Mb / 132P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC16F630 MICROCHIP-PIC16F630_07 Datasheet
1Mb / 130P
   14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
2007
logo
Cirrus Logic
PIC16F616 APEX-PIC16F616 Datasheet
2Mb / 172P
   14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
logo
Microchip Technology
PIC16F630 MICROCHIP-PIC16F630_06 Datasheet
2Mb / 130P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2006
PIC16F630 MICROCHIP-PIC16F630_10 Datasheet
1Mb / 132P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC16F684T-I MICROCHIP-PIC16F684T-I Datasheet
3Mb / 192P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
12/08/06
PIC16F610 MICROCHIP-PIC16F610_09 Datasheet
3Mb / 214P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2009
PIC16F753 MICROCHIP-PIC16F753 Datasheet
4Mb / 238P
   14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
11/29/12 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com