Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD22151YRZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD22151YRZ
Description  Linear Output Magnetic Field Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22151YRZ Datasheet(HTML) 5 Page - Analog Devices

  AD22151YRZ Datasheet HTML 1Page - Analog Devices AD22151YRZ Datasheet HTML 2Page - Analog Devices AD22151YRZ Datasheet HTML 3Page - Analog Devices AD22151YRZ Datasheet HTML 4Page - Analog Devices AD22151YRZ Datasheet HTML 5Page - Analog Devices AD22151YRZ Datasheet HTML 6Page - Analog Devices AD22151YRZ Datasheet HTML 7Page - Analog Devices AD22151YRZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. A
AD22151
–5–
to self-heating as a function of power dissipation. Second, pack-
age stress effect alters the specific operating parameters of the
gain compensation, particularly the specific crossover tempera-
ture of TC1, TC3 (
±10∞C).
CONFIGURATION AND COMPONENT SELECTION
There are three areas of sensor operation that require external
component selection: temperature compensation (R1), signal
gain (R2 and R3), and offset (R4).
Temperature
If the internal gain compensation is used, an external resistor is
required to complete the gain TC circuit at Pin 3. A number of
factors contribute to the value of this resistor:
a. The intrinsic Hall cell sensitivity TC
950 ppm.
b. Package induced stress variation in a.
±150 ppm.
c. Specific field TC
–200 ppm (Alnico), –2000 ppm
(Ferrite), 0 ppm (electromagnet), and so on.
d. R1, TC.
The final value of target compensation also dictates the use of
either Pin 1 or Pin 2. Pin 1 is provided to allow for large nega-
tive field TC devices such as ferrite magnets; thus, R1 would be
connected to Pins 1 and 3.
Pin 2 uses an internal resistive TC to optimize smaller field
coefficients such as Alnico down to 0 ppm coefficients when
only the sensor gain TC itself is dominant. Because the TC of
R1 itself will also affect the compensation, a low TC resistor
(
±50 ppm) is recommended.
Figures 10 and 11 indicate R1 resistor values and their associ-
ated effectiveness for Pins 1 and 2, respectively. Note that the
indicated drift response in both cases incorporates the intrinsic
Hall sensitivity TC (BTCU).
For example, the AD22151 sensor is to be used in conjunction
with an Alnico material permanent magnet. The TC of such mag-
nets is
–200 ppm (see Figures 5 and 6). Figure 11 indicates
that a compensating drift of 200 ppm at Pin 3 requires a nomi-
nal value of R1 = 18 k
W (assuming negligible drift of R1 itself).
R1 – k
3500
3000
1000
2500
1500
2000
05
10
20
25
500
0
15
30
Figure 10. Drift Compensation (Pins 1 and 3) vs.
Typical Resistor Value R1
R1 – k
800
600
–200
400
0
200
05
10
20
25
–400
–600
15
30
35
40
45
50
Figure 11. Drift Compensation (Pins 2 and 3) vs.
Typical Resistor Value R1
GAIN AND OFFSET
The operation of the AD22151 can be bipolar (i.e., 0 Gauss =
VCC/2), or a ratiometric offset can be implemented to position
Zero Gauss point at some other potential (i.e., 0.25 V).
The gain of the sensor can be set by the appropriate R2 and R3
resistor values (see Figure 1) such that:
Gin
R
R
mV G
a
=+
¥
1
3
2
04
./
(1)
However, if an offset is required to position the quiescent out-
put at some other voltage, the gain relationship is modified to:
Gin
R
RR
mV G
a
=+ () ¥
1
3
24
04
./
(2)
The offset that R4 introduces is:
Offset
R
RR
VV
CC
OUT
=+
+
() ¥()
1
3
24
(3)
For example, at VCC = 5 V at room temperature, the internal gain of
the sensor is approximately 0.4 mV/Gauss. If a sensitivity of
6 mV/Gauss is required with a quiescent output voltage of 1 V,
the calculations below apply (see Figure 2).
A value would be selected for R3 that complied with the various
considerations of current and power dissipation, trim ranges (if
applicable), and so on. For the purpose of example, assume a
value of 85 k
W.
To achieve a quiescent offset of 1 V requires a value for R4 as:
V
V
CC
CC
2
1
0 375
Ê
ËÁ
ˆ
¯˜
=
.
(4)
Thus:
R
k
kk
4
85
0 375
85
141 666
= ÊËÁ
ˆ
¯˜
=
W
WW
.
–.
(5)
The gain required would be 6/0.4 (mV/Gauss) = 15.


Similar Part No. - AD22151YRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22151YR AD-AD22151YR Datasheet
118Kb / 8P
   Linear Output Magnetic Field Sensor
REV. 0
More results

Similar Description - AD22151YRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22151 AD-AD22151 Datasheet
118Kb / 8P
   Linear Output Magnetic Field Sensor
REV. 0
AD22151 AD-AD22151_15 Datasheet
270Kb / 8P
   Linear Output Magnetic Field Sensor
REV. A
logo
NXP Semiconductors
KMZ43T PHILIPS-KMZ43T Datasheet
60Kb / 9P
   Magnetic field sensor
2003 Sep 15
KMZ52 PHILIPS-KMZ52 Datasheet
65Kb / 12P
   Magnetic Field Sensor
2000 Jun 09
KMZ50 PHILIPS-KMZ50 Datasheet
59Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ51 PHILIPS-KMZ51 Datasheet
61Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ41 NXP-KMZ41 Datasheet
78Kb / 10P
   Magnetic field sensor
Rev. 05-27 November 2006
KMZ43T NXP-KMZ43T Datasheet
68Kb / 8P
   Magnetic field sensor
Rev. 05-4 March 2009
logo
Pepperl+Fuchs Inc.
MB60-12GM50-E2 PF-MB60-12GM50-E2 Datasheet
252Kb / 2P
   Magnetic field sensor
MB80-12GM50-E0-PUR PF-MB80-12GM50-E0-PUR Datasheet
131Kb / 1P
   Magnetic field sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com