Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD22105ARZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD22105ARZ
Description  Low Voltage, Resistor Programmable Thermostatic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22105ARZ Datasheet(HTML) 2 Page - Analog Devices

  AD22105ARZ Datasheet HTML 1Page - Analog Devices AD22105ARZ Datasheet HTML 2Page - Analog Devices AD22105ARZ Datasheet HTML 3Page - Analog Devices AD22105ARZ Datasheet HTML 4Page - Analog Devices AD22105ARZ Datasheet HTML 5Page - Analog Devices AD22105ARZ Datasheet HTML 6Page - Analog Devices AD22105ARZ Datasheet HTML 7Page - Analog Devices AD22105ARZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD22105–SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
TEMPERATURE ACCURACY
Ambient Setpoint Accuracy
ACC
±0.5
±2.0
°C
Temperature Setpoint Accuracy
ACCT
–40
°C ≤ T
A ≤ +125°C
±3.0
°C
Power Supply Rejection
PSR
+2.7 V1 < VS < +7.0 V
±0.05
±0.15
°C/V
HYSTERESIS
Hysteresis Value
HYS
4.1
°C
OPEN COLLECTOR OUTPUT
Output Low Voltage
VOL
ISINK = 5 mA
250
400
mV
POWER SUPPLY
Supply Range
VS
+2.7
+7.0
V
Supply Current, Output “LOW”
ISON
120
µA
Supply Current, Output “HIGH”
ISOFF
90
µA
INTERNAL PULL-UP RESISTOR
RPULL-UP
140
200
260
k
TURN-ON SETTLING TIME
tON
5
µs
NOTES
1The AD22105 will operate at voltages as low as +2.2 V.
Specifications subject to change without notice.
REV. 0
–2–
(VS = 3.3 V, TA = +25 C, RLOAD = internal 200 k
, unless otherwise noted)
SET POINT TEMPERATURE –
°C
80
0
70
40
30
20
10
60
50
5
15
25
35
45
55
65
75
–50
150
–25
0
25
50
75
100
125
RSET = ––––––––––––——— – 90.3kΩ
39M
Ω °C
TSET (°C) + 281.6 °C
Figure 2. Setpoint Resistor Values


Similar Part No. - AD22105ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22105ARZ AD-AD22105ARZ Datasheet
232Kb / 11P
   Low Voltage, Resistor-Programmable, Thermostatic Switch
Rev. A
AD22105ARZ-REEL AD-AD22105ARZ-REEL Datasheet
232Kb / 11P
   Low Voltage, Resistor-Programmable, Thermostatic Switch
Rev. A
AD22105ARZ-REEL7 AD-AD22105ARZ-REEL7 Datasheet
232Kb / 11P
   Low Voltage, Resistor-Programmable, Thermostatic Switch
Rev. A
More results

Similar Description - AD22105ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22105 AD-AD22105 Datasheet
262Kb / 8P
   Low Voltage, Resistor Programmable Thermostatic Switch
REV. 0
AD22105 AD-AD22105_15 Datasheet
266Kb / 8P
   Low Voltage, Resistor Programmable Thermostatic Switch
REV. 0
AD22105 AD-AD22105_V01 Datasheet
232Kb / 11P
   Low Voltage, Resistor-Programmable, Thermostatic Switch
Rev. A
logo
Texas Instruments
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
   1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
TMP709 TI1-TMP709_15 Datasheet
704Kb / 15P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP708 TI1-TMP708 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709-Q1 TI1-TMP709-Q1 Datasheet
780Kb / 18P
[Old version datasheet]   Automotive, Resistor-Programmable Temperature Switch in SOT Package
TMP708-Q1 TI1-TMP708-Q1 Datasheet
780Kb / 18P
[Old version datasheet]   Automotive, Resistor-Programmable Temperature Switch in SOT Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com