Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C450DA700-0218 Datasheet(PDF) 4 Page - Cree, Inc

Part # C450DA700-0218
Description  Direct Attach LED Technology Rectangular LED RF Performance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C450DA700-0218 Datasheet(HTML) 4 Page - Cree, Inc

  C450DA700-0218 Datasheet HTML 1Page - Cree, Inc C450DA700-0218 Datasheet HTML 2Page - Cree, Inc C450DA700-0218 Datasheet HTML 3Page - Cree, Inc C450DA700-0218 Datasheet HTML 4Page - Cree, Inc C450DA700-0218 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Copyright©2011Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeandthe
Creelogoareregisteredtrademarks,andDAandDA700aretrademarksofCree,Inc.
4
CPR3EU Rev. -
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com
Characteristic Curves
ThesearerepresentativemeasurementsfortheDALEDproduct.Actualcurveswillvaryslightlyforthevariousradiant
fluxanddominantwavelengthbins.
0%
25%
50%
75%
100%
125%
150%
175%
200%
0
100
200
300
400
500
600
700
If (mA)
Relative Intensity vs. Forward Current
-2
-1
0
1
2
0
100
200
300
400
500
600
700
If (mA)
Wavelength Shift vs. Forward Current
70%
75%
80%
85%
90%
95%
100%
25
50
75
100
125
150
Junction Temperature (°C)
Relative Light Intensity Vs Junction Temperature
0
1
2
3
4
5
6
25
50
75
100
125
150
Junction Temperature (°C)
Dominant Wavelength Shift Vs Junction Temperature
70%
75%
80%
85%
90%
95%
100%
25
50
75
100
125
150
Junction Temperature (°C)
Relative Light Intensity Vs Junction Temperature
0
1
2
3
4
5
6
25
50
75
100
125
150
Junction Temperature (°C)
Dominant Wavelength Shift Vs Junction Temperature
-0.400
-0.350
-0.300
-0.250
-0.200
-0.150
-0.100
-0.050
0.000
25
50
75
100
125
150
Junction Temperature (°C)
Voltage Shift Vs Junction Temperature
-2
-1
0
1
2
0
100
200
300
400
500
600
700
If (mA)
Wavelength Shift vs. Forward Current
0
100
200
300
400
500
600
700
0
1
2
3
4
5
Vf (V)
Forward Current vs. Forward Voltage
-2
-1
0
1
2
0
100
200
300
400
500
600
700
If (mA)
Wavelength Shift vs. Forward Current
0
100
200
300
400
500
600
700
0
1
2
3
4
5
Vf (V)
Forward Current vs. Forward Voltage


Similar Part No. - C450DA700-0218

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450DA700-0218 MARKTECH-C450DA700-0218 Datasheet
418Kb / 5P
   Direct Attach DA700 LEDs
More results

Similar Description - C450DA700-0218

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450DA1000-S48500 CREE-C450DA1000-S48500 Datasheet
462Kb / 5P
   Direct Attach LED Technology Rectangular LED RF Performance
C450DA3547-S07600 CREE-C450DA3547-S07600 Datasheet
403Kb / 5P
   Rectangular LED RF Performance High Reliability - Eutectic Attach
logo
Sanken electric
SEL4026 SANKEN-SEL4026 Datasheet
24Kb / 1P
   2x4 Rectangular LED (Direct Mount)
SML70020 SANKEN-SML70020 Datasheet
29Kb / 1P
   3.3x6 Rectangular Bicolor LED (Direct Mount)
logo
Chicago Miniature Lamp,...
CMD53124A CML-CMD53124A Datasheet
64Kb / 1P
   High Performance Rectangular LED Lamps
logo
Cree, Inc
C450TR3547-S7500 CREE-C450TR3547-S7500 Datasheet
449Kb / 5P
   Rectangular LED RF performance Maximum DC forward current 150 mA
logo
Sanken electric
SEL5020 SANKEN-SEL5020 Datasheet
29Kb / 1P
   5-mm Pitch Lead Rectangular LED (Direct Mount)
logo
P-tec Corporation
PL43-CDR12 P-TEC-PL43-CDR12 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDY01 P-TEC-PL44-CDY01 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDR12 P-TEC-PL44-CDR12 Datasheet
29Kb / 1P
   Rectangular LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com