Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

33FJ64GP310 Datasheet(PDF) 5 Page - Microchip Technology

Part # 33FJ64GP310
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ64GP310 Datasheet(HTML) 5 Page - Microchip Technology

  33FJ64GP310 Datasheet HTML 1Page - Microchip Technology 33FJ64GP310 Datasheet HTML 2Page - Microchip Technology 33FJ64GP310 Datasheet HTML 3Page - Microchip Technology 33FJ64GP310 Datasheet HTML 4Page - Microchip Technology 33FJ64GP310 Datasheet HTML 5Page - Microchip Technology 33FJ64GP310 Datasheet HTML 6Page - Microchip Technology 33FJ64GP310 Datasheet HTML 7Page - Microchip Technology 33FJ64GP310 Datasheet HTML 8Page - Microchip Technology 33FJ64GP310 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 3
dsPIC33F
1.0
dsPIC33F PRODUCT FAMILIES
1.1
General Purpose Family
The dsPIC33F General Purpose Family (Table 1-1)
is ideal for a wide variety of 16-bit MCU embedded
applications. The variants with codec interfaces are
well-suited for audio applications.
TABLE 1-1:
dsPIC33F GENERAL PURPOSE FAMILY VARIANTS
Device
Pins
Program Flash
Memory (KB)
RAM(1)
(KB)
Packages
33FJ64GP206
64
64
8
9
8
8
1
1 A/D,
18 ch
2210
53
PT
33FJ64GP306
64
64
16
9
8
8
1
1 A/D,
18 ch
2220
53
PT
33FJ64GP310
100
64
16
9
8
8
1
1 A/D,
32 ch
2220
85
PF, PT
33FJ64GP706
64
64
16
9
8
8
1
2 A/D,
18 ch
2222
53
PT
33FJ64GP708
80
64
16
9
8
8
1
2 A/D,
24 ch
2222
69
PT
33FJ64GP710
100
64
16
9
8
8
1
2 A/D,
32 ch
2222
85
PF, PT
33FJ128GP206
64
128
8
9
8
8
1
1 A/D,
18 ch
2210
53
PT
33FJ128GP306
64
128
16
9
8
8
1
1 A/D,
18 ch
2220
53
PT
33FJ128GP310
100
128
16
9
8
8
1
1 A/D,
32 ch
2220
85
PF, PT
33FJ128GP706
64
128
16
9
8
8
1
2 A/D,
18 ch
2222
53
PT
33FJ128GP708
80
128
16
9
8
8
1
2 A/D,
24 ch
2222
69
PT
33FJ128GP710
100
128
16
9
8
8
1
2 A/D,
32 ch
2222
85
PF, PT
33FJ256GP506
64
256
16
9
8
8
1
1 A/D,
18 ch
2221
53
PT
33FJ256GP510
100
256
16
9
8
8
1
1 A/D,
32 ch
2221
85
PF, PT
33FJ256GP710
100
256
30
9
8
8
1
2 A/D,
32 ch
2222
85
PF, PT
Note
1:
RAM size is inclusive of 2 KB DMA RAM.
2:
Maximum I/O pin count includes pins shared by the peripheral functions.


Similar Part No. - 33FJ64GP310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
33FE-BT-VK-N ETC2-33FE-BT-VK-N Datasheet
119Kb / 2P
   1.25mm pitch Connectors for FFC
33FE-ST-VK-N ETC2-33FE-ST-VK-N Datasheet
119Kb / 2P
   1.25mm pitch Connectors for FFC
33FLZ-SM1-TB ETC2-33FLZ-SM1-TB Datasheet
133Kb / 5P
   Connectors for FFC and FPC
33FLZ-SM2-TB ETC2-33FLZ-SM2-TB Datasheet
84Kb / 2P
   FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
More results

Similar Description - 33FJ64GP310

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ256MC710-IPT MICROCHIP-DSPIC33FJ256MC710-IPT Datasheet
2Mb / 90P
   dsPIC짰 DSC High-Performance 16-Bit Digital Signal Controllers
08/24/05
DSPIC30F6010A MICROCHIP-DSPIC30F6010A_11 Datasheet
3Mb / 236P
   High-Performance, 16-bit Digital Signal Controllers
2011
DSPIC30F2010 MICROCHIP-DSPIC30F2010_08 Datasheet
2Mb / 204P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJXXXMCX06A MICROCHIP-DSPIC33FJXXXMCX06A Datasheet
2Mb / 352P
   High-Performance, 16-bit Digital Signal Controllers
2009
DSPIC30F2011 MICROCHIP-DSPIC30F2011_08 Datasheet
3Mb / 206P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJ12MC201MM MICROCHIP-DSPIC33FJ12MC201MM Datasheet
4Mb / 284P
   High-Performance, 16-Bit Digital Signal Controllers
2007
DSPIC30F6011 MICROCHIP-DSPIC30F6011_06 Datasheet
3Mb / 228P
   High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6010 MICROCHIP-DSPIC30F6010_06 Datasheet
3Mb / 222P
   High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6014A-30IPT MICROCHIP-DSPIC30F6014A-30IPT Datasheet
2Mb / 239P
   High-Performance, 16-Bit Digital Signal Controllers
10/19/06
DSPIC33FJ128GP802-I MICROCHIP-DSPIC33FJ128GP802-I Datasheet
2Mb / 403P
   High-Performance, 16-bit Digital Signal Controllers
03/26/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com