Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS2SA-4.5V-Z Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # TXS2SA-4.5V-Z
Description  Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TXS2SA-4.5V-Z Datasheet(HTML) 4 Page - Panasonic Semiconductor

  TXS2SA-4.5V-Z Datasheet HTML 1Page - Panasonic Semiconductor TXS2SA-4.5V-Z Datasheet HTML 2Page - Panasonic Semiconductor TXS2SA-4.5V-Z Datasheet HTML 3Page - Panasonic Semiconductor TXS2SA-4.5V-Z Datasheet HTML 4Page - Panasonic Semiconductor TXS2SA-4.5V-Z Datasheet HTML 5Page - Panasonic Semiconductor TXS2SA-4.5V-Z Datasheet HTML 6Page - Panasonic Semiconductor TXS2SA-4.5V-Z Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TX-S
4
ds_61022_en_txs: 060213D
REFERENCE DATA
1. Maximum switching capacity
2. Life curve
3. Mechanical life
Tested sample: TXS2-4.5V, 10 pcs.
Operating speed: 180 cpm
30
100
200
1.0
0.5
0.4
0.3
0.2
DC resistive load
(cos = 1)
φ
Contact voltage, V
0
0.5
1.0
100
10
Switching current, A
30V DC
resistive load
0
10
100
5,000
1,000
10
20
30
40
50
60
70
80
90
100
Min.
No. of operations,
×104
Pick-up voltage
Drop-out voltage
Max.
Min.
Max.
4. Electrical life (1 A 30 V DC resistive load)
Tested sample: TXS2-4.5V, 6 pcs.
Operating speed: 20 cpm
Change of pick-up and drop-out voltage
Change of contact resistance
5-(1). Coil temperature rise
Tested sample: TXS2-4.5V, 6 pcs.
Point measured: Inside the coil
Ambient temperature: 25
C 77F, 70C 158F
20
05
Max.
Min.
Min.
0
10
20
30
40
50
60
70
80
90
100
10
15
Max.
No. of operations,
×104
Pick-up voltage
Drop-out voltage
20
05
Min.
0
10
20
30
40
50
60
70
80
90
100
10
15
Max.
No. of operations,
×104
10
30
100
90
120
150
160
0
20
110
130
140
1A
1A
0A
0A
Coil applied voltage, %V
Room temperature :x
+70
°C +158°F :x
5-(2). Coil temperature rise
Tested sample: TXS2-24V, 6 pcs.
Point measured: Inside the coil
Ambient temperature: 25
C 77F, 70C 158F
6-(1). Operate and release time (with diode)
Tested sample: TXS2-4.5V, 10 pcs.
6-(2). Operate and release time (without diode)
Tested sample: TXS2-4.5V, 10 pcs.
10
30
100
90
120
150
160
0
20
110
130
140
1A
1A
0A
0A
Coil applied voltage, %V
Room temperature :x
+70
°C +158°F :x
1
4
3
2
6
7
80
100
120
0
5
90
110
Max.
Max.
Min.
Min.
Coil applied voltage, %V
Operate time
Release time
1
4
3
2
6
7
80
100
120
0
5
90
110
Max.
Max.
Min.
Min.
Operate time
Release time
Coil applied voltage, %V
7. Ambient temperature characteristics
Tested sample: TXS2-4.5V, 5 pcs.
8-(1). High frequency characteristics
(Isolation)
Tested sample: TXS2-4.5V, 2 pcs.
8-(2). High frequency characteristics
(Insertion loss)
Tested sample: TXS2-4.5V, 2 pcs.
–30
30
20
10
–20
–40 –20
020
x
x
–10
40
60
80
Ambient
temperature,
°C
Drop-out
voltage
Pick-up voltage
50
10
100
1,000
100
Frequency, MHz
0.6
10
100
1,000
0.2
0.4
1.0
0.8
Frequency, MHz


Similar Part No. - TXS2SA-4.5V-Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TXS2-1.5V PANASONIC-TXS2-1.5V Datasheet
192Kb / 7P
   New pin layout (LT type) added
TXS2-12V PANASONIC-TXS2-12V Datasheet
192Kb / 7P
   New pin layout (LT type) added
TXS2-24V PANASONIC-TXS2-24V Datasheet
192Kb / 7P
   New pin layout (LT type) added
TXS2-3V PANASONIC-TXS2-3V Datasheet
192Kb / 7P
   New pin layout (LT type) added
TXS2-4.5V PANASONIC-TXS2-4.5V Datasheet
192Kb / 7P
   New pin layout (LT type) added
More results

Similar Description - TXS2SA-4.5V-Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
logo
Panasonic Battery Group
AGN PANASONICBATTERY-AGN Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power
logo
Nais(Matsushita Electri...
DS2Y NAIS-DS2Y Datasheet
57Kb / 3P
   2 Form C contact High sensitivity-200 mW nominal operating power
logo
Panasonic Semiconductor
TXS2L-H-1-1-X PANASONIC-TXS2L-H-1-1-X Datasheet
192Kb / 7P
   New pin layout (LT type) added
logo
Vishay Siliconix
SST309-T1-E3 VISHAY-SST309-T1-E3 Datasheet
102Kb / 8P
   Very High System Sensitivity
Rev. H, 24-Jan-05
logo
Panasonic Semiconductor
AGN2001H PANASONIC-AGN2001H Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power, in a compact and space saving case
logo
Melexis Microelectronic...
US2884 MELEXIS-US2884 Datasheet
515Kb / 11P
   Bipolar Hall Switch - Very High Sensitivity
logo
ams AG
TSL2591 AMSCO-TSL2591 Datasheet
711Kb / 25P
   very-high sensitivity light-to-digital
logo
Melexis Microelectronic...
US2881 MELEXIS-US2881_12 Datasheet
1Mb / 12P
   Bipolar Hall Switch ??Very High Sensitivity
US2884 MELEXIS-US2884_12 Datasheet
718Kb / 11P
   Bipolar Hall Switch ??Very High Sensitivity
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com