Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX384B12 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BZX384B12
Description  Small Signal Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX384B12 Datasheet(HTML) 3 Page - Vishay Siliconix

  BZX384B12 Datasheet HTML 1Page - Vishay Siliconix BZX384B12 Datasheet HTML 2Page - Vishay Siliconix BZX384B12 Datasheet HTML 3Page - Vishay Siliconix BZX384B12 Datasheet HTML 4Page - Vishay Siliconix BZX384B12 Datasheet HTML 5Page - Vishay Siliconix BZX384B12 Datasheet HTML 6Page - Vishay Siliconix BZX384B12 Datasheet HTML 7Page - Vishay Siliconix BZX384B12 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BZX384-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 08-May-13
3
Document Number: 85764
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE
RANGE
TEST
CURRENT
REVERSE
LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
TEMPERATURE
COEFFICIENT OF
ZENER VOLTAGE
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
VZ at IZT1
V
mA
μA
V
10-4/°C
MIN.
NOM.
MAX.
MAX.
TYP.
TYP.
MIN.
MAX.
BZX384B2V4
W1
2.35
2.4
2.45
5
1
50
1
70 (
 100)
275
- 9
- 4
BZX384B2V7
W2
2.65
2.7
2.75
5
1
20
1
75 (
 100) 300 ( 600)
- 9
- 3
BZX384B3V0
W3
2.94
3.0
3.06
5
1
10
1
80 (
 95)
325 (
 600)
- 8
- 3
BZX384B3V3
W4
3.23
3.3
3.37
5
1
5
1
85 (
 95)
350 (
 600)
- 8
- 3
BZX384B3V6
W5
3.53
3.6
3.67
5
1
5
1
85 (
 90)
375 (
 600)
- 7
- 3
BZX384B3V9
W6
3.82
3.9
3.98
5
1
3
1
85 (
 90)
400 (
 600)
- 6
- 1
BZX384B4V3
W7
4.21
4.3
4.39
5
1
3
1
80 (
 90)
410 (
 600)
- 5
2
BZX384B4V7
W8
4.61
4.7
4.79
5
1
3
2
50 (
 80)
425 (
 500)
- 3
4
BZX384B5V1
W9
5
5.1
5.2
5
1
2
2
40 (
 60)
400 (
 480)
- 2
6
BZX384B5V6
WA
5.49
5.6
5.71
5
1
1
2
15 (
 40)
80 (
 400)
- 1
7
BZX384B6V2
WB
6.08
6.2
6.32
5
1
3
4
6 (
 10)
40 (
 150)
2
7
BZX384B6V8
WC
6.66
6.8
6.94
5
1
2
4
6 (
 15)
30 (
 80)
3
7
BZX384B7V5
WD
7.35
7.5
7.65
5
1
1
5
6 (
 15)
30 (
 80)
4
7
BZX384B8V2
WE
8.04
8.2
8.36
5
1
0.7
5
6 (
 15)
40 (
 80)
5
8
BZX384B9V1
WF
8.92
9.1
9.28
5
1
0.5
6
6 (
 15)
40 (
 100)
5
8
BZX384B10
WG
9.8
10
10.2
5
1
0.2
7
8 (
 20)
50 (
 150)
5
9
BZX384B11
WH
10.8
11
11.2
5
1
0.1
8
10 (
 20)
50 (
 150)
6
9
BZX384B12
WI
11.8
12
12.2
5
1
0.1
8
10 (
 25)
50 (
 150)
7
9
BZX384B13
WK
12.7
13
13.3
5
1
0.1
8
10 (
 30)
50 (
 170)
7
9
BZX384B15
WL
14.7
15
15.3
5
1
0.05
0.7 VZnom.
10 (
 30)
50 (
 200)
8
9.5
BZX384B16
WM
15.7
16
16.3
5
1
0.05
0.7 VZnom.
10 (
 40)
50 (
 200)
8
9.5
BZX384B18
WN
17.6
18
18.4
5
1
0.05
0.7 VZnom.
10 (
 45)
50 (
 225)
8
10
BZX384B20
WO
19.6
20
20.4
5
1
0.05
0.7 VZnom.
15 (
 55)
60 (
 225)
8
10
BZX384B22
WP
21.6
22
22.4
5
1
0.05
0.7 VZnom.
20 (
 55)
60 (
 250)
8
10
BZX384B24
WR
23.5
24
24.5
5
1
0.05
0.7 VZnom.
25 (
 70)
60 (
 250)
8
10
BZX384B27
WS
26.5
27
27.5
2
0.5
0.05
0.7 VZnom.
25 (
 80)
65 (
 300)
8
10
BZX384B30
WT
29.4
30
30.6
2
0.5
0.05
0.7 VZnom.
30 (
 80)
70 (
 300)
8
10
BZX384B33
WU
32.3
33
33.7
2
0.5
0.05
0.7 VZnom.
35 (
 80)
75 (
 325)
8
10
BZX384B36
WW
35.3
36
36.7
2
0.5
0.05
0.7 VZnom.
35 (
 90)
80 (
 350)
10
12
BZX384B39
WX
38.2
39
39.8
2
0.5
0.05
0.7 VZnom. 40 ( 130)
80 (
 350)
10
12
BZX384B43
WY
42.1
43
43.9
2
0.5
0.05
0.7 VZnom. 45 ( 150)
85 (
 375)
10
12
BZX384B47
WZ
46.1
47
47.9
2
0.5
0.05
0.7 VZnom. 50 ( 170)
85 (
 375)
10
12
BZX384B51
X1
50
51
52
2
0.5
0.05
0.7 VZnom. 60 ( 180)
85 (
 400)
10
12
BZX384B56
X2
54.9
56
57.1
2
0.5
0.05
0.7 VZnom. 70 ( 200)
100 (
 425)
10
12
BZX384B62
X3
60.8
62
63.2
2
0.5
0.05
0.7 VZnom. 80 ( 215)
100 (
 450)
10
12
BZX384B68
X4
66.6
68
69.4
2
0.5
0.05
0.7 VZnom. 90 ( 240)
150 (
 475)
10
12
BZX384B75
X5
73.5
75
76.5
2
0.5
0.05
0.7 VZnom. 95 ( 255)
170 (
 500)
10
12


Similar Part No. - BZX384B12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX384B12-G VISHAY-BZX384B12-G Datasheet
120Kb / 8P
   Silicon planar Zener diodes
Rev. 1.6, 14-Oct-16
BZX384B12-V VISHAY-BZX384B12-V Datasheet
111Kb / 9P
   Small Signal Zener Diodes
Rev. 1.6, 17-May-06
BZX384B12-V VISHAY-BZX384B12-V Datasheet
108Kb / 8P
   Small Signal Zener Diodes
Rev. 1.8, 22-Nov-11
BZX384B12-V VISHAY-BZX384B12-V Datasheet
105Kb / 8P
   Small Signal Zener Diodes
Rev. 1.8, 22-Nov-11
More results

Similar Description - BZX384B12

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com