Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPS-2341W-D25G Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # XPS-2341W-D25G
Description  10Gbps / 40 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 10GbE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

XPS-2341W-D25G Datasheet(HTML) 3 Page - Optoway Technology Inc

  XPS-2341W-D25G Datasheet HTML 1Page - Optoway Technology Inc XPS-2341W-D25G Datasheet HTML 2Page - Optoway Technology Inc XPS-2341W-D25G Datasheet HTML 3Page - Optoway Technology Inc XPS-2341W-D25G Datasheet HTML 4Page - Optoway Technology Inc XPS-2341W-D25G Datasheet HTML 5Page - Optoway Technology Inc XPS-2341W-D25G Datasheet HTML 6Page - Optoway Technology Inc XPS-2341W-D25G Datasheet HTML 7Page - Optoway Technology Inc XPS-2341W-D25G Datasheet HTML 8Page - Optoway Technology Inc XPS-2341W-D25G Datasheet HTML 9Page - Optoway Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Optoway
XPS-2341W-DXXG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
7/1/2010
V1.0
3
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
-5
70
oC
Relative Humidity
RH
0
85
%
Non condensing
Power Supply Voltage (5V)
Vcc5
-0.5
6.0
V
Power Supply Voltage (3.3V)
VCC3
-0.5
3.6
V
Receiver Input Optical Power
Mip
4
dBm
Received average power
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage (5V)
VCC5
4.75
5
5.25
V
Power Supply Voltage (3.3V)
VCC3
3.13
3.3
3.47
V
Power Supply Current (@5V)
ICC5
300
mA / 1
Power Supply Current (@3.3V)
ICC3
750
mA / 1
Power Dissipation
PD
3.5
W
Operating Case Temperature
Topr
-5
70
oC
Data Rate
9.95
10.3125
10.5
Gb/s
1. Including in rush current. Maximum module current ramp rate is 100 mA/
µs.
Transmitter Optical Specifications (Topr= -5 to 70
oC, Vcc5=5V±5%, Vcc3 = 3.3V ±5%)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Average Launch Power
Po, Avg
-2
+2
dBm
2
Extinction Ratio
ER
8.2
dB
Center Wavelength Spacing
100
GHz
3
Transmitter Center Wavelength
-- over life time
λc
X-100
X
X+100
pm
4
Output Spectrum Width
σλ
1
nm
-20 dB width
Side Mode Suppression Ratio
SMSR
30
dB
Transmitter and Dispersion
Penalty @ 800 ps/nm
TDP
2
dB
Relative Intensity Noise
RIN
-130
dB/Hz
Eye Mask 1
IEEE 802.3ae
10G Ethernet
Average Launch Power of OFF
Transmitter
-30
dBm
2. Output power is power coupled into a 9/125
µm single-mode fiber.
3. Corresponds to approximately 0.8 nm.
4. X = specified ITU Grid wavelength. Wavelength stability is achieved within 60 seconds of power up.
Receiver Optical Specifications (Topr= -5 to 70
oC, Vcc5=5V±5%,Vcc3 = 3.3V ±5%)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Sensitivity
Sen1
-16
dBm
5
Stressed
Receiver
Sensitivity,
OMA
Sen2
-11.3
dBm
Receiver Overload
PMAX
-1
---
dBm
LOS -- Deasserted
LOSD
---
---
-20
dBm
Transition: low to high
LOS -- Asserted
LOSA
-28
---
---
dBm
Transition: high to low
LOS -- Hysteresis
0.5
---
dB
Wavelength of Operation
λc
1260
1600
nm
Optical Return Loss
ORL
-27
dB
5. Measured with worst ER; BER < 10
-12 and PRBS 231-1. Equivalent to -14.3 dBm OMA at ER=8.2 dB.


Similar Part No. - XPS-2341W-D25G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-2341W-CXX0G OPTOWAY-XPS-2341W-CXX0G Datasheet
240Kb / 9P
   10Gbps / 40 km / CWDM XFP Single-Mode Optical Transceiver for OC-192 / 10GbE / 10G FC
XPS-2341W-CXXG OPTOWAY-XPS-2341W-CXXG Datasheet
240Kb / 9P
   10Gbps / 40 km / CWDM XFP Single-Mode Optical Transceiver for OC-192 / 10GbE / 10G FC
More results

Similar Description - XPS-2341W-D25G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-2381W-D21G OPTOWAY-XPS-2381W-D21G Datasheet
245Kb / 10P
   10Gbps / 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 10GbE / OC-192
XPS-2385W-D200G OPTOWAY-XPS-2385W-D200G Datasheet
252Kb / 11P
   10Gbps / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver for 10GbE / OC-192
XPS-2341MW-D21G OPTOWAY-XPS-2341MW-D21G Datasheet
257Kb / 10P
   10G Multirate / 40 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-2341W-CXX0G OPTOWAY-XPS-2341W-CXX0G Datasheet
240Kb / 9P
   10Gbps / 40 km / CWDM XFP Single-Mode Optical Transceiver for OC-192 / 10GbE / 10G FC
XPS-2341MW-CXX0G OPTOWAY-XPS-2341MW-CXX0G Datasheet
240Kb / 9P
   10Gbps Multirate / 40 km / CWDM XFP Single-Mode Optical Transceiver
XPS-2381MW-D21G OPTOWAY-XPS-2381MW-D21G Datasheet
246Kb / 10P
   10G Multirate / 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-2340W-CXX0G OPTOWAY-XPS-2340W-CXX0G Datasheet
240Kb / 9P
   10Gbps / CWDM XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
XPS-4341W-D21G OPTOWAY-XPS-4341W-D21G Datasheet
249Kb / 10P
   8.5 Gbps/ 40 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-2310W-CXX0G OPTOWAY-XPS-2310W-CXX0G Datasheet
295Kb / 9P
   10Gbps / CWDM XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
XPS-2371W-CXX0G OPTOWAY-XPS-2371W-CXX0G Datasheet
235Kb / 9P
   10Gbps / 70 km / CWDM XFP Single-Mode Optical Transceiver for OC-192 / 10GbE / 10G FC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com