Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11A617B.W Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # H11A617B.W
Description  4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11A617B.W Datasheet(HTML) 6 Page - Fairchild Semiconductor

  H11A617B.W Datasheet HTML 1Page - Fairchild Semiconductor H11A617B.W Datasheet HTML 2Page - Fairchild Semiconductor H11A617B.W Datasheet HTML 3Page - Fairchild Semiconductor H11A617B.W Datasheet HTML 4Page - Fairchild Semiconductor H11A617B.W Datasheet HTML 5Page - Fairchild Semiconductor H11A617B.W Datasheet HTML 6Page - Fairchild Semiconductor H11A617B.W Datasheet HTML 7Page - Fairchild Semiconductor H11A617B.W Datasheet HTML 8Page - Fairchild Semiconductor H11A617B.W Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
4/24/03
Page 6 of 9
© 2003 Fairchild Semiconductor Corporation
4-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
H11AA814 SERIES
H11A617 SERIES
H11A817 SERIES
NOTE
All dimensions are in inches (millimeters)
Package Dimensions (Through Hole)
Package Dimensions (Surface Mount)
Footprint Dimensions (Surface Mount)
0.190 (4.83)
0.175 (4.45)
0.200 (5.08)
0.115 (2.92)
0.100 (2.54)
TYP
0.154 (3.90)
0.120 (3.05)
0.270 (6.86)
0.250 (6.35)
0.270 (6.86)
0.250 (6.35)
0.020 (0.51)
MIN
0.300 (7.62)
typ
15
°
0.016 (0.40)
0.008 (0.20)
0.190 (4.83)
0.175 (4.45)
0.200 (5.08)
0.115 (2.92)
0.020 (0.51)
MIN
0.070 (1.78)
0.045 (1.14)
0.100 (2.54)
TYP
0.022 (0.56)
0.016 (0.41)
0.405 (10.30)
MAX
0.315 (8.00)
MIN
0.300 (7.62)
TYP
0.016 (0.40)
0.008 (0.20)
0.270 (6.86)
0.250 (6.35)
Lead Coplanarity 0.004 (0.10) MAX
0.070 (1.78)
0.060 (1.52)
0.030 (0.76)
0.295 (7.49)
0.415 (10.54)
0.100 (2.54)
0.400 (10.16)
TYP
0 to 15°
0.270 (6.86)
0.250 (6.35)
0.190 (4.83)
0.175 (4.45)
0.100 (2.54)
TYP
0.154 (3.90)
0.120 (3.05)
0.004 (0.10)
MIN
0.200 (5.08)
0.115 (2.92)
0.270 (6.86)
0.250 (6.35)
0.016 (0.40)
0.008 (0.20)
Package Dimensions (0.4” Lead Spacing)


Similar Part No. - H11A617B.W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11A617B FAIRCHILD-H11A617B Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
More results

Similar Description - H11A617B.W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD617 FAIRCHILD-FOD617 Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD817 FAIRCHILD-FOD817 Datasheet
163Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11AA814 FAIRCHILD-H11AA814_06 Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA814 QT-H11AA814 Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD816 FAIRCHILD-FOD816 Datasheet
114Kb / 9P
   4-Pin Phototransistor Optocouplers
logo
ON Semiconductor
FOD814 ONSEMI-FOD814_V02 Datasheet
388Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
FOD814 ONSEMI-FOD814_V01 Datasheet
361Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
August, 2021 ??Rev. 7
FOD814 ONSEMI-FOD814 Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com