Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS2-L-9V Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # TXS2-L-9V
Description  Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TXS2-L-9V Datasheet(HTML) 5 Page - Panasonic Semiconductor

  TXS2-L-9V Datasheet HTML 1Page - Panasonic Semiconductor TXS2-L-9V Datasheet HTML 2Page - Panasonic Semiconductor TXS2-L-9V Datasheet HTML 3Page - Panasonic Semiconductor TXS2-L-9V Datasheet HTML 4Page - Panasonic Semiconductor TXS2-L-9V Datasheet HTML 5Page - Panasonic Semiconductor TXS2-L-9V Datasheet HTML 6Page - Panasonic Semiconductor TXS2-L-9V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TX-S
5
ds_61022_en_txs: 060213D
Note: Data of surface-mount type are the same as those of PC board terminal type.
9-(1). Malfunctional shock (single side stable)
Tested sample: TXS2-4.5V, 6 pcs.
9-(2). Malfunctional shock (latching)
Tested sample: TXS2-L2-4.5V, 6 pcs.
10. Thermal electromotive force
Tested sample: TXS2-4.5V, 6 pcs.
Y’
Y
XZ
Z’
X’
Y
Y’
Z’
Z
X
X’
1000m/s
2
1000m/s
2
1000m/s
2
1000m/s
2
1000m/s
2
1000m/s
2
Deenergized condition
Energized condition
1000m/s
2
1000m/s
2
1000m/s
2
1000m/s
2
1000m/s
2
1000m/s
2
Y’
Y
XZ
Z’
X’
Y
Y’
Z’
Z
X
X’
Reset state
Set state
0
2
4
6
8
10
12
14
16
18
20
0
0.15
0.25
0.35
0.45
0.55
Thermal electromotive force,
μV
x = 0.30
11-(1). Influence of adjacent mounting
Tested sample: TXS2-4.5V, 6 pcs.
11-(2). Influence of adjacent mounting
Tested sample: TXS2-4.5V, 6 pcs.
11-(3). Influence of adjacent mounting
Tested sample: TXS2-4.5V, 6 pcs.
–15
–10
0
–5
5
10
15
ON
ON
ON
OFF
OFF
OFF
10
12 14 16
6
24
8
0
Pick-up voltage
Drop-out voltage
Inter-relay distance
, mm inch
.394 .472 .551 .630
.236
.079 .157
.315
–15
–10
–5
10
12 14 16
6
24
8
0
0
5
10
15
ON
ON
ON
OFF
OFF
OFF
Pick-up voltage
Drop-out voltage
Inter-relay distance
, mm inch
.394 .472 .551 .630
.236
.079 .157
.315
5
10
0
15
Pick-up voltage
Drop-out voltage
Inter-relay distance
, mm inch
–15
–10
–5
10
12 14 16
6
24
8
0
ON
ON
ON
OFF
OFF
OFF
ON
OFF
.394 .472 .551 .630
.236
.079 .157
.315
12. Pulse dialing test
(35 mA 48V DC wire spring relay load)
Tested sample: TXS2-4.5V, 6 pcs.
Change of pick-up and drop-out voltage
Change of contact resistance
+
DC48V
458
Ω
0.08
μF
0.08
μF
458
Ω
4
3
Wire spring relay
0
0
10
20
50
30
10
Max.
Max.
Min.
Min.
20
30
40
50
60
70
80
90
100
40
Pick-up voltage
Drop-out voltage
No. of operation,
×104
50
Max.
Min.
0
10
20
30
40
50
60
70
80
90
100
10
0
203040
No. of operation,
×104


Similar Part No. - TXS2-L-9V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TXS2-L-9V PANASONIC-TXS2-L-9V Datasheet
192Kb / 7P
   New pin layout (LT type) added
More results

Similar Description - TXS2-L-9V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
logo
Panasonic Battery Group
AGN PANASONICBATTERY-AGN Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power
logo
Nais(Matsushita Electri...
DS2Y NAIS-DS2Y Datasheet
57Kb / 3P
   2 Form C contact High sensitivity-200 mW nominal operating power
logo
Panasonic Semiconductor
TXS2L-H-1-1-X PANASONIC-TXS2L-H-1-1-X Datasheet
192Kb / 7P
   New pin layout (LT type) added
logo
Vishay Siliconix
SST309-T1-E3 VISHAY-SST309-T1-E3 Datasheet
102Kb / 8P
   Very High System Sensitivity
Rev. H, 24-Jan-05
logo
Panasonic Semiconductor
AGN2001H PANASONIC-AGN2001H Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power, in a compact and space saving case
logo
Melexis Microelectronic...
US2884 MELEXIS-US2884 Datasheet
515Kb / 11P
   Bipolar Hall Switch - Very High Sensitivity
logo
ams AG
TSL2591 AMSCO-TSL2591 Datasheet
711Kb / 25P
   very-high sensitivity light-to-digital
logo
Melexis Microelectronic...
US2881 MELEXIS-US2881_12 Datasheet
1Mb / 12P
   Bipolar Hall Switch ??Very High Sensitivity
US2884 MELEXIS-US2884_12 Datasheet
718Kb / 11P
   Bipolar Hall Switch ??Very High Sensitivity
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com