Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-2381AMW-DXXG Datasheet(PDF) 5 Page - Optoway Technology Inc

Part # SPS-2381AMW-DXXG
Description  80km / 100GHz DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-2381AMW-DXXG Datasheet(HTML) 5 Page - Optoway Technology Inc

  SPS-2381AMW-DXXG Datasheet HTML 1Page - Optoway Technology Inc SPS-2381AMW-DXXG Datasheet HTML 2Page - Optoway Technology Inc SPS-2381AMW-DXXG Datasheet HTML 3Page - Optoway Technology Inc SPS-2381AMW-DXXG Datasheet HTML 4Page - Optoway Technology Inc SPS-2381AMW-DXXG Datasheet HTML 5Page - Optoway Technology Inc SPS-2381AMW-DXXG Datasheet HTML 6Page - Optoway Technology Inc SPS-2381AMW-DXXG Datasheet HTML 7Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Optoway
SPS-2381MW-DXXG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
7/1/2011 V2.0
5
CONNECTION DIAGRAM
PIN Signal Name
Description
PIN Signal Name
Description
1
VEET
Transmitter Signal Ground
11
VEER
Receiver Signal Ground
2
TX_Fault
Transmitter Fault Indication. Logic “1” Output
= Laser Fault. Logic “0” Output = Normal
Operation
12
RD-
Inverse Receiver Data Out
3
TX_Disable
Logic “1” Input (or no connection) = Laser off,
Logic “0” = Laser on.
13
RD+
Receiver Data Out
4
SDA
Modulation Definition 2 – Two wires serial ID
Interface
14
VEER
Receiver Signal Ground
5
SDL
Modulation Definition 1 – Two wires serial ID
Interface
15
VCCR
Receiver Power – 3.3V±5%
6
MOD-ABS
Modulation Definition 0 – Ground in Module
16
VCCT
Transmitter Power – 3.3V±5%
7
RS0
RX Rate Select (LVTTL). This pin has an
internal 30k pulldown to ground. A signal on
this pin will not affect module performance.
17
VEET
Transmitter Signal Ground
8
RX_LOS
Loss of Signal Out (OC).
18
TD+
Transmitter Data In
9
RS1
TX Rate Select (LVTTL). This pin has an
internal 30k pulldown to ground. A signal on
this pin will not affect module performance.
19
TD-
Inverse Transmitter Data In
10
VEER
Receiver Signal Ground
20
VEET
Transmitter Signal Ground
MODULE DEFINITION
Module Definition
PIN 4
PIN 5
PIN 6
Interpretation by Host
4
SDA
SCL
MOD-ABS
Serial module definition
protocol
Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, SDA and SDL appear as no connector
(NC) and MOD-ABS is TTL LOW. When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire
serial CMOS E
2PROM protocol of the ATMEL AT24C01A/02/04 family of components.


Similar Part No. - SPS-2381AMW-DXXG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2381AW-DXXG OPTOWAY-SPS-2381AW-DXXG Datasheet
203Kb / 7P
   10.3 Gbps / 100 GHz DWDM / 80 km Digital Diagnostic LC
More results

Similar Description - SPS-2381AMW-DXXG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2381MW-DXXG OPTOWAY-SPS-2381MW-DXXG Datasheet
200Kb / 7P
   80km / DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341MW-D21G OPTOWAY-SPS-2341MW-D21G_11 Datasheet
201Kb / 7P
   40km / 100GHz DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9380W-DXXG OPTOWAY-SPS-9380W-DXXG Datasheet
264Kb / 6P
   2.5Gbps / 100GHz DWDM / 80km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9380RW-DXXG OPTOWAY-SPS-9380RW-DXXG Datasheet
264Kb / 6P
   3.2Gbps / 100GHz DWDM / 80km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9380MW-DXXG OPTOWAY-SPS-9380MW-DXXG Datasheet
265Kb / 6P
   2.67Gbps / 100GHz DWDM / 80km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-8380W-DXXG OPTOWAY-SPS-8380W-DXXG Datasheet
264Kb / 6P
   4.25Gbps / 100GHz DWDM / 80km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341MW-DXXG OPTOWAY-SPS-2341MW-DXXG Datasheet
200Kb / 7P
   40km / DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2385MW-D200G OPTOWAY-SPS-2385MW-D200G_12 Datasheet
207Kb / 8P
   80km / 50GHz DWDM / 10G Multirate Digital Diagnostic LC
SPS-2385MW_2015 OPTOWAY-SPS-2385MW_2015 Datasheet
207Kb / 8P
   10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341MW-DXXG_2015 OPTOWAY-SPS-2341MW-DXXG_2015 Datasheet
201Kb / 7P
   10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com