Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11AA814A.W Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # H11AA814A.W
Description  4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11AA814A.W Datasheet(HTML) 2 Page - Fairchild Semiconductor

  H11AA814A.W Datasheet HTML 1Page - Fairchild Semiconductor H11AA814A.W Datasheet HTML 2Page - Fairchild Semiconductor H11AA814A.W Datasheet HTML 3Page - Fairchild Semiconductor H11AA814A.W Datasheet HTML 4Page - Fairchild Semiconductor H11AA814A.W Datasheet HTML 5Page - Fairchild Semiconductor H11AA814A.W Datasheet HTML 6Page - Fairchild Semiconductor H11AA814A.W Datasheet HTML 7Page - Fairchild Semiconductor H11AA814A.W Datasheet HTML 8Page - Fairchild Semiconductor H11AA814A.W Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
4/24/03
Page 2 of 9
© 2003 Fairchild Semiconductor Corporation
4-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
H11AA814 SERIES
H11A617 SERIES
H11A817 SERIES
*Typical values at TA = 25°C.
Parameter
Symbol
Device
Value
Units
TOTAL DEVICE
Storage Temperature
TSTG
All
-55 to +150
°C
Operating Temperature
TOPR
All
-55 to +100
°C
Lead Solder Temperature
TSOL
All
260 for 10 sec
°C
Total Device Power Dissipation (-55°C to 50 °C)
PD
All
200
mW
EMITTER
Continuous Forward Current
IF
All
50
mA
Reverse Voltage
VR
H11A617A/B/C/D
H11A817/A/B/C/D
6
5
V
Forward Current - Peak (1 µs pulse, 300 pps)
IF(pk)
All
1.0
A
LED Power Dissipation (25°C ambient)
Derate above 25°C
PD
All
100
mW
1.33
mW/°C
DETECTOR
Collector-Emitter Voltage
VCEO
All
70
V
Emitter-Collector Voltage
VECO
H11AA814/A
H11A617A/B/C/D
H11A817/A/B/C/D
6
7
6
V
Continuous Collector Current
IC
All
50
mA
Detector Power Dissipation (25°C ambient)
Derate above 25°C
PD
All
150
mW
2.0
mW/°C
ELECTRICAL CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameter
Test Conditions Symbol
Device
Min
Typ*
Max
Unit
EMITTER
(IF = 60 mA)
VF
H11A617A/B/C/D
1.35
1.65
V
Input Forward Voltage
(IF = 20 mA)
H11A817/A/B/C/D
1.2
1.5
(IF = ±20 mA)
H11AA814/A
1.2
1.5
Reverse Leakage Current
(VR = 6.0 V)
IR
H11A617A/B/C/D
.001
10
µA
(VR = 5.0 V)
H11A817/A/B/C/D
DETECTOR
Collector-Emitter Breakdown
Voltage
(IC = 1.0 mA, IF = 0)
BVCEO
ALL
70
100
V
Emitter-Collector Breakdown
Voltage
(IE = 100 µA, IF = 0)
BVECO
H11AA814/A
6
10
V
H11A617A/B/C/D
7
H11A817/A/B/C/D
6
Collector-Emitter Dark Current
(VCE = 10V, IF = 0)
ICEO
H11AA814/A, H11A817/A/B/C/D,
H11A617C/D
1
100
nA
H11A617A/B
50
Collector-Emitter Capacitance
(VCE = 0 V, f = 1 MHz)
CCE
ALL
8
pF


Similar Part No. - H11AA814A.W

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H11AA814A QT-H11AA814A Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA814A FAIRCHILD-H11AA814A Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
More results

Similar Description - H11AA814A.W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD617 FAIRCHILD-FOD617 Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD817 FAIRCHILD-FOD817 Datasheet
163Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11AA814 FAIRCHILD-H11AA814_06 Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA814 QT-H11AA814 Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD816 FAIRCHILD-FOD816 Datasheet
114Kb / 9P
   4-Pin Phototransistor Optocouplers
logo
ON Semiconductor
FOD814 ONSEMI-FOD814_V02 Datasheet
388Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
FOD814 ONSEMI-FOD814_V01 Datasheet
361Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
August, 2021 ??Rev. 7
FOD814 ONSEMI-FOD814 Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com