Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7899ARS-3 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7899ARS-3
Description  5 V Single Supply 14-Bit 400 kSPS ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7899ARS-3 Datasheet(HTML) 2 Page - Analog Devices

  AD7899ARS-3 Datasheet HTML 1Page - Analog Devices AD7899ARS-3 Datasheet HTML 2Page - Analog Devices AD7899ARS-3 Datasheet HTML 3Page - Analog Devices AD7899ARS-3 Datasheet HTML 4Page - Analog Devices AD7899ARS-3 Datasheet HTML 5Page - Analog Devices AD7899ARS-3 Datasheet HTML 6Page - Analog Devices AD7899ARS-3 Datasheet HTML 7Page - Analog Devices AD7899ARS-3 Datasheet HTML 8Page - Analog Devices AD7899ARS-3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. A
–2–
AD7899–SPECIFICATIONS
(VDD = 5 V
5%, AGND = DGND = 0 V, VREF = Internal. Clock = Internal, all specifications
TMIN to TMAX and valid for VDRIVE = 3 V
5% and 5 V
5% unless otherwise noted.)
ABS
Parameter
Version
1
Version
1
Version
1
Unit
Test Conditions/Comments
SAMPLE AND HOLD
–0.1 dB Full Power Bandwidth
500
500
500
kHz typ
–3 dB Full Power Bandwidth
4.5
4.5
4.5
MHz typ
Aperture Delay
20
20
20
ns max
Aperture Jitter
25
25
25
ps typ
DYNAMIC PERFORMANCE
2
fIN = 100 kHz, fS = 400 kSPS
AD7899-1
Signal to (Noise + Distortion)
Ratio
3 @ 25 C
78
78
78
dB min
TMIN to TMAX
78
78
77
dB min
Total Harmonic Distortion
3
–84
–84
–82
dB max
Peak Harmonic or Spurious Noise
3
–86
–86
–85
dB max
AD7899-2
Signal to (Noise + Distortion)
Ratio
3 @ 25 C
78
dB min
TMIN to TMAX
77
dB min
Total Harmonic Distortion
3
–82
dB max
Peak Harmonic or Spurious Noise
3
–82
dB max
AD7899-3
Signal to (Noise + Distortion)
Ratio
3 @ 25 C
78
78
dB min
TMIN to TMAX
77
77
dB min
Total Harmonic Distortion
3
–84
–84
dB max
Peak Harmonic or Spurious Noise
3
–86
–86
dB max
Intermodulation Distortion
3
fa = 49 kHz, fb = 50 kHz
2nd Order Terms
–89
–89
–89
dB typ
3rd Order Terms
–89
–89
–89
dB typ
DC ACCURACY
Resolution
14
14
14
Bits
Relative Accuracy (INL)
3
± 2
±1.5
±2
LSB max
Differential Nonlinearity (DNL)
3
± 1
± 1
±1
LSB max
No Missing Codes Guaranteed
AD7899-1
Input Voltage Range
±5, ±10
±5, ±10
Volts
Input Current
0.8, 0.8
0.8, 0.8
mA max
VIN = –5 V and –10 V Respectively
Positive Gain Error
3
±10
± 8
±12
LSB max
Negative Gain Error
3
±10
± 8
±12
LSB max
Bipolar Zero Error
±12
± 8
±12
LSB max
AD7899-2
Input Voltage Range
0 to 2.5
Volts
0 to 5
Input Current
0.4, 800
µA max
VIN = 2.5 V, VIN = 5 V
Positive Gain Error
3
±14
LSB max
Offset Error
3
±10
LSB max
AD7899-3
Input Voltage Range
±2.5
±2.5
Volts
Input Current
0.8
0.8
mA max
VIN = –2.5 V
Positive Gain Error
3
±14
±12
LSB max
Negative Gain Error
3
±14
±12
LSB max
Bipolar Zero Error
±14
±12
LSB max
REFERENCE INPUT/OUTPUT
VREF IN Input Voltage Range
2.375/2.625
2.375/2.625
2.375/2.625
VMIN/VMAX
2.5 V
± 5%
VREF IN Input Capacitance
4
10
10
10
pF max
VREF OUT Output Voltage
2.5
2.5
2.5
V nom
VREF OUT Error @ 25 C
±10
±10
±10
mV max
VREF OUT Error TMIN to TMAX
±20
±20
±25
mV max
VREF OUT Temperature Coefficient
25
25
25
ppm/ C typ
VREF OUT Output Impedance
6
6
6
k
Ω typ
See Reference Section


Similar Part No. - AD7899ARS-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7899ARS-3 AD-AD7899ARS-3 Datasheet
274Kb / 17P
   5 V Single Supply 14-Bit 400 kSPS ADC
More results

Similar Description - AD7899ARS-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7899BRZ-1 AD-AD7899BRZ-1 Datasheet
242Kb / 16P
   5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7899 AD-AD7899_15 Datasheet
242Kb / 16P
   5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7899 AD-AD7899_17 Datasheet
274Kb / 17P
   5 V Single Supply 14-Bit 400 kSPS ADC
AD7856 AD-AD7856_15 Datasheet
297Kb / 32P
   5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
REV. A
AD7856 AD-AD7856_17 Datasheet
328Kb / 33P
   5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
AD7856 AD-AD7856 Datasheet
294Kb / 32P
   5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
REV. A
AD7858ARZ AD-AD7858ARZ Datasheet
306Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858BRZ AD-AD7858BRZ Datasheet
306Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858LARZ AD-AD7858LARZ Datasheet
306Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858 AD-AD7858 Datasheet
315Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com