Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7899ARS-3 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7899ARS-3
Description  5 V Single Supply 14-Bit 400 kSPS ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7899ARS-3 Datasheet(HTML) 5 Page - Analog Devices

  AD7899ARS-3 Datasheet HTML 1Page - Analog Devices AD7899ARS-3 Datasheet HTML 2Page - Analog Devices AD7899ARS-3 Datasheet HTML 3Page - Analog Devices AD7899ARS-3 Datasheet HTML 4Page - Analog Devices AD7899ARS-3 Datasheet HTML 5Page - Analog Devices AD7899ARS-3 Datasheet HTML 6Page - Analog Devices AD7899ARS-3 Datasheet HTML 7Page - Analog Devices AD7899ARS-3 Datasheet HTML 8Page - Analog Devices AD7899ARS-3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. A
AD7899
–5–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD7899 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C unless otherwise noted)
VDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VDRIVE to DGND . . . . . . . . . . . . . . . . . . . . . . . . . VDD + 0.3 V
Analog Input Voltage to AGND
AD7899-1 (
±10 V Range) . . . . . . . . . . . . . . . . . . . . ±18 V
AD7899-1 (
±5 V Range) . . . . . . . . . . . . . . . –9 V to +18 V
AD7899-2 . . . . . . . . . . . . . . . . . . . . . . . . . . –1 V to +18 V
AD7899-3 . . . . . . . . . . . . . . . . . . . . . . . . . . –4 V to +18 V
Reference Input Voltage to AGND . . . –0.3 V to VDD + 0.3 V
Digital Input Voltage to DGND . . . . . –0.3 V to VDD + 0.3 V
Digital Output Voltage to DGND . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range
Commercial (A, B Version) . . . . . . . . . . .
–40
°C to +85°C
Military (S Version) . . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150
°C
SOIC Package, Power Dissipation . . . . . . . . . . . . . . . 450 mW
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . . 95°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
SSOP Package, Power Dissipation . . . . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . . 95
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Relative
Temperature
Package
Package
Model
Input Ranges
Accuracy
Range
Description
Option
AD7899AR-1
±5V, ±10 V
±2 LSB
–40 C to +85 C
Small Outline
R-28
AD7899BR-1
±5V, ±10 V
±1.5 LSB
–40 C to +85 C
Small Outline
R-28
AD7899SR-1
±5V, ±10 V
±2 LSB
–55 C to +125 C
Small Outline
R-28
AD7899AR-2
0 V to 5 V, 0 V to 2.5 V
±2 LSB
–40 C to +85 C
Small Outline
R-28
AD7899AR-3
± 2.5 V
±2 LSB
–40 C to +85 C
Small Outline
R-28
AD7899BR-3
± 2.5 V
±1.5 LSB
–40 C to +85 C
Small Outline
R-28
AD7899ARS-1
±5V, ±10 V
±2 LSB
–40 C to +85 C
Shrink Small Outline
RS-28
AD7899ARS-2
0 V to 5 V, 0 V to 2.5 V
±2 LSB
–40 C to +85 C
Shrink Small Outline
RS-28
AD7899ARS-3
± 2.5 V
±2 LSB
–40 C to +85 C
Shrink Small Outline
RS-28


Similar Part No. - AD7899ARS-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7899ARS-3 AD-AD7899ARS-3 Datasheet
274Kb / 17P
   5 V Single Supply 14-Bit 400 kSPS ADC
More results

Similar Description - AD7899ARS-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7899BRZ-1 AD-AD7899BRZ-1 Datasheet
242Kb / 16P
   5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7899 AD-AD7899_15 Datasheet
242Kb / 16P
   5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7899 AD-AD7899_17 Datasheet
274Kb / 17P
   5 V Single Supply 14-Bit 400 kSPS ADC
AD7856 AD-AD7856_15 Datasheet
297Kb / 32P
   5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
REV. A
AD7856 AD-AD7856_17 Datasheet
328Kb / 33P
   5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
AD7856 AD-AD7856 Datasheet
294Kb / 32P
   5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
REV. A
AD7858ARZ AD-AD7858ARZ Datasheet
306Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858BRZ AD-AD7858BRZ Datasheet
306Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858LARZ AD-AD7858LARZ Datasheet
306Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858 AD-AD7858 Datasheet
315Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com