Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1E-S-DC9V Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # DS1E-S-DC9V
Description  High Reliability Relay for Various Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DS1E-S-DC9V Datasheet(HTML) 5 Page - Panasonic Semiconductor

  DS1E-S-DC9V Datasheet HTML 1Page - Panasonic Semiconductor DS1E-S-DC9V Datasheet HTML 2Page - Panasonic Semiconductor DS1E-S-DC9V Datasheet HTML 3Page - Panasonic Semiconductor DS1E-S-DC9V Datasheet HTML 4Page - Panasonic Semiconductor DS1E-S-DC9V Datasheet HTML 5Page - Panasonic Semiconductor DS1E-S-DC9V Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
DS
ASCTB17E 201209-T
DIMENSIONS (mm inch)
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
DS (1 Form C)
Single side stable, 2 coil latching
External dimensions
General tolerance:
±0.3 ±.012
5.08
.200
0.6
.024
3.4
.134
0.3
.012
9.9
.390
9.3
.366
15
7.62
9.9
.590
.390
.024
0.6
7.62
.300
.300
5.6
.221
Note: External dimensions of 1 coil latching types are same as single side stable type.
PC board pattern (Bottom view)
Single side stable
2 coil latching
.100
.100
5.08
7.62
5-.035 dia.
7.62
2.54
.200
.300
2.54
5-0.9 dia.
.300
.100
.100
2.54
5.08
7.62
.200
.300
6-.035 dia.
2.54
6-0.9 dia.
7.62
.300
Schematic (Bottom view)
Single side stable
(Deenergized condition)
2 coil latching
(Reset condition)
Tolerance:
±0.1 ±.004
12
1
6
10
7
12
13
6
10
7
CAD Data
DS (2 Form C)
Single side stable
External dimensions
General tolerance:
±0.3 ±.012
0.3
.012
9.9
.390
20
.780
.024
0.6
7.62
.300
7.62
.300
5.6
.221
3.4
.134
9.9
.390
9.3
.366
0.6
.024
5.08
.200
5.08
.200
Note: External dimensions of 1 coil latching types are same as single side stable type.
PC board pattern (Bottom view)
.100
.100
2.54
5.08
5.08
7.62
.200
.200
.300
8-.035 dia.
2.54
8-0.9 dia.
7.62
.300
Schematic (Bottom view)
(Deenergized condition)
Tolerance:
±0.1 ±.004
8
913
16
64
11
1
CAD Data
DS (2 Form C)
2 coil latching
External dimensions
General tolerance:
±0.3 ±.012
2.54
.100
0.3
.012
9.9
.390
20
.780
.024
0.6
7.62
.300
5.6
.221
0.6
.024
5.08
.200
5.08
.200
5.08
.200
3.4
.134
9.9
.390
9.3
.366
PC board pattern (Bottom view)
5.08
5.08
5.08
.200
.200
.200
2.54
.100
10-.035 dia.
10-0.9 dia.
.100
2.54
7.62
.300
.100
2.54
Schematic (Bottom view)
(Reset condition)
Tolerance:
±0.1 ±.004
8
913
16
15
2
64
11
1
CAD Data


Similar Part No. - DS1E-S-DC9V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
DS1E-S-DC9V NAIS-DS1E-S-DC9V Datasheet
129Kb / 6P
   HIGHLY SENSITIVE 1500 V FCC SURGE WITHSTANDING MINIATURE RELAY
logo
Panasonic Semiconductor
DS1E-S-DC9V PANASONIC-DS1E-S-DC9V Datasheet
333Kb / 7P
   HIGHLY SENSITIVE 1500 V FCC SURGE BREAKDOWN VOLTAGE MINIATURE RELAY
August 31,2009
More results

Similar Description - DS1E-S-DC9V

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VCEW1158LDS-3C3K3-TR STANLEY-VCEW1158LDS-3C3K3-TR Datasheet
854Kb / 25P
   High reliability(for automotive applications and other high-reliability required applications)
VCHW1154LDSE-3C9L4-TR STANLEY-VCHW1154LDSE-3C9L4-TR Datasheet
878Kb / 25P
   High reliability(for automotive applications and other high-reliability required applications)
VCHW1158LDS-3C5A3-TR STANLEY-VCHW1158LDS-3C5A3-TR Datasheet
738Kb / 25P
   High reliability(for automotive applications and other high-reliability required applications)
logo
TEMEX
RHX3700 TEMEX-RHX3700 Datasheet
391Kb / 1P
   High reliability applications
RHX3500 TEMEX-RHX3500 Datasheet
429Kb / 1P
   High reliability applications
logo
Sanyo Semicon Device
2SC4671 SANYO-2SC4671 Datasheet
80Kb / 3P
   Various Drivers Applications
logo
Kemet Corporation
T540 KEMET-T540 Datasheet
1Mb / 24P
   COTS Polymer Electrolytic for High Reliability Applications
logo
Seme LAB
2N3904 SEME-LAB-2N3904 Datasheet
16Kb / 2P
   GENERAL PURPOSE NPN TRANSISTOR FOR HIGH RELIABILITY APPLICATIONS
logo
Infineon Technologies A...
IM512-L6A INFINEON-IM512-L6A Datasheet
945Kb / 20P
   chance for integrating various power and control components to increase reliability
Version 2.0 2017-12-07
logo
Delta Electronics, Inc.
DLBM-CF121-MT00 DELTA-DLBM-CF121-MT00 Datasheet
392Kb / 39P
   A Class 2 Bluetooth module suitable for various applications.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com