Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQP1H911FZW Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # ECQP1H911FZW
Description  Polypropylene Film Capacitor Non-inductive construction using Polypropylene film with epoxy resin coating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ECQP1H911FZW Datasheet(HTML) 1 Page - Panasonic Battery Group

  ECQP1H911FZW Datasheet HTML 1Page - Panasonic Battery Group ECQP1H911FZW Datasheet HTML 2Page - Panasonic Battery Group ECQP1H911FZW Datasheet HTML 3Page - Panasonic Battery Group ECQP1H911FZW Datasheet HTML 4Page - Panasonic Battery Group ECQP1H911FZW Datasheet HTML 5Page - Panasonic Battery Group ECQP1H911FZW Datasheet HTML 6Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Panasonic
Plastic Film Capacitors
Design, Specifications are subject to change without notice.seseAsk factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
± 1%(F), ± 2%(G) ,± 5%(J)
50VDC : For cap. value0.0001 to 0.0003 µF, ± 5%(J) only
50VDC : For cap. value0.00033 to 0.00091 µF, ± 2%(G), ± 5%(J) only
100VDC : For cap. value0.0001 to 0.00043 µF, ± 5%(J) only
100VDC : For cap. value0.00047 to 0.00091 µF, ± 2%(G),± 5%(J) only
Crimped
taping
Ammo
3
Crimped lead
style N
style T
W
sSpecifications
Dissipation factor
Withstand voltage
Insulation resistance
Capacitance tolerance
Category temp. range
Rated voltage
Capacitance range
Polypropylene Film Capacitor
with epoxy resin coating
sFeatures
Excellent temperature and frequency characteristics
Excellent long term stability
sRecommended Applications
Dolby circuits
Oscillation circuits
s
C <
= 0.33µF : 45000M
Ω min.
C > 0.33µF : 15000 M
Ω . µFmin.
± 1% ± 2% ± 5%
FG
J
50VDC 100VDC
1H
1
123456789
10
11
12
E
C
Q
P
Product code
Dielectric &
construction
Rated voltage
Capacitance
Z
Cap. Tol. Suffix
Suffix
123456789
10
11
12
E
C
Q
P
Product code
Dielectric &
construction
Rated voltage
Capacitance
R
Z
7.5mm
Crimped lead
Cap. Tol. Suffix
q
20˚C Rated volt.
60s
()
– 40 to + 85˚C(For a higher temperature than 70˚C, derating is required. see page7)
50VDC, 100VDC(Derating is required according to cap. value. see page7)
0.0001 to 0.47µF
0.1%max.(20˚C 1kHz)
Between terminals: Rated volt.(VDC) ! 250% 1 to 5s
Explanation of Part Numbers
NOTE: Straight lead not recommended
Explanation of Part Number for Odd Size Taping
Non-inductive construction using Polypropylene film
Type:
ECQP(Z)


Similar Part No. - ECQP1H911FZW

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQP1H911MZ PANASONIC-ECQP1H911MZ Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
ECQP1H911MZ PANASONIC-ECQP1H911MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECQP1H911MZ PANASONIC-ECQP1H911MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
More results

Similar Description - ECQP1H911FZW

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E6394JF PANASONIC-ECQ-E6394JF Datasheet
352Kb / 19P
   Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating
ECQ-E4564KF PANASONIC-ECQ-E4564KF Datasheet
352Kb / 19P
   Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating
ECQ-P6472JU PANASONIC-ECQ-P6472JU Datasheet
100Kb / 3P
   Polypropylene Film Capacitor
ECQ-P6104JU PANASONIC-ECQ-P6104JU Datasheet
100Kb / 3P
   Polypropylene Film Capacitor
logo
Vishay Siliconix
KP1830 VISHAY-KP1830 Datasheet
38Kb / 2P
   Polypropylene Film Capacitor
Revision 01-Dec-03
logo
jb Capacitors Company
JFK JBCAPACITORS-JFK_15 Datasheet
180Kb / 1P
   Polypropylene Film Capacitor
logo
Panasonic Semiconductor
ECQ-P1H221JZ PANASONIC-ECQ-P1H221JZ Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
ECQ-P1H104FZW PANASONIC-ECQ-P1H104FZW Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
RFE international
PND103K2E RFE-PND103K2E Datasheet
84Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PND Series: Non-Inductive, Film Foil
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com