Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-010351-001SMB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-010351-001SMB
Description  SP5T High Isolation Terminated Switch 0.01 - 4.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-010351-001SMB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-010351-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-010351-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-010351-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-010351-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SP5T High Isolation Terminated Switch
0.01 - 4.0 GHz
Rev. V1
MASW-010351
2
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Absolute Maximum Ratings 6,7
Parameter
Absolute Maximum
Input Power
(RFC Port , ON state)
+20 dBm (0.05 - 0.5 GHz)
+30 dBm (0.5 - 4.0 GHz)
VDD Supply
-0.5 V to +7.0 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Control Voltage
-0.5 V < VC <VDD +0.5 V
(VC not to exceed 7.0 V)
Electrical Specifications 5: TA = +25°C, Z0 = 50 Ω, VDD = +3.0V, VC = 0V / +3.0V
5. External DC blocking capacitors are required on all RF ports. Typical performance specifications are with 1000 pF blocking and decoupling
capacitors, as shown on the application schematic.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
(All Paths)
0.9 GHz
2.1 GHz
2.6 GHz
4.0 GHz
dB
0.8
1.0
1.6
1.9
1.2
Isolation
RFC-RF1, 2.1 GHz
RFC-RF2, 2.1 GHz
RFC-RF3, 2.1 GHz
RFC-RF4, 2.1 GHz
RFC-RF5, 2.1 GHz
dB
55
52
51
48
48
60
55
54
51
51
Return Loss
(All RF ports)
2.1 GHz
dB
14
Input IP3
Two Tone, +10 dBm/tone, 5 MHz Spacing, 2.1 GHz
dBm
50
Input P1dB
2.1 GHz
dBm
27
Trise, Tfall
10% to 90% RF, 90% to 10% RF,
RF=2.1GHz
ns
20
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF,
RF=2.1GHz
ns
40
IDD
VDD = +3.0V
µA
1.0
Control Current
VC = 0V / +3.0V
µA
1.0
5.0
Truth Table 8
V1
V2
V3
RFC-
RF1
RFC-
RF2
RFC-
RF3
RFC-
RF4
RFC-
RF5
0
0
0
1
0
0
On
Off
Off
Off
Off
0
1
0
Off
On
Off
Off
Off
1
1
0
Off
Off
On
Off
Off
0
0
1
Off
Off
Off
On
Off
1
0
1
Off
Off
Off
Off
On
0
1
1
Off
Off
Off
Off
Off
Unsupported
1
1
1
Off
Off
Off
Off
Off
8. Positive Control: 1 = 0.7*VDD to VDD
0 = 0 V to 0.3*VDD
6. Exceeding any one or combination of these limits may cause
permanent damage to this device.
7. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.


Similar Part No. - MASW-010351-001SMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MASW-010351-001SMB ETC1-MASW-010351-001SMB Datasheet
185Kb / 5P
   SP5T High Isolation Terminated Switch 0.01 - 4.0 GHz
logo
M/A-COM Technology Solu...
MASW-010351-001SMB MA-COM-MASW-010351-001SMB Datasheet
766Kb / 5P
   SP5T High Isolation Terminated Switch
More results

Similar Description - MASW-010351-001SMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MASW-010351 ETC1-MASW-010351 Datasheet
185Kb / 5P
   SP5T High Isolation Terminated Switch 0.01 - 4.0 GHz
logo
M/A-COM Technology Solu...
MASW-008543 MA-COM-MASW-008543 Datasheet
175Kb / 4P
   SPDT High Isolation Terminated Switch 0.01- 4.0 GHz
logo
List of Unclassifed Man...
MASW-010350 ETC1-MASW-010350 Datasheet
200Kb / 7P
   SP4T High Isolation Terminated Switch 0.01 - 4.0 GHz
logo
M/A-COM Technology Solu...
MASW-010351 MA-COM-MASW-010351_15 Datasheet
766Kb / 5P
   SP5T High Isolation Terminated Switch
MASW-010351 MA-COM-MASW-010351 Datasheet
179Kb / 4P
   SP5T High Isolation Terminated Switch
MASW-010350 MA-COM-MASW-010350 Datasheet
193Kb / 6P
   SP4T High Isolation Terminated Switch 0.01 - 4.0 GHz Integral CMOS Decoder
logo
Tyco Electronics
MASWSS0178 MACOM-MASWSS0178 Datasheet
99Kb / 4P
   SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0178 MA-COM-MASWSS0178_15 Datasheet
610Kb / 5P
   SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0178 MA-COM-MASWSS0178 Datasheet
192Kb / 4P
   SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0024 MA-COM-MASWSS0024 Datasheet
70Kb / 4P
   SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com