Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APE2903Y5-39 Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # APE2903Y5-39
Description  MICROPOWER VFM STEP-UP DC/DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE2903Y5-39 Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  APE2903Y5-39 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE2903Y5-39 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE2903Y5-39 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE2903Y5-39 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE2903Y5-39 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE2903Y5-39 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE2903Y5-39 Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Advanced Power
Electronics Corp.
APE2903
BLOCK DIAGRAM
OPERATION
APPLICATION INFORMATION
INPUT/OUTPUT CAPACITOR SELECTION
3
The APE2903 architecture is built around a VFM CONTROL logic core, switching
frequency is set through a built in oscillator. TON time is fixed (Typ. 5us) while TOFF time is
determined by the error amplifier output, a logic signal coming from the comparison made
by the Error Amplifier Stage between the signal coming from the output voltage divider
network and the internal Band-Gap voltage reference (Vref). TOFF reaches a minimum
(Typ. 1.7us) when heavy load conditions are met (Clock frequency 150 KHz). An over
current conditions, through the internal power switch, causes a voltage drop VLX=RDSON x
ISW and the VLX limiter block forces the internal switch to be off, so narrowing TON time
and limiting internal power dissipation. In this case the switching frequency may be higher
than the 150 KHz set by the internal clock generator.
VFM control ensures very low quiescent current and high conversion efficiency even
with very light loads. Since the Output Voltage pin is also used as the device Supply
Voltage, the versions with higher output voltage present an higher internal supply voltage
that results in lower power switch RDSON, slightly greater output power and higher
efficiency. Moreover, bootstrapping allows the input voltage to sag to 0.6V (at IOUT=1mA)
once the system is started. If the input voltage exceeds the output voltage, the output will
follow the input, however, the input or output voltage must not be forced above 5.5V.
The Output Ripple Voltage, as well as the Efficiency, is strictly related to the behavior
of these elements. The output ripple voltage is the product of the peak inductor current
and the output capacitor Equivalent Series Resistance (ESR). Best performances are
obtained with good high frequency characteristics capacitors and low ESR. The best
compromise for the value of the Output Capacitance is 47µF Tantalum Capacitor; Lower
values may cause higher Output Ripple Voltage and lower Efficiency without
compromising the functionality of the device.
An Input Capacitor is required to compensate, if present, the series impedance
between the Supply Voltage Source and the Input Voltage of the Application.
SW
GND
VFM
CONTROL
Driver
VREF
VOUT
ERROR AMP.
LIMITER AMP.


Similar Part No. - APE2903Y5-39

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2901G-22 A-POWER-APE2901G-22 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2901G-25 A-POWER-APE2901G-25 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2901G-26 A-POWER-APE2901G-26 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2901G-27 A-POWER-APE2901G-27 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
More results

Similar Description - APE2903Y5-39

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2902 A-POWER-APE2902 Datasheet
350Kb / 8P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
STMicroelectronics
ST5R00 STMICROELECTRONICS-ST5R00 Datasheet
680Kb / 15P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B Datasheet
193Kb / 10P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com