Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUF76132S3S Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # HUF76132S3S
Description  75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUF76132S3S Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button HUF76132S3S Datasheet HTML 3Page - Fairchild Semiconductor HUF76132S3S Datasheet HTML 4Page - Fairchild Semiconductor HUF76132S3S Datasheet HTML 5Page - Fairchild Semiconductor HUF76132S3S Datasheet HTML 6Page - Fairchild Semiconductor HUF76132S3S Datasheet HTML 7Page - Fairchild Semiconductor HUF76132S3S Datasheet HTML 8Page - Fairchild Semiconductor HUF76132S3S Datasheet HTML 9Page - Fairchild Semiconductor HUF76132S3S Datasheet HTML 10Page - Fairchild Semiconductor HUF76132S3S Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
©2003 Fairchild Semiconductor Corporation
HUF76132P3, HUF76132S3S Rev. C1
SPICE Thermal Model
REV May 1998
HUF76132
CTHERM1 th 6 5.00e-3
CTHERM2 6 5 1.18e-2
CTHERM3 5 4 15.5e-2
CTHERM4 4 3 1.85e-2
CTHERM5 3 2 2.00e-2
CTHERM6 2 tl 2.5e-2
RTHERM1 th 6 1.51e-2
RTHERM2 6 5 1.51e-2
RTHERM3 5 4 3.03e-2
RTHERM4 4 3 6.05e-2
RTHERM5 3 2 1.81e-1
RTHERM6 2 tl 2.45e-1
SABER Thermal Model
SABER thermal model HUF76132
template thermal_model th tl
thermal_c th, tl
{
ctherm.ctherm1 th 6 = 6.50e-3
ctherm.ctherm2 6 5 = 1.18e-2
ctherm.ctherm3 5 4 = 1.55e-2
ctherm.ctherm4 4 3 = 1.85e-2
ctherm.ctherm5 3 2 = 2.00e-2
ctherm.ctherm6 2 tl = 2.50e-2
rtherm.rtherm1 th 6 = 1.51e-2
rtherm.rtherm2 6 5 = 1.51e-2
rtherm.rtherm3 5 4 = 3.03e-2
rtherm.rtherm4 4 3 = 6.05e-2
rtherm.rtherm5 3 2 = 1.81e-1
rtherm.rtherm6 2 tl = 2.45e-1
}
RTHERM4
RTHERM6
RTHERM5
RTHERM3
RTHERM2
RTHERM1
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
tl
2
3
4
5
6
th
JUNCTION
CASE
HUF76132P3, HUF76132S3S


Similar Part No. - HUF76132S3S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76132S3S INTERSIL-HUF76132S3S Datasheet
110Kb / 10P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results

Similar Description - HUF76132S3S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76132P3 INTERSIL-HUF76132P3 Datasheet
110Kb / 10P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76137P3 INTERSIL-HUF76137P3 Datasheet
108Kb / 10P
   75A, 30V, 0.009 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76143P3 FAIRCHILD-HUF76143P3 Datasheet
287Kb / 11P
   75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76143P3 INTERSIL-HUF76143P3 Datasheet
109Kb / 10P
   75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76139P3 INTERSIL-HUF76139P3 Datasheet
121Kb / 10P
   75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76139P3 FAIRCHILD-HUF76139P3 Datasheet
293Kb / 11P
   75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76145P3 INTERSIL-HUF76145P3 Datasheet
109Kb / 10P
   75A, 30V, 0.0045 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76137P3 FAIRCHILD-HUF76137P3 Datasheet
289Kb / 11P
   75A, 30V, 0.009 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76145P3 FAIRCHILD-HUF76145P3 Datasheet
219Kb / 11P
   75A, 30V, 0.0045 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
ISL9N7030BLP3 FAIRCHILD-ISL9N7030BLP3 Datasheet
197Kb / 10P
   30V, 0.009 Ohm, 75A, N-Channel Logic Level UltraFET Trench Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com