Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAM-009320-TR3000 Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-009320-TR3000
Description  Variable Gain Amplifier with Analog Control 400 - 2700 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-009320-TR3000 Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAM-009320-TR3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-009320-TR3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-009320-TR3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-009320-TR3000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-009320-TR3000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-009320-TR3000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAM-009320-TR3000 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAM-009320-TR3000 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAAM-009320-TR3000 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Variable Gain Amplifier with Analog Control
400 - 2700 MHz
Rev. V1
MAAM-009320
11
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Output P1dB, Vcntrl = 0V
Input P1dB vs. Control Voltage
Output IP3, Vcntrl = 0V
Input IP3 vs. Control Voltage
Input Return Loss
Output Return Loss
20
22
24
26
28
30
2.50
2.55
2.60
2.65
2.70
Frequency (GHz)
0
2
4
6
8
10
0.00.5
1.0
1.5
2.02.5
3.0
Control Voltage (V)
0
5
10
15
20
25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Control Voltage (V)
36
38
40
42
44
46
2.50
2.55
2.60
2.65
2.70
Frequency (GHz)
-30
-25
-20
-15
-10
-5
0
2.50
2.55
2.60
2.65
2.70
Frequency (GHz)
Vc=0V
Vc=1V
Vc=2V
Vc=3V
-25
-20
-15
-10
-5
0
2.50
2.55
2.60
2.65
2.70
Frequency (GHz)
Vc=0V
Vc=1V
Vc=2V
Vc=3V
2600 MHz Applications Section


Similar Part No. - MAAM-009320-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-009320-TR3000 MA-COM-MAAM-009320-TR3000 Datasheet
873Kb / 12P
   Variable Gain Amplifier with Analog Control
More results

Similar Description - MAAM-009320-TR3000

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM8M9079 TRIQUINT-TQM8M9079_15 Datasheet
604Kb / 8P
   500-2700 MHz Variable Gain Amplifier
logo
M/A-COM Technology Solu...
MAAM-009320-V1 MA-COM-MAAM-009320-V1 Datasheet
306Kb / 11P
   Variable Gain Amplifier with Analog Control
MAAM-009320 MA-COM-MAAM-009320_15 Datasheet
873Kb / 12P
   Variable Gain Amplifier with Analog Control
logo
Maxim Integrated Produc...
MAX2056 MAXIM-MAX2056 Datasheet
716Kb / 12P
   800MHz to 1000MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 2/05
MAX2057 MAXIM-MAX2057 Datasheet
814Kb / 12P
   1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 1/05
MAX2057 MAXIM-MAX2057_V01 Datasheet
464Kb / 13P
   1300MHz to 2700MHz Variable-Gain Amplifier with Analog Gain Control
2010
logo
Analog Devices
AD8367S AD-AD8367S Datasheet
1Mb / 19P
   Variable Gain Amplifier with Automatic Gain Control Detector
logo
Renesas Technology Corp
IDTF0480NBGI8 RENESAS-IDTF0480NBGI8 Datasheet
2Mb / 28P
   400 MHz ??2700 MHz 13 dB typical max gain
logo
RF Micro Devices
RFVA1017 RFMD-RFVA1017 Datasheet
1Mb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RVA1007L RFMD-RVA1007L Datasheet
1Mb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com