Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAGX-001214-500L0S Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MAGX-001214-500L0S
Description  GaN on SiC Depletion-Mode Transistor Technology Internally Matched
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAGX-001214-500L0S Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MAGX-001214-500L0S Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAGX-001214-500L0S Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAGX-001214-500L0S Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAGX-001214-500L0S Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAGX-001214-500L0S Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAGX-001214-500L0S Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAGX-001214-500L0S Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAGX-001214-500L0S Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
GaN on SiC HEMT Pulsed Power Transistor
500W Peak, 1200-1400 MHz, 300 µs Pulse, 10% Duty
MAGX-001214-500L00
MAGX-001214-500L0S
6
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 /
Fax: 978.366.2266
• Europe
Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific
Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Rev. V1
Test Fixture Circuit Dimensions
Test Fixture Assembly
Contact factory for gerber file or additional circuit information.


Similar Part No. - MAGX-001214-500L0S

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-001214-500L00-V2 MA-COM-MAGX-001214-500L00-V2 Datasheet
833Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-001214-500L00 MA-COM-MAGX-001214-500L00_15 Datasheet
833Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
More results

Similar Description - MAGX-001214-500L0S

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-000912-500L00 MA-COM-MAGX-000912-500L00 Datasheet
861Kb / 6P
   GaN on SiC Depletion-Mode Transistor Technology
MAGX-000040-00500P MA-COM-MAGX-000040-00500P Datasheet
1,019Kb / 9P
   GaN on SiC D-Mode Transistor Technology
logo
Vishay Siliconix
TLHB44K2M1 VISHAY-TLHB44K2M1 Datasheet
104Kb / 5P
   GaN on SiC technology
Rev. 1.2, 14-Oct-14
logo
M/A-COM Technology Solu...
MAGX-000035-09000P MA-COM-MAGX-000035-09000P Datasheet
314Kb / 11P
   GaN on SiC D-Mode Transistor Technology Common-Source Configuration
MAGX-000035-01500P MA-COM-MAGX-000035-01500P Datasheet
303Kb / 10P
   GaN on SiC D-Mode Transistor Technology Common-Source Configuration
MAGX-000035-05000P MA-COM-MAGX-000035-05000P Datasheet
310Kb / 9P
   GaN on SiC D-Mode Transistor Technology Common-Source Configuration
logo
Ampleon Netherlands B.V...
CLL3H0914L-700 AMPLEON-CLL3H0914L-700 Datasheet
1Mb / 18P
   L-band internally pre-matched GaN-SiC HEMT
Rev. 1 - 15 July 2022
logo
M/A-COM Technology Solu...
MAGX-000025-150000 MA-COM-MAGX-000025-150000_15 Datasheet
1Mb / 7P
   GaN on SiC HEMT Power Transistor
MAGX-000035-01000X MA-COM-MAGX-000035-01000X_15 Datasheet
609Kb / 8P
   GaN on SiC HEMT Power Transistor
MAGX-000245-014000-V2 MA-COM-MAGX-000245-014000-V2 Datasheet
513Kb / 6P
   GaN on SiC HEMT Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com