Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAGX-000040-SB2PPR Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAGX-000040-SB2PPR
Description  GaN on SiC D-Mode Transistor Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAGX-000040-SB2PPR Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAGX-000040-SB2PPR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAGX-000040-SB2PPR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAGX-000040-SB2PPR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAGX-000040-SB2PPR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAGX-000040-SB2PPR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAGX-000040-SB2PPR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAGX-000040-SB2PPR Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAGX-000040-SB2PPR Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAGX-000040-SB2PPR Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
GaN Wideband 5 W Pulsed Transistor in Plastic Package
DC - 4.0 GHz
Rev. V1
MAGX-000040-00500P
4
44
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Parts measured on evaluation board (12-mil
thick RO4003C). Electrical and thermal ground
is provided using a copper-filled, via-hole array
(not pictured), and evaluation board is mounted
to a metal plate.
Matching is provided using lumped elements.
Recommended tuning solutions for 2 frequency
ranges are detailed in the parts list below.
L-Band Evaluation Board Details and Recommended Tuning Solutions
Turning the device ON
1. Set VG to the pinch-off value (VP),
typically -5 V.
2. Turn on VD to nominal voltage (50 V).
3. Increase VGS to desired quiescent current.
4. Apply RF power to desired level.
Turning the device OFF
1. Turn the RF power off.
2. Decrease VG down to VP.
3. Turn off VD.
4. Turn off VG.
Bias Sequencing
Parts List
Part
Frequency = 1.0 - 1.2 GHz
Frequency = 1.4 - 1.6 GHz
C1
10 pF, 600L, ATC
10 pF, 600L, ATC
C2
3.9 pF || 0.5 pF, 600L, ATC9
2.4 pF, 600L, ATC
C3
6.8 pF || 1 pF, 600L, ATC9
5.6 pF, 600L, ATC
C4
10 nF, 0402, Murata
10 nF, 0402, Murata
C5
10 nF, 0603, Murata
10 nF, 0603, Murata
C6
3.3 pF, 600L, ATC
2.4 pF, 600L, ATC
C7
10 pF, 600L, ATC
10 pF, 600L, ATC
C8
1.3 pF, 600L, ATC
1.3 pF, 600L, ATC
C9
2 pF, 600L, ATC
1.6 pF, 600L, ATC
L1
27 nH, 0402HP, Coilcraft
27 nH, 0402HP, Coilcraft
L2
4.3 nH, 0402HP, Coilcraft
3.3 nH, 0402HP, Coilcraft
L3
3.3 nH, 0402HP, Coilcraft
1 nH, 0402HP, Coilcraft
L4
30 nH, 0402HP, Coilcraft
12 nH, 0402HP, Coilcraft
L5
16 nH, 0402HP, Coilcraft
8.2 nH, 0402HP, Coilcraft
L6
8.2 nH, 0402HP, Coilcraft
3.9 nH, 0402HP, Coilcraft
L7
2.7 nH, 0402HP, Coilcraft
3.3 nH, 0402HP, Coilcraft
R1
49.9 Ω, 0402, Panasonic
49.9 Ω, 0402, Panasonic
R2
5.1 Ω, 0402, Panasonic
5.1 Ω, 0402, Panasonic
R3
200 Ω, 0402, Panasonic
200 Ω, 0402, Panasonic
R4
1 kΩ, 0402, Panasonic
1 kΩ, 0402, Panasonic
9. Parallel combination of two capacitors.


Similar Part No. - MAGX-000040-SB2PPR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-000040-00500P-V2 MA-COM-MAGX-000040-00500P-V2 Datasheet
1Mb / 10P
   GaN Wideband 5 W CW / Pulsed Transistor in Plastic Package
MAGX-000040-00500P MA-COM-MAGX-000040-00500P_15 Datasheet
1Mb / 10P
   GaN Wideband 5 W CW / Pulsed Transistor in Plastic Package
More results

Similar Description - MAGX-000040-SB2PPR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-000912-500L00 MA-COM-MAGX-000912-500L00 Datasheet
861Kb / 6P
   GaN on SiC Depletion-Mode Transistor Technology
MAGX-000035-09000P MA-COM-MAGX-000035-09000P Datasheet
314Kb / 11P
   GaN on SiC D-Mode Transistor Technology Common-Source Configuration
MAGX-000035-01500P MA-COM-MAGX-000035-01500P Datasheet
303Kb / 10P
   GaN on SiC D-Mode Transistor Technology Common-Source Configuration
MAGX-000035-05000P MA-COM-MAGX-000035-05000P Datasheet
310Kb / 9P
   GaN on SiC D-Mode Transistor Technology Common-Source Configuration
logo
Vishay Siliconix
TLHB44K2M1 VISHAY-TLHB44K2M1 Datasheet
104Kb / 5P
   GaN on SiC technology
Rev. 1.2, 14-Oct-14
logo
M/A-COM Technology Solu...
MAGX-001214-500L00 MA-COM-MAGX-001214-500L00 Datasheet
213Kb / 8P
   GaN on SiC Depletion-Mode Transistor Technology Internally Matched
MAGX-000025-150000 MA-COM-MAGX-000025-150000_15 Datasheet
1Mb / 7P
   GaN on SiC HEMT Power Transistor
MAGX-000035-01000X MA-COM-MAGX-000035-01000X_15 Datasheet
609Kb / 8P
   GaN on SiC HEMT Power Transistor
MAGX-000245-014000-V2 MA-COM-MAGX-000245-014000-V2 Datasheet
513Kb / 6P
   GaN on SiC HEMT Power Transistor
MAGX-000245-025000-V1 MA-COM-MAGX-000245-025000-V1 Datasheet
1Mb / 6P
   GaN on SiC HEMT Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com