Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APE6810U-B Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # APE6810U-B
Description  3PIN MICROPROCESSOR RESET CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE6810U-B Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  APE6810U-B Datasheet HTML 1Page - Advanced Power Electronics Corp. APE6810U-B Datasheet HTML 2Page - Advanced Power Electronics Corp. APE6810U-B Datasheet HTML 3Page - Advanced Power Electronics Corp. APE6810U-B Datasheet HTML 4Page - Advanced Power Electronics Corp. APE6810U-B Datasheet HTML 5Page - Advanced Power Electronics Corp. APE6810U-B Datasheet HTML 6Page - Advanced Power Electronics Corp. APE6810U-B Datasheet HTML 7Page - Advanced Power Electronics Corp. APE6810U-B Datasheet HTML 8Page - Advanced Power Electronics Corp. APE6810U-B Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Advanced Power
Electronics Corp.
APE6809_6812
3PIN MICROPROCESSOR RESET CIRCUIT
FEATURES
DESCRIPTION
Precision Monitoring of +2.5, +3V, +3.3V,
and +5V Power-Supply Voltages
Fully Specified Over Temperature
Available in Three Output Configurations
Push-Pull
Low Output(APE6809/APE6811)
Push-Pull RESET High Output(APE6810/APE6812)
200ms (Typ.)min Power-On Reset Pulse Width
25µA Supply Current
Guaranteed Reset Valid to VCC = +1.0V
Power Supply Transient Immunity
No External Components
Available in the 3-Pin Pb-Free SOT-23
and SC-70 Package
Data and specifications subject to change without notice
201102212
TYPICAL APPLICATION
PACKAGE / ORDERING INFORMATION
1
The APE6809_6812 are used for microprocessor (µP)
supervisory circuits to monitor the power supplies in µP and
digital systems. They provide excellent circuit reliability and
low cost by eliminating external components and
adjustments when used with +5V, +3.3V, +3.0V, +2.5V
powered circuits.
These circuits perform a single function: they assert a reset
signal whenever the VCC supply voltage declines below a
preset threshold, keeping it asserted for at least 200ms after
VCC has risen above the reset threshold. Reset thresholds
suitable for operation with a variety of supply voltages are
available. The APE6809_6812 have push pull outputs. The
APE6809/APE6811 have an active low RESET output, while
the APE6810_6812 has an active high RESET output. The
reset comparator is designed to ignore fast transients on
VCC, and the outputs are guaranteed to be in the correct
logic state for VCC down to 1.0V. Low supply current makes
the APE6809_6812 ideal for use in portable equipment. The
APE6809_6812 is available in a 3-pin SOT-23 and SC-70
package.
(Top View)
1
2
GND
VCC
SOT-23/SC-70
APE6809
APE6810
2
3
(Top View)
1
2
GND
VCC
SOT-23/SC-70
APE6811
APE6812
2
3
(RESET)
RESET
(RESET)
RESET
APE68XX X - X
Enable
09 : Active-Low
10 : Active-High
A: 4.63
B: 4.38
C: 4.00
D: 3.08
E: 2.93
F: 2.63
G: 2.25
H: 2.70
I: 4.25
Package
N : SOT-23
U : SC-70
11 : Active-Low
12 : Active-High
Voltage
APE68XX
GND
RESET
(RESET)
VCC
Microprocessor
VCC
GND
RESET
INPUT
VCC
RESET


Similar Part No. - APE6810U-B

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
   Reset Timer with Delay Time
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
   Reset Timer with Delay Time
More results

Similar Description - APE6810U-B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
   Microprocessor Reset Circuit
09/14/21
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815 Datasheet
161Kb / 8P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809_15 Datasheet
260Kb / 8P
   Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC8114 MICREL-MIC8114_05 Datasheet
264Kb / 6P
   Microprocessor Reset Circuit
MIC8115 MICREL-MIC8115_15 Datasheet
505Kb / 7P
   Microprocessor Reset Circuit
logo
TECH PUBLIC Electronics...
MAX810 TECHPUBLIC-MAX810 Datasheet
2Mb / 7P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809 Datasheet
259Kb / 7P
   Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815_05 Datasheet
237Kb / 6P
   Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com