Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APE2901N-30 Datasheet(PDF) 8 Page - Advanced Power Electronics Corp.

Part # APE2901N-30
Description  MICROPOWER VFM STEP-UP DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE2901N-30 Datasheet(HTML) 8 Page - Advanced Power Electronics Corp.

Back Button APE2901N-30 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE2901N-30 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE2901N-30 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE2901N-30 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE2901N-30 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE2901N-30 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE2901N-30 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE2901N-30 Datasheet HTML 9Page - Advanced Power Electronics Corp. APE2901N-30 Datasheet HTML 10Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package Outline : SOT-23-5L
Millimeters
MIN
NOM
MAX
A
1.00
1.10
1.30
A1
0.00
---
0.10
A2
0.70
0.80
0.90
b
0.35
0.40
0.50
C
0.10
0.15
0.25
D
2.70
2.90
3.10
E
1.50
1.60
1.80
e
---
1.90(TYP)
---
H
2.60
2.80
3.00
L
0.37
---
---
θ11°
e2
---
0.95(TYP)
---
Note 1:Package Body Sizes Exclude Mold Flash Protrusions or Gate Burrs.
Note 2:Tolerance ± 0.1000 mm(4mil) Unless Otherwise Spe- cified.
Note 3:Coplanarity:0.1000 mm
Note 4:Dimension L Is Measured in Gage plane.
Part Marking Information & Packing : SOT-23 -5L
ADVANCED POWER ELECTRONICS CORP.
SYMBOLS
XXYW
Part Number : XX (Identification Code)
Date Code : YW
Y : Year W : Weak
8
Part Number
Identificatio
n Code
Part Number
Identificatio
n Code
APE2901Y5-2.2V
To
APE2901Y5-3.8V
TN
APE2901Y5-2.5V
TA
APE2901Y5-3.9V
TO
APE2901Y5-2.6V
TB
APE2901Y5-4.0V
TP
APE2901Y5-2.7V
TC
APE2901Y5-4.1V
TQ
APE2901Y5-2.8V
TD
APE2901Y5-4.2V
TR
APE2901Y5-2.9V
TE
APE2901Y5-4.3V
TS
APE2901Y5-3.0V
TF
APE2901Y5-4.4V
TT
APE2901Y5-3.1V
TG
APE2901Y5-4.5V
TU
APE2901Y5-3.2V
TH
APE2901Y5-4.6V
TV
APE2901Y5-3.3V
TI
APE2901Y5-4.7V
TW
APE2901Y5-3.4V
TJ
APE2901Y5-4.8V
TX
APE2901Y5-3.5V
TK
APE2901Y5-4.9V
TY
APE2901Y5-3.6V
TL
APE2901Y5-5.0V
TZ
APE2901Y5-3.7V
TM


Similar Part No. - APE2901N-30

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE2902 A-POWER-APE2902 Datasheet
350Kb / 8P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
APE2902Y5-22 A-POWER-APE2902Y5-22 Datasheet
350Kb / 8P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
APE2902Y5-23 A-POWER-APE2902Y5-23 Datasheet
350Kb / 8P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
APE2902Y5-24 A-POWER-APE2902Y5-24 Datasheet
350Kb / 8P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
APE2902Y5-25 A-POWER-APE2902Y5-25 Datasheet
350Kb / 8P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
More results

Similar Description - APE2901N-30

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE2902 A-POWER-APE2902 Datasheet
350Kb / 8P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
STMicroelectronics
ST5R00 STMICROELECTRONICS-ST5R00 Datasheet
680Kb / 15P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE2903 A-POWER-APE2903 Datasheet
100Kb / 7P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B Datasheet
193Kb / 10P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com