Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECJT Datasheet(PDF) 4 Page - Panasonic Battery Group

Part # ECJT
Description  Multilayer Ceramic Capacitors (4 Array Type) Input/Output circuit for computer motherboards
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ECJT Datasheet(HTML) 4 Page - Panasonic Battery Group

  ECJT Datasheet HTML 1Page - Panasonic Battery Group ECJT Datasheet HTML 2Page - Panasonic Battery Group ECJT Datasheet HTML 3Page - Panasonic Battery Group ECJT Datasheet HTML 4Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(4 Array Type)
– EC31 –
0.1
1
10
100
1000
10000
Frequency (MHz)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
Measurement Circuit
Measuring sample : Mounting to the PC board.
50
50
50
Cross talk characteristics [Ex.]
Size: 0805, Temperature Characteristics: CH, 100 pF
Rated voltage
DC 50 V
DC 16 V
DC 6.3 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
BX7R
BX7R
X5R
470
±20 % (M)
ECJRVB1H471M 0.85
680
ECJRVB1H681M 0.85
1000
ECJRVB1H102M 0.85
1500
ECJRVB1H152M 0.85
2200
ECJRVB1H222M 0.85
3300
ECJRVB1H332M 0.85
4700
ECJRVB1H472M 0.85
6800
ECJRVB1H682M 0.85
10000
ECJRVB1H103M 0.85
100000
ECJRVB1C104M 0.85
1000000
ECJRVB0J105M 0.85
● Class 2
◆ Temperature Characteristic Code: B (Temperature Characteristics: B, X7R, X5R)
Standard packaging quantity of Packaging Style Code “V” (T = 0.85 mm): 4,000 pcs./reel
Avoid flow soldering.
Rated voltage
DC 50 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
CH
10 ±1 pF (F) ECJRVC1H100F 0.85
15
±10 % (K)
ECJRVC1H150K 0.85
22
ECJRVC1H220K 0.85
33
ECJRVC1H330K 0.85
47
ECJRVC1H470K 0.85
68
ECJRVC1H680K 0.85
100
ECJRVC1H101K 0.85
150
ECJRVC1H151K 0.85
220
ECJRVC1H221K 0.85
330
ECJRVC1H331K 0.85
470
ECJRVC1H471K 0.85
Standard Products for EIA “1206”, Taped Version
● Class 1
◆ Temperature Characteristic Code: C (Temperature Characteristics: CH)
Standard packaging quantity of Packaging Style Code “V” (T = 0.85 mm): 4,000 pcs./reel
Avoid flow soldering.
Rated voltage
DC 25 V
DC 10 V
Capaci-
tance
(µF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
FY5V
FY5V
0.1 +80, –20 %
(Z)
ECJRVF1E104Z 0.85
1.0
ECJRVF1A105Z 0.85
◆ Temperature Characteristic Code: F (Temperature Characteristics: F, Y5V)
Standard packaging quantity of Packaging Style Code “V” (T = 0.85 mm): 4,000 pcs./reel
Avoid flow soldering.
00 Sep. 2008


Similar Part No. - ECJT

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
ECJT-20-30.000M-GA ECLIPTEK-ECJT-20-30.000M-GA Datasheet
109Kb / 3P
   CRYSTAL
ECJT-20-30.000M-GTR ECLIPTEK-ECJT-20-30.000M-GTR Datasheet
109Kb / 3P
   CRYSTAL
ECJT-20-30.000M-I2A ECLIPTEK-ECJT-20-30.000M-I2A Datasheet
109Kb / 3P
   CRYSTAL
ECJT-20-30.000M-I2TR ECLIPTEK-ECJT-20-30.000M-I2TR Datasheet
109Kb / 3P
   CRYSTAL
ECJT-20-30.000M-L2A ECLIPTEK-ECJT-20-30.000M-L2A Datasheet
109Kb / 3P
   CRYSTAL
More results

Similar Description - ECJT

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-TVB1A104M PANASONIC-ECJ-TVB1A104M Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors(4 Array Type)
ECJ-RVC1H181K PANASONIC-ECJ-RVC1H181K Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVF1E104Z PANASONIC-ECJ-RVF1E104Z Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVB1H682M PANASONIC-ECJ-RVB1H682M Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVC1H470K PANASONIC-ECJ-RVC1H470K Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors(4 Array Type)
ECJ-RVC1H220K PANASONIC-ECJ-RVC1H220K Datasheet
196Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVB1C104M PANASONIC-ECJ-RVB1C104M Datasheet
196Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVC1H471K PANASONIC-ECJ-RVC1H471K Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors(4 Array Type)
ECJU PANASONIC-ECJU Datasheet
141Kb / 3P
   Multilayer Ceramic Capacitors (2 Array Type)
logo
EPCOS
B37830 EPCOS-B37830 Datasheet
110Kb / 9P
   Multilayer Ceramic Capacitors Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com