Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APE2902Y5R-26 Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # APE2902Y5R-26
Description  MICROPOWER VFM STEP-UP DC/DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE2902Y5R-26 Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  APE2902Y5R-26 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE2902Y5R-26 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE2902Y5R-26 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE2902Y5R-26 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE2902Y5R-26 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE2902Y5R-26 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE2902Y5R-26 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE2902Y5R-26 Datasheet HTML 8Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Advanced Power
Electronics Corp.
FEATURES
DESCRIPTION
Very Low Supply Current is 22uA (typ.)
Maximum Shutdown Current <1uA
Output Voltage is Available form 2.5V to 5.0V
by 0.1V Steps
Output Voltage Accuracy ±5%
Output Current up to 100mA
Low Ripple and Low Noise
Very Low Start-up Voltage
High Efficiency (Vout = 5V TYP. 87%)
Few External Components
Internal Soft-Start
Low Profile: SOT-23-5L Pb-Free
Identification Code see page8.
Data and specifications subject to change without notice
200907313
APE2902
TYPICAL APPLICATION
ORDER/MARKING INFORMATION
1
MICROPOWER VFM STEP-UP DC/DC CONVERTER
The APE2902 is a high efficiency VFM Step-up DC/DC
converter for small, low input voltage or battery powered
systems with ultra low quiescent supply current. The
APE2902 accept a positive input voltage from start-up
voltage to VOUT and convert it to a higher output voltage in
the 2.5 to 5V range.
The APE2902 combine ultra low quiescent supply
current and high efficiency to give maximum battery life. The
high switching frequency and the internally limited peak
inductor current permits the use of small, low cost inductors.
Only three external components are needed an inductor a
diode and an output capacitor.
The APE2902 is suitable to be used in battery powered
equipment where low noise, low ripple and ultra low supply
current are required. Operating shutdown function is outside
controlling. If EN connects to GND, the IC was been shut
down and then the supply current is lower to 1uA.The
APE2902 is available in very small package: SOT-23-5L.
Typical applications are pagers, cameras & video
camera, cellular telephones, wireless telephones, palmtop
computer, battery backup supplies, battery powered
equipment.
C2
0.1uF
Enable Input
VOUT
C3
47uF
VIN
C4
0.1uF
L1
47uH
1
2
C1
100uF
D1
B140
1
2
U1
APE2902
SW
GND
OUT
NC
EN
Package Type
Y5 : SOT-23-5L
APE2902XX-XX
25 : 2.5V
26 : 2.6V
27 : 2.7V
:
:
50 : 5.0V
Vout
Y5R : SOT-23-5L
22 : 2.2V
t&XYW WW : 01~26(A~Z)
27~52(A~Z)
Year : 8 = 2008
A = 2010
Identification Code


Similar Part No. - APE2902Y5R-26

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2901G-22 A-POWER-APE2901G-22 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2901G-25 A-POWER-APE2901G-25 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2901G-26 A-POWER-APE2901G-26 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2901G-27 A-POWER-APE2901G-27 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
More results

Similar Description - APE2902Y5R-26

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
logo
STMicroelectronics
ST5R00 STMICROELECTRONICS-ST5R00 Datasheet
680Kb / 15P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE2903 A-POWER-APE2903 Datasheet
100Kb / 7P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B Datasheet
193Kb / 10P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com