Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3PN060QNG100ES Datasheet(PDF) 1 Page - Microsemi Corporation

Part # A3PN060QNG100ES
Description  ProASIC3 nano Flash FPGAs
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3PN060QNG100ES Datasheet(HTML) 1 Page - Microsemi Corporation

  A3PN060QNG100ES Datasheet HTML 1Page - Microsemi Corporation A3PN060QNG100ES Datasheet HTML 2Page - Microsemi Corporation A3PN060QNG100ES Datasheet HTML 3Page - Microsemi Corporation A3PN060QNG100ES Datasheet HTML 4Page - Microsemi Corporation A3PN060QNG100ES Datasheet HTML 5Page - Microsemi Corporation A3PN060QNG100ES Datasheet HTML 6Page - Microsemi Corporation A3PN060QNG100ES Datasheet HTML 7Page - Microsemi Corporation A3PN060QNG100ES Datasheet HTML 8Page - Microsemi Corporation A3PN060QNG100ES Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 114 page
background image
January 2013
I
© 2013 Microsemi Corporation
ProASIC3 nano Flash FPGAs
Features and Benefits
Wide Range of Features
• 10 k to 250 k System Gates
• Up to 36 kbits of True Dual-Port SRAM
• Up to 71 User I/Os
Reprogrammable Flash Technology
• 130-nm, 7-Layer Metal (6 Copper), Flash-Based CMOS
Process
• Instant On Level 0 Support
• Single-Chip Solution
• Retains Programmed Design when Powered Off
High Performance
• 350 MHz System Performance
In-System Programming (ISP) and Security
• ISP Using On-Chip 128-Bit Advanced Encryption Standard
(AES) Decryption via JTAG (IEEE 1532–compliant)
• FlashLock® Designed to Secure FPGA Contents
Low Power
• Low Power ProASIC®3 nano Products
• 1.5 V Core Voltage for Low Power
• Support for 1.5 V-Only Systems
• Low-Impedance Flash Switches
High-Performance Routing Hierarchy
• Segmented, Hierarchical Routing and Clock Structure
Advanced I/Os
• 1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation
• Bank-Selectable I/O Voltages—up to 4 Banks per Chip
• Single-Ended
I/O
Standards:
LVTTL,
LVCMOS
3.3 V /
2.5 V / 1.8 V / 1.5 V
• Wide Range Power Supply Voltage Support per JESD8-B,
Allowing I/Os to Operate from 2.7 V to 3.6 V
• I/O Registers on Input, Output, and Enable Paths
• Selectable Schmitt Trigger Inputs
• Hot-Swappable and Cold-Sparing I/Os
• Programmable Output Slew Rate† and Drive Strength
• Weak Pull-Up/-Down
• IEEE 1149.1 (JTAG) Boundary Scan Test
• Pin-Compatible Packages across the ProASIC3 Family
Clock Conditioning Circuit (CCC) and PLL
• Up to Six CCC Blocks, One with an Integrated PLL
• Configurable Phase Shift, Multiply/Divide, Delay
Capabilities and External Feedback
• Wide Input Frequency Range (1.5 MHz to 350 MHz)
Embedded Memory
• 1 kbit of FlashROM User Nonvolatile Memory
• SRAMs and FIFOs with Variable-Aspect-Ratio 4,608-Bit RAM
Blocks (×1, ×2, ×4, ×9, and ×18 organizations)†
• True Dual-Port SRAM (except ×18 organization)†
Enhanced Commercial Temperature Range
• –20°C to +70°C
† A3PN030 and smaller devices do not support this feature.
Table 1 • ProASIC3 nano Devices
ProASIC3 nano Devices
A3PN010 A3PN0151 A3PN020
A3PN060
A3PN125
A3PN250
ProASIC3 nano-Z Devices1
A3PN030Z1,2 A3PN060Z1 A3PN125Z1
A3N250Z1
System Gates
10,000
15,000
20,000
30,000
60,000
125,000
250,000
Typical Equivalent Macrocells
86
128
172
256
512
1,024
2,048
VersaTiles (D-flip-flops)
260
384
520
768
1,536
3,072
6,144
RAM Kbits (1,024 bits)2
18
36
36
4,608-Bit Blocks2
––
4
8
8
FlashROM Kbits
1
1
1
1
1
1
1
Secure (AES) ISP2
––
Yes
Yes
Yes
Integrated PLL in CCCs2
––
1
1
1
VersaNet Globals
4
4
4
6
18
18
18
I/O Banks
2
3
3
2
2
2
4
Maximum User I/Os (packaged device)
34
49
49
77
71
71
68
Maximum User I/Os (Known Good Die)
34
52
83
71
71
68
Package Pins
QFN
VQFP
QN48
QN68
QN68
QN48, QN68
VQ100
VQ100
VQ100
VQ100
Notes:
1. Not recommended for new designs.
2. A3PN030Z and smaller devices do not support this feature.
3. For higher densities and support of additional features, refer to the ProASIC3 and ProASIC3E datasheets.
Revision 11


Similar Part No. - A3PN060QNG100ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PN060 MICROSEMI-A3PN060 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060 MICROSEMI-A3PN060 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060 MICROSEMI-A3PN060 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060 MICROSEMI-A3PN060 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN060 ACTEL-A3PN060 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
More results

Similar Description - A3PN060QNG100ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-VQG100I MICROSEMI-A3PN125-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN010 ACTEL-A3PN010 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
logo
Microsemi Corporation
A3PN030-ZQNG48 MICROSEMI-A3PN030-ZQNG48 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-ZVQG100 MICROSEMI-A3PN060-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-VQG100I MICROSEMI-A3PN060-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com