Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUF76121S3S Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # HUF76121S3S
Description  47A, 30V, 0.021 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUF76121S3S Datasheet(HTML) 2 Page - Fairchild Semiconductor

  HUF76121S3S Datasheet HTML 1Page - Fairchild Semiconductor HUF76121S3S Datasheet HTML 2Page - Fairchild Semiconductor HUF76121S3S Datasheet HTML 3Page - Fairchild Semiconductor HUF76121S3S Datasheet HTML 4Page - Fairchild Semiconductor HUF76121S3S Datasheet HTML 5Page - Fairchild Semiconductor HUF76121S3S Datasheet HTML 6Page - Fairchild Semiconductor HUF76121S3S Datasheet HTML 7Page - Fairchild Semiconductor HUF76121S3S Datasheet HTML 8Page - Fairchild Semiconductor HUF76121S3S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2003 Fairchild Semiconductor Corporation
HUF76121P3, HUF76121S3S Rev. C1
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
UNITS
Drain to Source Voltage (Note 1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
30
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
30
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±20
V
Drain Current
Continuous (TC = 25
oC, V
GS = 10V) (Figure 2). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Continuous (TC = 100
oC, V
GS = 5V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Continuous (TC = 100
oC, V
GS = 4.5V) (Figure 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IDM
47
25
24
Figure 4
A
A
A
Pulsed Avalanche Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
Figures 6, 17,18
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
0.6
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-40 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 150oC.
Electrical Specifications
TA = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OFF STATE SPECIFICATIONS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 12)
30
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS = 25V, VGS = 0V
-
-
1
µA
VDS = 25V, VGS = 0V, TC = 150
oC-
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±20V
-
-
±100
nA
ON STATE SPECIFICATIONS
Gate to Source Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA (Figure 11)
1
-
3
V
Drain to Source On Resistance
rDS(ON)
ID = 47A, VGS = 10V (Figures 9, 10)
-
0.015
0.021
ID = 25A, VGS = 5V (Figure 9)
-
0.019
0.028
ID = 24A, VGS = 4.5V (Figure 9)
-
0.021
0.031
THERMAL SPECIFICATIONS
Thermal Resistance Junction to Case
RθJC
(Figure 3)
-
-
1.66
oC/W
Thermal Resistance Junction to Ambient
RθJA
TO-220 and TO-263
-
-
62
oC/W
SWITCHING SPECIFICATIONS (VGS = 4.5V)
Turn-On Time
tON
VDD = 15V, ID ≅ 24A, RL = 0.63Ω,
VGS = 4.5V, RGS = 10.0Ω
(Figures 15, 21, 22)
--
265
ns
Turn-On Delay Time
td(ON)
-15
-
ns
Rise Time
tr
-160
-
ns
Turn-Off Delay Time
td(OFF)
-14
-
ns
Fall Time
tf
-31
-
ns
Turn-Off Time
tOFF
--
70
ns
HUF76121P3, HUF76121S3S


Similar Part No. - HUF76121S3S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76121S3S INTERSIL-HUF76121S3S Datasheet
109Kb / 10P
   47A, 30V, 0.021 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results

Similar Description - HUF76121S3S

ManufacturerPart #DatasheetDescription
logo
Suntac Electronic Corp.
S76121P SUNTAC-S76121P Datasheet
979Kb / 7P
   47A, 30V, 0.021 OHM, N-CHANNEL, LOGIC LEVEL ULTRAFET POWER MOSFETS
logo
Intersil Corporation
HUF76121P3 INTERSIL-HUF76121P3 Datasheet
109Kb / 10P
   47A, 30V, 0.021 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76132P3 INTERSIL-HUF76132P3 Datasheet
110Kb / 10P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76139P3 INTERSIL-HUF76139P3 Datasheet
121Kb / 10P
   75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76121D3 FAIRCHILD-HUF76121D3 Datasheet
281Kb / 11P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76129D3 FAIRCHILD-HUF76129D3 Datasheet
282Kb / 11P
   20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76121D3 INTERSIL-HUF76121D3 Datasheet
361Kb / 10P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76137P3 INTERSIL-HUF76137P3 Datasheet
108Kb / 10P
   75A, 30V, 0.009 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76143P3 FAIRCHILD-HUF76143P3 Datasheet
287Kb / 11P
   75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76132P3 FAIRCHILD-HUF76132P3 Datasheet
287Kb / 11P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com