Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWU1H184JC9 Datasheet(PDF) 3 Page - Panasonic Battery Group

Part # ECWU1H184JC9
Description  Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ECWU1H184JC9 Datasheet(HTML) 3 Page - Panasonic Battery Group

  ECWU1H184JC9 Datasheet HTML 1Page - Panasonic Battery Group ECWU1H184JC9 Datasheet HTML 2Page - Panasonic Battery Group ECWU1H184JC9 Datasheet HTML 3Page - Panasonic Battery Group ECWU1H184JC9 Datasheet HTML 4Page - Panasonic Battery Group ECWU1H184JC9 Datasheet HTML 5Page - Panasonic Battery Group ECWU1H184JC9 Datasheet HTML 6Page - Panasonic Battery Group ECWU1H184JC9 Datasheet HTML 7Page - Panasonic Battery Group ECWU1H184JC9 Datasheet HTML 8Page - Panasonic Battery Group ECWU1H184JC9 Datasheet HTML 9Page - Panasonic Battery Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Cap.
(µF)
0.001
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
Please use 100VDC rating ECWU(X)
ECWU2102KC9
4.8
3.3
1.4
E1
ECWU2122KC9
4.8
3.3
1.4
E1
4.8
3.3
1.4
E1
ECWU2182KC9
4.8
3.3
1.4
E1
ECWU2222KC9
4.8
3.3
1.4
E1
ECWU2272KC9
4.8
3.3
1.4
E1
ECWU2332KC9
4.8
3.3
1.4
E1
ECWU2392KC9
4.8
3.3
1.4
E1
ECWU2472KC9
4.8
3.3
1.4
E1
ECWU2562KC9
4.8
3.3
1.4
E1
ECWU2682KC9
4.8
3.3
1.4
E1
ECWU2822KC9
4.8
3.3
1.4
E1
ECWU2103KC9
4.8
3.3
1.4
E1
ECWU2123KC9
4.8
3.3
1.4
E1
ECWU2153KC9
4.8
3.3
1.4
E1
ECWU2183KC9
4.8
3.3
2.0
E2
ECWU2223KC9
4.8
3.3
2.0
E2
ECWU2273KC9
4.8
3.3
2.4
E3a
ECWU2333KC9
4.8
3.3
2.8
E3
ECWU2393KC9
6.0
4.1
2.0
D2
ECWU2473KC9
6.0
4.1
2.4
D3
ECWU2563KC9
6.0
4.1
2.8
D4
ECWU2683KC9
6.0
4.1
3.2
D5
ECWU2823KC9
6.0
5.0
3.2
B
ECWU2104KC9
6.0
5.0
3.8
B
ECWU2124KCV
7.1
6.3
2.8
Y
ECWU2154KCV
7.1
6.3
3.5
Y
ECWU2184KCV
7.1
6.3
4.1
Y
ECWU2224KCV
7.1
6.3
5.1
Y
ECWU2274KCV
9.8
6.3
3.9
V
ECWU2334KCV
9.8
6.3
4.8
V
ECWU2394KCV
9.8
8.0
4.4
U
ECWU2474KCV
9.8
8.0
5.3
U
ECWU2564KCZ
15.2 8.0
3.7
T
ECWU2684KCZ
15.2 8.0
4.4
T
ECWU2824KCZ
15.2 10.0
4.2
S
ECWU2105KCZ
15.2 10.0
5.1
S
3000
1000
750
ECWU1123
MC9
4.8
3.3
1.4
E1
ECWU1153
MC9
4.8
3.3
1.4
E1
ECWU1183
MC9
4.8
3.3
1.4
E1
ECWU1223
MC9
4.8
3.3
1.4
E1
ECWU1273
MC9
4.8
3.3
1.4
E1
ECWU1333
MC9
4.8
3.3
1.4
E1
ECWU1393
MC9
4.8
3.3
1.4
E1
ECWU1473
MC9
4.8
3.3
2.0
E2
ECWU1563
MC9
4.8
3.3
2.0
E2
ECWU1683
MC9
4.8
3.3
2.4
E3a
ECWU1823
MC9
4.8
3.3
2.8
E3
ECWU1104
MC9
6.0
4.1
1.8
D1
ECWU1124
MC9
6.0
4.1
2.4
D3
ECWU1154
MC9
6.0
4.1
2.8
D4
ECWU1184KC9
7.1
5.0
2.0
Z
ECWU1224KC9
7.1
5.0
2.4
Z
ECWU1274KC9
7.1
5.0
2.9
Z
ECWU1334KC9
7.1
5.0
3.5
Z
ECWU1394KCV
7.7
5.5
3.4
X
ECWU1474KCV
7.7
5.5
4.0
X
ECWU1564KCV
9.8
6.3
3.0
V
ECWU1684KCV
9.8
6.3
3.6
V
ECWU1824KCV
9.8
6.3
4.3
V
ECWU1105KCV
9.8
6.3
5.1
V
3000
2000
Rated volt. 100VDC
Part
No
Dimensions (mm)
LW
H
Size
code
Q'ty
Rated volt. 250VDC
Part
No
Dimensions (mm)
LW
H
Size
code
Q'ty
3000
1000
1500
2000
2000
3000
1500
2000
❈ Please consult us for capacitance tolerance ± 5%(J).
I Rating, Dimensions & Quantity/Reel
GCapacitance tolerance : ±5%(J), ±10%(K)
Capacitance tolerance code
L
Film Chip Capacitor
ECWU2152KC9


Similar Part No. - ECWU1H184JC9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWU1H184JC9 PANASONIC-ECWU1H184JC9 Datasheet
100Kb / 3P
   Plastic Film Capacitors
ECWU1H184JC9 PANASONIC-ECWU1H184JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
More results

Similar Description - ECWU1H184JC9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1H102GB5 PANASONIC-ECH-U1H102GB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C104JB5 PANASONIC-ECH-U1C104JB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C153JB5 PANASONIC-ECH-U1C153JB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1H223GB5 PANASONIC-ECH-U1H223GB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C683GB5 PANASONIC-ECH-U1C683GB5 Datasheet
89Kb / 3P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C332JB5 PANASONIC-ECH-U1C332JB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C103JB5 PANASONIC-ECH-U1C103JB5 Datasheet
63Kb / 2P
   Stacked matallized PPS film as dielectric with simple mold less construction
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com