Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFOS1695E5BM Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EFOS1695E5BM
Description  Ceramic Res o na tors, Chip Type (3 Array Type) RoHS compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EFOS1695E5BM Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EFOS1695E5BM Datasheet HTML 1Page - Panasonic Semiconductor EFOS1695E5BM Datasheet HTML 2Page - Panasonic Semiconductor EFOS1695E5BM Datasheet HTML 3Page - Panasonic Semiconductor EFOS1695E5BM Datasheet HTML 4Page - Panasonic Semiconductor EFOS1695E5BM Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Ceramic Resonators, Chip Type
– EC167 –
Oscillating Frequency
3–(1.00)
(7.30)
(2.70)
7.80
+0.50
–0.20
2.50
±0.20
2.50
±0.20
+0.30
–0.20
3.20
Serial No.
Terminal
Electrodes
6–R(0.20)
6–(0.60)
4.50
±0.20
(1.60)
2.00
±0.30
3–(0.55)
2–1.50
±0.20
Serial No.
Oscillating Frequency
Terminal
Electrodes
Oscillating Frequency
Serial No.
(7.30)
7.80
+0.50
–0.20
(2.70)
3.20
+0.30
–0.20
6–R(0.20)
2.50
±0.20
6-(1.00)
2.50
±0.20
Terminal
Electrodes
(5.00)
6–R(0.20)
6–(1.20)
(2.70)
5.50
+0.50
–0.20
3.20
+0.25
–0.15
1.90
±0.20
1.90
±0.20
Serial No.
Oscillating Frequency
Terminal
Electrodes
3-0.9 to 1.2
2.5
2.5
3-0.8
1.5
1.5
3-0.55
3-1.2
1.9
1.9
[Type EFOS, EFOSM]
[Type EFOSS]
[Type EFOB]
Dimensions in mm (not to scale)
Recommended Land Dimensions
[Type EFOS]·····2.0 to 13.0 MHz
[Type EFOSM]·····4.0 to 13.0 MHz
[Type EFOSS]·····4.0 to 13.0 MHz
[Type EFOB]·····13.1 to 20.0 MHz
01 Feb. 2009


Similar Part No. - EFOS1695E5BM

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
EFOS1695E5 AEL-EFOS1695E5 Datasheet
149Kb / 1P
   Chip Ceramic Resonators General Purpose
EFOS1695E5 AEL-EFOS1695E5 Datasheet
166Kb / 1P
   Chip Ceramic Resonators Built-In Capacitors
More results

Similar Description - EFOS1695E5BM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EFO-BM2005E5 PANASONIC-EFO-BM2005E5 Datasheet
256Kb / 5P
   Ceramic Res o na tors, Chip Type (3 Array Type)
EFO-S8004E5 PANASONIC-EFO-S8004E5 Datasheet
256Kb / 5P
   Ceramic Res o na tors, Chip Type
logo
Pacific Silicon Sensor,...
EFO-S4004E5 PACIFIC-EFO-S4004E5 Datasheet
256Kb / 5P
   Ceramic Res o na tors, Chip Type
logo
List of Unclassifed Man...
DSP-15P ETC2-DSP-15P Datasheet
167Kb / 1P
   Panel RoHS Compliant NA
logo
STANLEY ELECTRIC CO.,LT...
JUR1112LU STANLEY-JUR1112LU Datasheet
246Kb / 11P
   PLCC Side Viewing Type LED RoHS Compliant
logo
Superworld Electronics
WAQ7F110-RB-10 SUPERWORLD-WAQ7F110-RB-10 Datasheet
293Kb / 7P
   Wirewound Type Common Mode Filter (RoHS Compliant)
logo
YAGEO Corporation
YC164-FR-0710KL YAGEO-YC164-FR-0710KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS YC/TC 164 (8Pin/4R) RoHS compliant
logo
STANLEY ELECTRIC CO.,LT...
SW1141CX STANLEY-SW1141CX Datasheet
281Kb / 11P
   1608 (h=0.70mm) Type White LED RoHS compliant
logo
Panasonic Semiconductor
ECJ-RVF1E104Z PANASONIC-ECJ-RVF1E104Z Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVB1H682M PANASONIC-ECJ-RVB1H682M Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com