Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWU1H683JC9 Datasheet(PDF) 10 Page - Panasonic Battery Group

Part # ECWU1H683JC9
Description  Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ECWU1H683JC9 Datasheet(HTML) 10 Page - Panasonic Battery Group

Back Button ECWU1H683JC9 Datasheet HTML 5Page - Panasonic Battery Group ECWU1H683JC9 Datasheet HTML 6Page - Panasonic Battery Group ECWU1H683JC9 Datasheet HTML 7Page - Panasonic Battery Group ECWU1H683JC9 Datasheet HTML 8Page - Panasonic Battery Group ECWU1H683JC9 Datasheet HTML 9Page - Panasonic Battery Group ECWU1H683JC9 Datasheet HTML 10Page - Panasonic Battery Group ECWU1H683JC9 Datasheet HTML 11Page - Panasonic Battery Group ECWU1H683JC9 Datasheet HTML 12Page - Panasonic Battery Group ECWU1H683JC9 Datasheet HTML 13Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ECWU (C) Type
DC50V series
Applicable Specifications
(Stacked Metallized Film)
* Please consult Panasonic if your condition exceeds the above spec.
*The current(
0-P) value is calculated using nominal capacitance.
*Permissible voltage graph is the case of sine waveform. When you use this product, peak voltage must not exceed DC rated voltage.
Pulse Handling Capability (dv/dt)
(Max 10000cycles)
dv/dt(V/us)
190
130
Capacitance
Value(uF)
0.056
0.068
0.082
0.10
0.12
0.15
0.18
Code
563
683
823
104
124
154
184
Rating
Voltage
DC
50V
Current(
0-P)
(A)
10.6
12.9
15.6
19.0
15.6
19.5
23.4
0.22
224
28.6
Frequency (kHz)
10
100
1000
Frequency (kHz)
10
100
1000
10
1
100
1
0
3
2
Permissible current
Permissible voltage
(at sine wave)
0.10 uF
0.082 uF
0.056 uF
0.12 uF
0.18 uF
0.15 uF
0.068 uF
0.22 uF
0.10 uF
0.082 uF
0.056 uF
0.12 uF
0.15 uF
0.068 uF
0.18 uF
0.22 uF
Voltage Derating by Temperature
Surface Temperature of Capacitor(Degree C)
-60
40
-40 -20 0
20
60 80 100 120 140
0
10
20
30
40
50
60


Similar Part No. - ECWU1H683JC9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWU1H683JC9 PANASONIC-ECWU1H683JC9 Datasheet
100Kb / 3P
   Plastic Film Capacitors
ECWU1H683JC9 PANASONIC-ECWU1H683JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
More results

Similar Description - ECWU1H683JC9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1H102GB5 PANASONIC-ECH-U1H102GB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C104JB5 PANASONIC-ECH-U1C104JB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C153JB5 PANASONIC-ECH-U1C153JB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1H223GB5 PANASONIC-ECH-U1H223GB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C683GB5 PANASONIC-ECH-U1C683GB5 Datasheet
89Kb / 3P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C332JB5 PANASONIC-ECH-U1C332JB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C103JB5 PANASONIC-ECH-U1C103JB5 Datasheet
63Kb / 2P
   Stacked matallized PPS film as dielectric with simple mold less construction
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com