Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APE1910 Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # APE1910
Description  STEP-UP PFM DC/DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1910 Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  APE1910 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1910 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1910 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1910 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1910 Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced Power
Electronics Corp.
FEATURES
DESCRIPTION
Input Voltage : 1.2V to 12V
Low Quiescent Current : 17uA (typ.)
Low Saturation Voltage : 200mV Typical at 300mA
350mA Typical Switching Current Limiting
High Output Voltage : up to 34V
Low Profile SOT-23-5L Pb-Free Packaging
Halogen Free Product
Data and specifications subject to change without notice
TYPICAL APPLICATION
20130108V1.1
APE1910
STEP-UP PFM DC/DC CONVERTER
1
The APE1910 is a Pulse Frequency Modulation (PFM)
DC/DC converter. It is Low quiescent current 30uA and
shutdown current less 1uA. The APE1910 feature a wide
input voltage. The operating voltage is ranged from 1.2V to
12V. It also feature low quiescent current, switching current
limiting, low temperature coefficient.
Smaller
package
size
and
fewer
tiny external
components are required in the application to save space
and lower cost. APE1910 is available in SOT-23-5L
C1
4.7uF/25V
APE1910
SW
GND
FB
EN
VIN
L1
22uH'
1
2
C3
4.7u/50V
Vout=30V
R2
200K
Vout=VFB x (1 + R3/R2)
VIN=5V
R1
100K
VFB=1.23V, R2 suggest 100K~300K
C2
option
D1
B140
1
2
R3
4.7M
Figure 2. VCC=1.2~2.5V/ VOUT=3.3V for 1 or 2 cells to 3.3V boost converter
Figure 1. VCC=5V/ VOUT=30V for LCE.OLED Bias Supply
R1
100K
Vout=VFB x (1 + R3/R2)
C4
10pF
VFB=1.23V, R2 Suggest 100K~300K
R3
202K
D1
B140
1
2
C2
Option
C1
4.7uF/25V
L1
10uH
1
2
R2
120K
Vout=3.3V
C3
4.7u/50V
APE1910
SW
GND
FB
EN
VIN
VIN=1.2V~2.5V


Similar Part No. - APE1910

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
APE1911MP A-POWER-APE1911MP Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
   STEP-UP PWM DC/DC CONVERTER
APE1912MP A-POWER-APE1912MP Datasheet
83Kb / 7P
   STEP-UP PWM DC/DC CONVERTER
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
   1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
More results

Similar Description - APE1910

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
   PFM STEP-UP DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX Datasheet
131Kb / 15P
   PFM Step-up DC/DC Converter
HT7727A HOLTEK-HT7727A_12 Datasheet
588Kb / 14P
   PFM Step-up DC/DC Converter
HT77XXA HOLTEK-HT77XXA Datasheet
370Kb / 18P
   PFM Step-up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2821 KEXIN-RCR2821 Datasheet
323Kb / 5P
   PFM Step-up DC/DC Converter
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX_07 Datasheet
507Kb / 19P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
CYT2606L ETC2-CYT2606L Datasheet
473Kb / 8P
   PFM Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com