Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APE1701 Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # APE1701
Description  150KHz, 2A PWM BUCK DC/DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1701 Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  APE1701 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1701 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1701 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1701 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1701 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1701 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1701 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1701 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1701 Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Advanced Power
Electronics Corp.
APE1701
ELECTRICAL SPECIFICATIONS(Cont.)
Parameter
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
VIL
Low (regulator ON)
-
0.6
V
VIH
High (regulator OFF)
2
-
V
IH
VEN=2.5V(OFF)
-
-0.1
-0.5
uA
IL
VEN=0.5V(ON)
-
-
-0.01
uA
Thermal Shutdown Temp.
TSD
-
135
-
°C
Version
Characteristics
Symbol
Conditions
MIN
TYP
MAX
UNITS
ILOAD =0.2A
VOUT programmed
for 3.3V
η
VCC=12V, ILOAD=2A
-79
-
%
η
VCC=12V, ILOAD=2A
-80
-
%
η
VCC=12V, ILOAD=2A
-84
-
%
η
VCC=15V, ILOAD=2A
-
90
-
%
PIN DESCRIPTIONS
PIN SYMBOL
PIN DESCRIPTION
VSS
GND Pin
FB
Control Voltage Feedback Control
EN
ON/OFF Shutdown
SW
Switching Output
VCC
IC Power Supply Pin
APE1701-12V
EN PIN Logic Input Threshold
Voltage
EN PIN Input Current
1.3
APE1701-3.3V
VOUT
3.2
VFB
APE1701-ADJ
1.193
V
4
3.4
1.23
1.267
V
5.15
V
APE1701-5.0V
VOUT
4.85
5.0
ILOAD =0.2A
ILOAD =0.2A
3.3
V
VOUT
11.64
12
12.36
ILOAD =0.2A
Output
Feedback
Voltage
Efficiency
Efficiency
Output
Voltage
Efficiency
Output
Voltage
Efficiency
Output
Voltage


Similar Part No. - APE1701

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APE17024 APLUS-APE17024 Datasheet
247Kb / 7P
   very low cost voice and melody synthesizer with 4-bits CPU
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
APE1705 A-POWER-APE1705 Datasheet
575Kb / 12P
   150KHz, 3A PWM Buck DC/DC Converter
More results

Similar Description - APE1701

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1509 TECHCODE-TD1509 Datasheet
806Kb / 17P
   2A 150KHz PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1509 FS-FAC1509 Datasheet
368Kb / 13P
   2A 150KHZ PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
196Kb / 12P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
logo
E-CMOS Corporation
EC9309 E-CMOS-EC9309 Datasheet
1Mb / 15P
   2A 150KHz PWM Buck DC/DC Converter
logo
Shanghai Shunye Electro...
AP1509 SY-AP1509_18 Datasheet
3Mb / 6P
   150KHz 2A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com