Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWU1C124JC9 Datasheet(PDF) 8 Page - Panasonic Battery Group

Part # ECWU1C124JC9
Description  Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ECWU1C124JC9 Datasheet(HTML) 8 Page - Panasonic Battery Group

Back Button ECWU1C124JC9 Datasheet HTML 4Page - Panasonic Battery Group ECWU1C124JC9 Datasheet HTML 5Page - Panasonic Battery Group ECWU1C124JC9 Datasheet HTML 6Page - Panasonic Battery Group ECWU1C124JC9 Datasheet HTML 7Page - Panasonic Battery Group ECWU1C124JC9 Datasheet HTML 8Page - Panasonic Battery Group ECWU1C124JC9 Datasheet HTML 9Page - Panasonic Battery Group ECWU1C124JC9 Datasheet HTML 10Page - Panasonic Battery Group ECWU1C124JC9 Datasheet HTML 11Page - Panasonic Battery Group ECWU1C124JC9 Datasheet HTML 12Page - Panasonic Battery Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ECWU (C) Type
Pulse Handling Capability (dv/dt)
(Max 10000cycles)
DC16V series
Applicable Specifications
(Stacked Metallized Film)
dv/dt(V/us)
60
40
Capacitance
Value(uF)
0.12
0.15
0.18
0.22
0.27
0.33
0.39
Code
124
154
184
224
274
334
394
Rating
Voltage
DC
16V
Current(
0-P)
(A)
7.2
9.0
10.8
13.2
10.8
13.2
15.6
* Please consult Panasonic if your condition exceeds the above spec.
*The current(
0-P) value is calculated using nominal capacitance.
*Permissible voltage graph is the case of sine waveform. When you use this product, peak voltage must not exceed DC rated voltage.
0.47
474
18.8
Voltage Derating by Temperature
Surface Temperature of Capacitor(Degree C)
-60
40
-40 -20 0
20
60 80 100 120 140
0
4
8
12
16
20
Permissible current
Frequency (kHz)
10
100
1000
1
0
3
2
0.47 uF
0.33 uF
0.27 uF
0.22 uF
0.18 uF
0.15 uF
0.39 uF
0.12 uF
Permissible voltage
(at sine wave)
10
1
100
Frequency (kHz)
10
100
1000
0.47 uF
0.33 uF
0.27 uF
0.22 uF
0.18 uF
0.15 uF
0.39 uF
0.12 uF


Similar Part No. - ECWU1C124JC9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWU1C124JC9 PANASONIC-ECWU1C124JC9 Datasheet
100Kb / 3P
   Plastic Film Capacitors
ECWU1C124JC9 PANASONIC-ECWU1C124JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1C124JC9 PANASONIC-ECWU1C124JC9 Datasheet
55Kb / 2P
   Film Chip Capacitor
ECWU1C124JC9 PANASONIC-ECWU1C124JC9 Datasheet
55Kb / 2P
   Film Chip Capacitor
More results

Similar Description - ECWU1C124JC9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1H102GB5 PANASONIC-ECH-U1H102GB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C104JB5 PANASONIC-ECH-U1C104JB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C153JB5 PANASONIC-ECH-U1C153JB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1H223GB5 PANASONIC-ECH-U1H223GB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C683GB5 PANASONIC-ECH-U1C683GB5 Datasheet
89Kb / 3P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C332JB5 PANASONIC-ECH-U1C332JB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C103JB5 PANASONIC-ECH-U1C103JB5 Datasheet
63Kb / 2P
   Stacked matallized PPS film as dielectric with simple mold less construction
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com