Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR0503-391KL Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SDR0503-391KL
Description  SDR0503 Series - SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SDR0503-391KL Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SDR0503-391KL Datasheet HTML 1Page - Bourns Electronic Solutions SDR0503-391KL Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SDR0503 Series - SMD Power Inductors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Inductance 1kHz
Q
Test
SRF
RDC
I rms
I sat
Bourns Part No.
(
µ
µH)
Tol. %
Ref.
Frequency
Min.
Max.
Max.
Typ.
(MHz)
(MHz)
(
Ω)
(A)
(A)
SDR0503-100ML
10
± 20
10
2.52
30.0
0.13
1.300
1.600
SDR0503-120ML
12
± 20
20
2.52
29.0
0.16
1.200
1.450
SDR0503-150ML
15
± 20
20
2.52
27.0
0.19
1.050
1.260
SDR0503-180ML
18
± 20
20
2.52
24.0
0.21
0.950
1.300
SDR0503-220ML
22
± 20
20
2.52
22.0
0.28
0.900
1.060
SDR0503-270ML
27
± 20
20
2.52
20.0
0.32
0.800
1.000
SDR0503-330KL
33
± 10
15
2.52
18.0
0.38
0.700
0.850
SDR0503-390KL
39
± 10
15
2.52
17.0
0.42
0.650
0.800
SDR0503-470KL
47
± 10
20
2.52
14.0
0.60
0.600
0.750
SDR0503-560KL
56
± 10
20
2.52
13.0
0.71
0.500
0.700
SDR0503-680KL
68
± 10
20
2.52
12.0
0.76
0.450
0.600
SDR0503-820KL
82
± 10
15
2.52
10.0
0.88
0.420
0.520
SDR0503-101KL
100
± 10
40
0.796
9.0
1.60
0.400
0.480
SDR0503-121KL
120
± 10
40
0.796
8.0
1.70
0.370
0.450
SDR0503-151KL
150
± 10
40
0.796
7.0
2.00
0.330
0.400
SDR0503-181KL
180
± 10
40
0.796
7.0
2.30
0.300
0.350
SDR0503-221KL
220
± 10
35
0.796
6.0
2.50
0.250
0.340
SDR0503-271KL
270
± 10
35
0.796
6.0
2.90
0.230
0.280
SDR0503-331KL
330
± 10
30
0.796
5.0
3.30
0.210
0.280
SDR0503-391KL
390
± 10
30
0.796
5.0
3.70
0.190
0.240
SDR0503-471KL
470
± 10
30
0.796
5.0
4.90
0.180
0.220
SDR0503-561KL
560
± 10
30
0.796
4.0
5.70
0.160
0.190
SDR0503-681KL
680
± 10
30
0.796
4.0
7.50
0.140
0.160
SDR0503-821KL
820
± 10
40
0.796
3.0
10.00
0.120
0.155
SDR0503-102KL
1000
± 10
40
0.252
3.0
11.50
0.110
0.135
SDR0503-122JL
1200
± 5
40
0.252
3.0
12.00
0.063
0.090
SDR0503-152JL
1500
± 5
40
0.252
2.0
13.00
0.059
0.072
SDR0503-182JL
1800
± 5
40
0.252
2.0
15.00
0.055
0.070
SDR0503-222JL
2200
± 5
40
0.252
2.0
22.00
0.053
0.070
SDR0503-272JL
2700
± 5
40
0.252
2.0
26.00
0.050
0.070
SDR0503-332JL
3300
± 5
40
0.252
2.0
38.00
0.045
0.062
SDR0503-392JL
3900
± 5
40
0.252
2.0
40.00
0.042
0.060
SDR0503-472JL
4700
± 5
40
0.252
1.0
48.00
0.040
0.050
SDR0503-502JL
5000
± 5
40
0.252
1.0
60.00
0.039
0.050
SDR0503-562JL
5600
± 5
40
0.252
1.0
72.00
0.038
0.050
SDR0503-682JL
6800
± 5
40
0.252
1.0
80.00
0.034
0.045
SDR0503-822JL
8200
± 5
40
0.252
1.0
92.00
0.030
0.045
SDR0503-103JL
10000
± 5
30
0.0796
1.0
110.00
0.027
0.040
SDR0503-123JL
12000
± 5
30
0.0796
1.0
148.00
0.025
0.038
SDR0503-153JL
15000
± 5
30
0.0796
1.0
168.00
0.020
0.032
Features
I Available in E12 series
I Low profile of only 3.3 mm
I High inductance of 15 mH
I RoHS compliant*
Applications
I Input/output of DC/DC converters
I Power supplies for:
Portable communication equipment
Camcorders
LCD TVs
Car radios
Electrical Specifications
Product Dimensions
Recommended Layout
5.0 ± 0.3
(.197 ± .012)
MAX.
MAX.
3.0 ± 0.3
(.118 ± .012)
General Specifications
Test Voltage........................................1 V
Reflow Soldering ...230 °C, 50 sec. max.
Operating Temperature ..-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Resistance to Soldering Heat
..................................260 °C for 5 sec.
Materials
Core .......................................Ferrite DR
Wire ............................Enameled copper
Terminal.....................................Ag/Ni/Sn
Rated Current..Ind. drop 10 % typ. at Isat
Temperature Rise ..................40 °C max.
at rated Irms
Packaging ....................500 pcs. per reel
2.0
(.079)
MAX.
TYP.
4.8 ± 0.3
(.189 ± .012)
5.0
(.197)
5.5
(.217)
1.9
(.075)
1.8
(.071)
Typical Part Marking
100
DIMENSIONS:
MM
(INCHES)


Similar Part No. - SDR0503-391KL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR0503-391KL BOURNS-SDR0503-391KL Datasheet
128Kb / 2P
   SMD Power Inductors
More results

Similar Description - SDR0503-391KL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM3308-100M-RC BOURNS-PM3308-100M-RC Datasheet
227Kb / 3P
   PM3308 Series - SMD Power Inductors
logo
Taiyo Yuden (U.S.A.), I...
NS10165T100MNA TAIYO-YUDEN-NS10165T100MNA Datasheet
155Kb / 1P
   SMD Power Inductors (NS series)
NS12575T330MN TAIYO-YUDEN-NS12575T330MN Datasheet
167Kb / 2P
   SMD Power Inductors (NS series)
NS12575T680MN TAIYO-YUDEN-NS12575T680MN Datasheet
167Kb / 2P
   SMD Power Inductors (NS series)
NR5040T150M TAIYO-YUDEN-NR5040T150M_19 Datasheet
295Kb / 3P
   SMD Power Inductors (NR series)
NR6012T150ME TAIYO-YUDEN-NR6012T150ME Datasheet
302Kb / 3P
   SMD Power Inductors (NR series)
NR3010T1R0N TAIYO-YUDEN-NR3010T1R0N_19 Datasheet
302Kb / 3P
   SMD Power Inductors (NR series)
NR3010T1R5N TAIYO-YUDEN-NR3010T1R5N Datasheet
302Kb / 3P
   SMD Power Inductors (NR series)
NR3015T1R5N TAIYO-YUDEN-NR3015T1R5N Datasheet
293Kb / 3P
   SMD Power Inductors (NR series)
NR3015T3R3M TAIYO-YUDEN-NR3015T3R3M Datasheet
293Kb / 3P
   SMD Power Inductors (NR series)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com