Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFOB3584B5BM Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EFOB3584B5BM
Description  Ceramic Res o na tors, Chip Type (3 Array Type) RoHS compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EFOB3584B5BM Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EFOB3584B5BM Datasheet HTML 1Page - Panasonic Semiconductor EFOB3584B5BM Datasheet HTML 2Page - Panasonic Semiconductor EFOB3584B5BM Datasheet HTML 3Page - Panasonic Semiconductor EFOB3584B5BM Datasheet HTML 4Page - Panasonic Semiconductor EFOB3584B5BM Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Ceramic Resonators, Chip Type
– EC168 –
(3.90)
(3.10)
3–(0.80)
2–1.60
±0.20
6–R(0.20)
+0.30
–0.20
3.60
+0.50
–0.20
4.40
Serial No.
Oscillating Frequency
Terminal
Electrodes
4.10
±0.20
(2.40)
6–R(0.20)
(3.70)
2.90
±0.30
3–(0.80)
2–1.35
±0.20
Serial No.
Oscillating Frequency
Terminal
Electrodes
3-0.8
1.351.35
3-0.7 to 1.0
1.6 1.6
Ceramic Resonator
+5V
14 13
11
9
7
5
2
For Oscillation Circuit
Frequency Counter
1M
3
1
IC
4
Ceramic Resonator
+5V
14 13
11
9
7
5
2
For Loop Gain
1M
1
IN
0.01
G=20 log (V0/ V1)
V0
V1
OUT
FET probe
10 M
min.
2pF max.
T.G.
Output
=–20dBm
IC
4
3
[Type EFOJM]
[Type EFOBM]
[Type EFOJM]·····16.0 to 20.0, 30.0 to 50.0 MHz
Dimensions in mm (not to scale)
Recommended Land Dimensions
[Type EFOBM]·····12.0 to 20.0 MHz
Test Circuits Diagram
Frequency
IC
2.00 to 8.39 MHz
µPD4069UBC,
TC4069UBP
or similar
8.40 to 50.0 MHz
µPD74HCU,
TC74 HCU04AP
or similar
01 Feb. 2009


Similar Part No. - EFOB3584B5BM

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
EFOB3584B5 AEL-EFOB3584B5 Datasheet
149Kb / 1P
   Chip Ceramic Resonators General Purpose
EFOB3584B5 AEL-EFOB3584B5 Datasheet
166Kb / 1P
   Chip Ceramic Resonators Built-In Capacitors
More results

Similar Description - EFOB3584B5BM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EFO-BM2005E5 PANASONIC-EFO-BM2005E5 Datasheet
256Kb / 5P
   Ceramic Res o na tors, Chip Type (3 Array Type)
EFO-S8004E5 PANASONIC-EFO-S8004E5 Datasheet
256Kb / 5P
   Ceramic Res o na tors, Chip Type
logo
Pacific Silicon Sensor,...
EFO-S4004E5 PACIFIC-EFO-S4004E5 Datasheet
256Kb / 5P
   Ceramic Res o na tors, Chip Type
logo
List of Unclassifed Man...
DSP-15P ETC2-DSP-15P Datasheet
167Kb / 1P
   Panel RoHS Compliant NA
logo
STANLEY ELECTRIC CO.,LT...
JUR1112LU STANLEY-JUR1112LU Datasheet
246Kb / 11P
   PLCC Side Viewing Type LED RoHS Compliant
logo
Superworld Electronics
WAQ7F110-RB-10 SUPERWORLD-WAQ7F110-RB-10 Datasheet
293Kb / 7P
   Wirewound Type Common Mode Filter (RoHS Compliant)
logo
YAGEO Corporation
YC164-FR-0710KL YAGEO-YC164-FR-0710KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS YC/TC 164 (8Pin/4R) RoHS compliant
logo
STANLEY ELECTRIC CO.,LT...
SW1141CX STANLEY-SW1141CX Datasheet
281Kb / 11P
   1608 (h=0.70mm) Type White LED RoHS compliant
logo
Panasonic Semiconductor
ECJ-RVF1E104Z PANASONIC-ECJ-RVF1E104Z Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVB1H682M PANASONIC-ECJ-RVB1H682M Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com