Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APE1601 Datasheet(PDF) 11 Page - Advanced Power Electronics Corp.

Part # APE1601
Description  White LED Driver (120mA Charge Pump with Current Source)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1601 Datasheet(HTML) 11 Page - Advanced Power Electronics Corp.

Back Button APE1601 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1601 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1601 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1601 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1601 Datasheet HTML 9Page - Advanced Power Electronics Corp. APE1601 Datasheet HTML 10Page - Advanced Power Electronics Corp. APE1601 Datasheet HTML 11Page - Advanced Power Electronics Corp. APE1601 Datasheet HTML 12Page - Advanced Power Electronics Corp. APE1601 Datasheet HTML 13Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11/12
APE1601
CTRL1
GND
CTRL0
EN
GPIO
PWM
LED
OFF
LED
ON
Figure 6. The PWM dimming application circuit for 2WLEDs
Besides, A
PE1601/A has 100us delay time between mode transfer. This delay time makes
different dimming frequency corresponds to different maximum duty of CTRLX pin. When
the duty cycle of dimming frequency excess maximum duty, the A
PE1601/As can't transfer
the mode normally. Equation (4) shows the relation between maximum duty of CTRLX pin
and PWM dimming frequency. Table 5 is shown the common dimming frequency and its
corresponding maximum duty. For better performance consideration, the maximum PWM
dimming frequency is recommended below 1 kHz.
D(MAX) = (1 - 100x10
-6 x F
D)
(4)
Where: DMAX is Maximum Duty of CTRLX
FD is PWM Dimming Frequency
Table 5. The common dimming frequency and
its corresponding maximum duty.
Dimming
Frequency (Hz)
CTRLX
Maximum Duty
ILED
Minimum Duty
1K
0.90
0.10
900
0.91
0.09
800
0.92
0.08
700
0.93
0.07
600
0.94
0.06
500
0.95
0.05
400
0.96
0.04
300
0.97
0.03
200
0.98
0.02
APE1601/A
Advanced Power
Electronics Corp.
White LED Driver (120mA Charge Pump with Current Source)


Similar Part No. - APE1601

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE1612 A-POWER-APE1612 Datasheet
274Kb / 9P
   1.9A FIXED FREQUENCY WHITE LED DRIVER
APE1612TY A-POWER-APE1612TY Datasheet
274Kb / 9P
   1.9A FIXED FREQUENCY WHITE LED DRIVER
APE1630 A-POWER-APE1630 Datasheet
612Kb / 11P
   32V,1A STEP-DOWN HIGH BRIGHTNESS LED DRIVER WITH 5000:1 DIMMING
APE1630G5 A-POWER-APE1630G5 Datasheet
612Kb / 11P
   32V,1A STEP-DOWN HIGH BRIGHTNESS LED DRIVER WITH 5000:1 DIMMING
More results

Similar Description - APE1601

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3131 SGMICRO-SGM3131_16 Datasheet
2Mb / 13P
   120mA 4-Channel Charge Pump White LED Driver with Low Dropout Current Source
logo
Richtek Technology Corp...
RT9368 RICHTEK-RT9368 Datasheet
225Kb / 10P
   4-Channel Charge Pump White LED Driver with Low Dropout Current Source
RT9368A RICHTEK-RT9368A Datasheet
217Kb / 12P
   4-Channel Charge Pump White LED Driver with Low Dropout Current Source
RT9373A RICHTEK-RT9373A Datasheet
274Kb / 11P
   3-Channel Charge Pump White LED Driver with Low Dropout Current Source
logo
SG Micro Corp
SGM3142 SGMICRO-SGM3142_18 Datasheet
1Mb / 14P
   6-Channel Charge Pump White LED Driver with Low Dropout Current Source
SGM3133 SGMICRO-SGM3133_16 Datasheet
2Mb / 12P
   4-Channel Charge Pump White LED Driver with Low Dropout Current Source
SGM3138 SGMICRO-SGM3138_16 Datasheet
2Mb / 11P
   6-Channel Charge Pump White LED Driver with Low Dropout Current Source
SGM3146 SGMICRO-SGM3146_16 Datasheet
2Mb / 12P
   8-Channel Charge Pump White LED Driver with Low Dropout Current Source
logo
Texas Instruments
TPS60230 TI1-TPS60230_14 Datasheet
989Kb / 21P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
logo
SG Micro Corp
SGM3124 SGMICRO-SGM3124 Datasheet
378Kb / 17P
   White LED Charge Pump Current Source with PWM Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com