Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUF76121D3 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # HUF76121D3
Description  20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUF76121D3 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button HUF76121D3 Datasheet HTML 2Page - Fairchild Semiconductor HUF76121D3 Datasheet HTML 3Page - Fairchild Semiconductor HUF76121D3 Datasheet HTML 4Page - Fairchild Semiconductor HUF76121D3 Datasheet HTML 5Page - Fairchild Semiconductor HUF76121D3 Datasheet HTML 6Page - Fairchild Semiconductor HUF76121D3 Datasheet HTML 7Page - Fairchild Semiconductor HUF76121D3 Datasheet HTML 8Page - Fairchild Semiconductor HUF76121D3 Datasheet HTML 9Page - Fairchild Semiconductor HUF76121D3 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
©2003 Fairchild Semiconductor Corporation
HUF76121D3, HUF76121D3S Rev. B1
FIGURE 13. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Fairchild Application Notes AN7254 and AN7260.
FIGURE 14. GATE CHARGE WAVEFORMS FOR CONSTANT
GATE CURRENT
FIGURE 15. SWITCHING TIME vs GATE RESISTANCE
FIGURE 16. SWITCHING TIME vs GATE RESISTANCE
Test Circuits and Waveforms
FIGURE 17. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 18. UNCLAMPED ENERGY WAVEFORMS
Typical Performance Curves (Continued)
0
300
600
900
1200
0
5
10
15
20
25
30
VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
COSS
CRSS
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
0
2
4
6
8
10
0
5
10
15
20
25
VDD = 15V
Qg, GATE CHARGE (nC)
ID = 20A
ID = 10A
ID = 1A
WAVEFORMS IN
DESCENDING ORDER:
0
100
200
300
400
0
10
20304050
RGS, GATE TO SOURCE RESISTANCE (Ω)
VGS = 4.5V, VDD = 15V, ID = 20A, RL = 0.75Ω
tr
tf
td(ON)
td(OFF)
0
50
100
150
200
0
1020
3040
50
RGS, GATE TO SOURCE RESISTANCE (Ω)
VGS = 10V, VDD = 15V, ID = 20A, RL = 0.75Ω
tr
td(OFF)
tf
td(ON)
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
HUF76121D3, HUF76121D3S


Similar Part No. - HUF76121D3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76121D3 INTERSIL-HUF76121D3 Datasheet
361Kb / 10P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76121D3S INTERSIL-HUF76121D3S Datasheet
361Kb / 10P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results

Similar Description - HUF76121D3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76121D3 INTERSIL-HUF76121D3 Datasheet
361Kb / 10P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76129D3 FAIRCHILD-HUF76129D3 Datasheet
282Kb / 11P
   20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76107D3 FAIRCHILD-HUF76107D3 Datasheet
284Kb / 11P
   20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76107P3 FAIRCHILD-HUF76107P3 Datasheet
282Kb / 11P
   20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76107P3 INTERSIL-HUF76107P3 Datasheet
369Kb / 10P
   20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76107D3 INTERSIL-HUF76107D3 Datasheet
109Kb / 10P
   20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76129D3 INTERSIL-HUF76129D3 Datasheet
107Kb / 10P
   20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76121SK8 INTERSIL-HUF76121SK8 Datasheet
124Kb / 11P
   8A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA76419D3 FAIRCHILD-HUFA76419D3 Datasheet
197Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76429D3 FAIRCHILD-HUFA76429D3 Datasheet
229Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com