Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMB5921B-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 1SMB5921B-13
Description  3.0W SURFACE MOUNT POWER ZENER DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1SMB5921B-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  1SMB5921B-13 Datasheet HTML 1Page - Diodes Incorporated 1SMB5921B-13 Datasheet HTML 2Page - Diodes Incorporated 1SMB5921B-13 Datasheet HTML 3Page - Diodes Incorporated 1SMB5921B-13 Datasheet HTML 4Page - Diodes Incorporated 1SMB5921B-13 Datasheet HTML 5Page - Diodes Incorporated 1SMB5921B-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1SMB5913B – 1SMB5939B
Document number: DS32125 Rev. 6 - 2
4 of 5
www.diodes.com
May 2013
© Diodes Incorporated
1SMB5913B – 1SMB5939B
0
t, TIME ( s)
Figure 7 Pulse Waveform
20
40
60
100
50
0
Peak Value Ipp
Half Value I
/2
pp
8x20 Waveform
as defined by R.E.A.
Peak Value I
pp
Half Value I /2
pp
10 X 1000 Waveform
as defined by R.E.A.
t, TIME (ms)
Figure 8 Pulse Waveform
0.01
0.1
1
10
0.01
0.1
1
10
t , PULSE DURATION (ms)
d
Figure 9 Max. Peak Pulse Power vs. Pulse Duration
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
SMB
Dim
Min
Max
A
3.30
3.94
B
4.06
4.57
C
1.96
2.21
D
0.15
0.31
E
5.00
5.59
G
0.05
0.20
H
0.76
1.52
J
2.00
2.50
All Dimensions in mm
A
B
C
D
G
H
E
J


Similar Part No. - 1SMB5921B-13

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMB5921B MOTOROLA-1SMB5921B Datasheet
189Kb / 4P
   1.5Watt Plastic Surface Mount Silicon Zener Diodes
logo
First Silicon Co., Ltd
1SMB5921B FS-1SMB5921B Datasheet
661Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Guangdong Kexin Industr...
1SMB5921B KEXIN-1SMB5921B Datasheet
69Kb / 2P
   Surface Mount Zener Diodes
logo
SynSemi, Inc.
1SMB5921B SYNSEMI-1SMB5921B Datasheet
30Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
1SMB5921B EIC-1SMB5921B Datasheet
121Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - 1SMB5921B-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1SMB5936B-13 DIODES-1SMB5936B-13 Datasheet
108Kb / 5P
   3.0W SURFACE MOUNT POWER ZENER DIODE
1SMB5913B DIODES-1SMB5913B_15 Datasheet
490Kb / 6P
   3.0W SURFACE MOUNT POWER ZENER DIODE
logo
Shenzhen Luguang Electr...
1SMB5926 LUGUANG-1SMB5926 Datasheet
236Kb / 4P
   3.0W Surface Mount Silicon Zener Diode
logo
Zibo Seno Electronic En...
3EZ3.9D5 ZSELEC-3EZ3.9D5 Datasheet
131Kb / 2P
   3.0W SILICON ZENER DIODE
logo
Microsemi Corporation
HSMBJ5913B MICROSEMI-HSMBJ5913B Datasheet
80Kb / 2P
   SILICON 3.0W ZENER DIOCE
logo
Diodes Incorporated
DFLZXXQ DIODES-DFLZXXQ_15 Datasheet
207Kb / 4P
   1.0W SURFACE MOUNT POWER ZENER DIODE
DFLZ5V1 DIODES-DFLZ5V1 Datasheet
188Kb / 3P
   1.0W SURFACE MOUNT POWER ZENER DIODE
DS30464 Rev. 4 - 2
DFLZ5V1 DIODES-DFLZ5V1_09 Datasheet
75Kb / 4P
   1.0W SURFACE MOUNT POWER ZENER DIODE
DS30464 Rev. 8 - 2
DFLZ5V1Q DIODES-DFLZ5V1Q_1 Datasheet
375Kb / 4P
   1.0W SURFACE MOUNT POWER ZENER DIODE
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com