Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC4ED-H-AC100V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # HC4ED-H-AC100V
Description  Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HC4ED-H-AC100V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  HC4ED-H-AC100V Datasheet HTML 1Page - Panasonic Semiconductor HC4ED-H-AC100V Datasheet HTML 2Page - Panasonic Semiconductor HC4ED-H-AC100V Datasheet HTML 3Page - Panasonic Semiconductor HC4ED-H-AC100V Datasheet HTML 4Page - Panasonic Semiconductor HC4ED-H-AC100V Datasheet HTML 5Page - Panasonic Semiconductor HC4ED-H-AC100V Datasheet HTML 6Page - Panasonic Semiconductor HC4ED-H-AC100V Datasheet HTML 7Page - Panasonic Semiconductor HC4ED-H-AC100V Datasheet HTML 8Page - Panasonic Semiconductor HC4ED-H-AC100V Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
HC
ORDERING INFORMATION
Relay for control panel of
1A to 10A (1c/2c/3c/4c)
HC RELAYS
VDE
1c, 2c, 4c
Standard
type
Amber sealed
type
Keep relay
With diode
type
With CR circuit
type
FEATURES
1. Standard type, Amber sealed type
and Keep type
2. Rich lineup includes relays with
operating indication, with diode and
with CR circuit
3. Full range of types
Plug-in type, PC board type and TM
type
4. Sockets and terminal sockets are
available.
TYPICAL APPLICATIONS
1. Factory automation equipment and
automotive devices
2. Control panels, power supply
equipment, molding equipment,
machine tools, welding equipment,
agricultural equipment, etc.
3. Office equipment, automatic
vending machines,
telecommunications equipment,
disaster prevention equipment,
copiers, measuring devices, medical
equipment, amusement devices, etc.
4. All types of household appliance
HC
Terminal arrangement
H:
HL:
L:
HP:
PL:
HPL:
HTM:
Plug-in type
Plug-in with LED indication
Plug-in with LED indication (Amber sealed type)
PC board type
PC board with LED indication
PC board with LED indication (Amber sealed type)
TM type
Nil:
E:
ED:
K:
Standard type
Amber sealed type (Only 1 Form C and 2 Form C)
Amber sealed type bifurcated contact (twin) (Only 4 Form C)
Keep type
Contact material
Contact arrangement
Contact material
AgSnO2 type
AgNi type
1 Form C
2 Form C
3 Form C
4 Form C
4-pole bifurcated (twin)
F
F
F
Nil
Nil
Nominal coil voltage
AC
DC
Surge suppression
D: With diode R: With CR curcuit
6, 12, 24, 48, 100 (100/110), 120 (110/120), 200 (200/220), 240 (220/240) V
6, 12, 24, 48, 100 (100/110) V
Contact arrangement
1:
2:
3:
4:
4D:
1 Form C
2 Form C
3 Form C
4 Form C
Bifurcated contact (twin)
Notes: Certified by UL and CSA (except for keep type)
Please consult us about VDE (1 Form C, 2 Form C, and 4 Form C only) and TV-3 (1 Form C and 2 Form C only) approved products.
ASCTB4E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
RoHS compliant


Similar Part No. - HC4ED-H-AC100V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC4ED-H-AC100V PANASONIC-HC4ED-H-AC100V Datasheet
229Kb / 15P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c)
More results

Similar Description - HC4ED-H-AC100V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC2-HP-DC12V PANASONIC-HC2-HP-DC12V Datasheet
229Kb / 15P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c)
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
HP2-AC24V PANASONIC-HP2-AC24V Datasheet
191Kb / 7P
   Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163_15 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
Panasonic Semiconductor
JS1F-B-48V-F PANASONIC-JS1F-B-48V-F Datasheet
740Kb / 5P
   1a/1c 10A cubic type power relay
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com