Electronic Components Datasheet Search |
|
HC4ED-H-AC48V Datasheet(PDF) 11 Page - Panasonic Semiconductor |
|
HC4ED-H-AC48V Datasheet(HTML) 11 Page - Panasonic Semiconductor |
11 / 18 page HC REFERENCE DATA Standard type 1. Life curve Load: 250 V AC resistive load 2.-(1) Switching capacity range (single contact type) 2.-(2) Switching capacity range (4-pole bifurcated (twin) contact type) 2468 10 100 200 300 400 500 5,000 10,000 1c 2c 3c 4c Load current, A Mechanical life (DC type) Mechanical life (AC type) (250 V AC cos ϕ = 1) 10mA 100 10 250 1A 1mA 7A 5A 10A HC1c HC4c HC2c, 3c AC current 100 µA 100mV 100 250 1A 3A 10A AC current 3.-(1) Coil temperature rise (1 Form C, AC type) Measured portion: Inside the coil Ambient temperature: 25 °C 77°F 3.-(2) Coil temperature rise (2 Form C, AC type) Measured portion: Inside the coil Ambient temperature: 30 °C 86°F 3.-(3) Coil temperature rise (3 Form C, AC type) Measured portion: Inside the coil Ambient temperature: 18 °C 64°F (See note.) (See note.) (See note.) 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 10A 7A 0A 2A 5A Coil applied voltage, %V 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 10A 5A 0A Coil applied voltage, %V 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 5A 7A 0A Coil applied voltage, %V 3.-(4) Coil temperature rise (4 Form C, AC type) Measured portion: Inside the coil Ambient temperature: 15 to 21 °C 59 to 70°F (See note.) 3.-(5) Coil temperature rise (1 Form C, DC type) Measured portion: Inside the coil Ambient temperature: 29 °C 84°F 3.-(6) Coil temperature rise (2 Form C, DC type) Measured portion: Inside the coil Ambient temperature: 29 °C 84°F 80 90 100 110 120 0 20 40 60 80 100 120 140 160 180 5A 3A 1A Coil applied voltage, %V 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 10A 5A 0A Coil applied voltage, %V 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 7A 5A 0A Coil applied voltage, %V 3.-(7) Coil temperature rise (3 Form C, DC type) Measured portion: Inside the coil Ambient temperature: 29 °C 84°F 3.-(8) Coil temperature rise (4 Form C, DC type) Measured portion: Inside the coil Ambient temperature: 17 to 18 °C 62 to 64°F Note: Coil temperature rise When the nominal voltage is applied to AC 120 or 240 V coil types respectively, the figures of coil temperature rise increase by approx. 10 degrees to the ones shown on each graph. 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 7A 5A 0A Coil applied voltage, %V 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 5A 3A 1A Coil applied voltage, %V ASCTB4E 201201-T Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e |
Similar Part No. - HC4ED-H-AC48V |
|
Similar Description - HC4ED-H-AC48V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |