Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5000AS Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # G5000AS
Description  G5000 and G6000 Series Overvoltage Protectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

G5000AS Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  G5000AS Datasheet HTML 1Page - Bourns Electronic Solutions G5000AS Datasheet HTML 2Page - Bourns Electronic Solutions G5000AS Datasheet HTML 3Page - Bourns Electronic Solutions G5000AS Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
G5000 and G6000 Series Overvoltage Protectors
Typical Applications
P40
GDT
GDT
TBU™ Device
TBU™ Device
Equip.
TBU
GDT
C650-xxx
G5500AS
C650-xxx
G6000AS
C850-xxx
G5200AS
Telecom, Industrial and Other General Electronics
P40
V
CC
G5000AS
G5000AS
P40-G
ADSL, VDSL and VDSL2
G5200AS
G5200AS
G5200AS
G5200AS
P850-U
P850-U
P850-U
P850-U
2000 V, 20 pF
Ethernet


Similar Part No. - G5000AS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G500 ETC2-G500 Datasheet
340Kb / 1P
   Pulse Transformers, Suitable for Data Interface
logo
TDK Electronics
G500-10-3P208 TDK-G500-10-3P208 Datasheet
116Kb / 2P
   Programmable Power Supplies
May 03, 2022
G500-10-3P480 TDK-G500-10-3P480 Datasheet
116Kb / 2P
   Programmable Power Supplies
May 03, 2022
logo
Global Mixed-mode Techn...
G5001 GMT-G5001 Datasheet
106Kb / 2P
   300kHz DC-DC Step-Down PWM Controller
logo
List of Unclassifed Man...
G500400225G ETC2-G500400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
More results

Similar Description - G5000AS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4070H3BJ BOURNS-TISP4070H3BJ Datasheet
392Kb / 13P
   Overvoltage Protector Series BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISPL758LF3D BOURNS-TISPL758LF3D_07 Datasheet
290Kb / 7P
   INTEGRATED SYMMETRICAL AND ASYMMETRICAL BIDIRECTIONAL OVERVOLTAGE PROTECTORS
logo
Maxim Integrated Produc...
MAX14571 MAXIM-MAX14571_V01 Datasheet
873Kb / 14P
   Adjustable Overvoltage and Protectors with High Accuracy
2017
logo
Bourns Electronic Solut...
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com