Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEVFK1H330XP Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EEVFK1H330XP
Description  Aluminum Electrolytic Capacitor/FK series Endurance: 2000 to 5000h at105C
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVFK1H330XP Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EEVFK1H330XP Datasheet HTML 1Page - Panasonic Semiconductor EEVFK1H330XP Datasheet HTML 2Page - Panasonic Semiconductor EEVFK1H330XP Datasheet HTML 3Page - Panasonic Semiconductor EEVFK1H330XP Datasheet HTML 4Page - Panasonic Semiconductor EEVFK1H330XP Datasheet HTML 5Page - Panasonic Semiconductor EEVFK1H330XP Datasheet HTML 6Page - Panasonic Semiconductor EEVFK1H330XP Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
■ Frequency Characteristics (Impedance)
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
10000
Frequency (kHz)
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
10000
Frequency (kHz)
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
10000
Frequency (kHz)
EEVFK1C100R (16V10
µF, ø4x5.8)
EEVFK1C220R (16V22µF, ø5x5.8)
EEVFK1C470P (16V47µF, ø6.3x5.8)
EEVFK1C221P (16V220µF, ø8x6.2)
EEVFK1C471P (16V470µF, ø8x10.2)
EEVFK1C681P (16V680µF, ø10x10.2)
at 20
EEVFK1V4R7R (35V4.7µF, ø4x5.8)
EEVFK1V470P (35V47µF, ø6.3x5.8)
EEVFK1V221P (35V220µF, ø8x10.2)
EEVFK1V331P (35V330µF, ø10x10.2)
at 20
at 20
EEVFK1J4R7R (63V4.7
µF, ø5x5.8)
EEVFK1J100P (63V10
µF, ø6.3x5.8)
EEVFK1J330P (63V47
µF, ø8x10.2)
EEVFK1J101P (63V100
µF, ø10x10.2)
EEVFK1J471M (63V470
µF, ø16x16.5)
EEVFK1J681M (63V680µF, ø18x16.5)
EEVFK1C152Q (16V1500µF, ø12.5x13.5)
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
10000
Frequency (kHz)
at 20
EEVFK1K3R3R (80V3.3
µF, ø5x5.8)
EEVFK1K4R7P (80V4.7µF, ø6.3x5.8)
EEVFK1K330P (80V33
µF, ø8x10.2)
EEVFK1K470P (80V47
µF, ø10x10.2)
EEVFK1K331M (80V330
µF, ø16x16.5)
EEVFK1K471M (80V470µF, ø18x16.5)
● 16WV
● 35WV
● 63WV
● 80WV
Aluminum Electrolytic Capacitors/FK Series


Similar Part No. - EEVFK1H330XP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEVFK1H330XP PANASONIC-EEVFK1H330XP Datasheet
117Kb / 6P
   ALUMINUM ELEECTROLYTIC CAPACITORS/FK
EEVFK1H330XP PANASONIC-EEVFK1H330XP Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series
EEVFK1H330XP PANASONIC-EEVFK1H330XP Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series
EEVFK1H330XP PANASONIC-EEVFK1H330XP Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series
EEVFK1H330XP PANASONIC-EEVFK1H330XP Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series
More results

Similar Description - EEVFK1H330XP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEV-FK1V221P PANASONIC-EEV-FK1V221P Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series
EEV-FK1E100R PANASONIC-EEV-FK1E100R Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series
EEV-FK1J680P PANASONIC-EEV-FK1J680P Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series
EEV-FK1C470P PANASONIC-EEV-FK1C470P Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series
EEV-FK1C471P PANASONIC-EEV-FK1C471P Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series
EEV-FK1H221P PANASONIC-EEV-FK1H221P Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series
EEE-FK1J101P PANASONIC-EEE-FK1J101P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1J220P PANASONIC-EEE-FK1J220P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E101XP PANASONIC-EEE-FK1E101XP Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E331GP PANASONIC-EEE-FK1E331GP Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com