Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1117YXXL-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1117YXXL-13
Description  1A DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1117YXXL-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1117YXXL-13 Datasheet HTML 1Page - Diodes Incorporated AP1117YXXL-13 Datasheet HTML 2Page - Diodes Incorporated AP1117YXXL-13 Datasheet HTML 3Page - Diodes Incorporated AP1117YXXL-13 Datasheet HTML 4Page - Diodes Incorporated AP1117YXXL-13 Datasheet HTML 5Page - Diodes Incorporated AP1117YXXL-13 Datasheet HTML 6Page - Diodes Incorporated AP1117YXXL-13 Datasheet HTML 7Page - Diodes Incorporated AP1117YXXL-13 Datasheet HTML 8Page - Diodes Incorporated AP1117YXXL-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AP1117/AP1117I
Document number: DS31009 Rev. 23 - 2
2 of 13
www.diodes.com
June 2013
© Diodes Incorporated
AP1117/AP1117I
Typical Applications Circuit
( 5V/3.3V fixed output )
( 5V/2.5V ADJ output )
)
R
R
(1
V
V
1
2
REF
o
Pin Descriptions
Pin Number
I/O
Pin Name
Function
1
I
Adj (GND)
A resistor divider from this pin to the VOUT pin and ground sets the output voltage (Ground only for
Fixed-Mode).
2
O
VOUT
The output of the regulator. A minimum of 4.7µF capacitor (0.15
Ω ≤ ESR ≤ 0.5Ω) must be connected
from this pin to ground to insure stability.
3
I
VIN
The input pin of regulator. Typically a large storage capacitor is connected from this pin to ground to
insure that the input voltage does not sag below the minimum dropout voltage during the load
transient response. This pin must always be 1.3V higher than VOUT in order for the device to regulate
properly. A minimum of 4.7µF capacitor (0.15
Ω ≤ ESR ≤0.5Ω) must be connected from this pin to
ground to insure stability.
Functional Block Diagram
3
Thermal
Shutdown
1
2
VOUT
Adj
1.25V
+
+
CURRENT
LIMIT
VIN
+
+
1
GND
(FIXED)


Similar Part No. - AP1117YXXL-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1117YXXL-13 DIODES-AP1117YXXL-13 Datasheet
179Kb / 12P
   1A LOW DROPOUT POSITIVE ADJUSTABLE
AP1117 Rev. 19
More results

Similar Description - AP1117YXXL-13

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com